Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT124XIN8 Datasheet(PDF) 11 Page - Linear Technology

Part # LT124XIN8
Description  High Speed Current Mode Pulse Width Modulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT124XIN8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT124XIN8 Datasheet HTML 7Page - Linear Technology LT124XIN8 Datasheet HTML 8Page - Linear Technology LT124XIN8 Datasheet HTML 9Page - Linear Technology LT124XIN8 Datasheet HTML 10Page - Linear Technology LT124XIN8 Datasheet HTML 11Page - Linear Technology LT124XIN8 Datasheet HTML 12Page - Linear Technology LT124XIN8 Datasheet HTML 13Page - Linear Technology LT124XIN8 Datasheet HTML 14Page - Linear Technology LT124XIN8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1241 Series
S
APPLICATI
TYPICAL
LT1241 • TA01
5V REF
OSCILLATOR
EXTERNAL
SYNC
INPUT
0.01
µF
47
CT
D1
RT
RT/CT
VREF
D1 IS REQUIRED IF THE SYNC AMPLITUDE IS LARGE
ENOUGH TO PULL THE BOTTOM OF CT MORE THAN
300mV BELOW GROUND.
8
4
+
+
+
1
2
+
3
LT1241 • TA02
R
VREF
FB
COMP
ISENSE
C
2.5V
2R
R
1V
1.5V
1mA
5.6V
8
5V REF
+
+
2
+
4
1
8
7
5
6
LT1241 • TA03
FB
COMP
RT/CT
VREF
VIN
RS
R2
C
R1
VCLAMP
1.67
R2
+ 1
R1
(
(
IPK (MAX)
VCLAMP
RS
WHERE: 0V
≤ V
CLAMP ≤ 1.0V
tSOFT START = –ln 1 –
VC
C
R1 R2
3 • VCLAMP
R1 + R2
ISENSE
2.5V
2R
R
1V
1.5V
BLANKING
1mA
5.6V
OSCILLATOR
R
S
18V
VCC
UV
LOCKOUT
GND
OUTPUT
5V REF
MAIN BIAS
REFERENCE PULL-DOWN
OUTPUT
PULL-DOWN
REFERENCE ENABLE
T
3
100k
External Clock Synchronization
Soft Start
Adjustable Clamp Level with Soft Start


Similar Part No. - LT124XIN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT124XIN8 LINER-LT124XIN8 Datasheet
331Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT124XIN8 LINER-LT124XIN8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT124XIN8 LINER-LT124XIN8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT124XIN8 LINER-LT124XIN8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Integrated Syste...
LT124XIN8 LINEAR-LT124XIN8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
More results

Similar Description - LT124XIN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1244IN8 LINER-LT1244IN8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT1244CN8 LINER-LT1244CN8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT1241 LINER-LT1241 Datasheet
331Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Integrated Syste...
LT1241IS8 LINEAR-LT1241IS8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Technology
LT1245IN8 LINER-LT1245IN8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Integrated Syste...
LT1242IS8 LINEAR-LT1242IS8 Datasheet
277Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Technology
LT1241 LINER-LT1241_15 Datasheet
295Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Integrated Syste...
LT1242CS8 LINEAR-LT1242CS8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Seme LAB
IP1842 SEME-LAB-IP1842 Datasheet
43Kb / 6P
   CURRENT MODE REGULATING PULSE WIDTH MODULATORS
IP1844 SEME-LAB-IP1844 Datasheet
58Kb / 6P
   CURRENT MODE REGULATING PULSE WIDTH MODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com