Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB6N60 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MTB6N60
Description  TMOS POWER FET 6.0 AMPERES 600 VOLTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTB6N60 Datasheet(HTML) 2 Page - Motorola, Inc

  MTB6N60 Datasheet HTML 1Page - Motorola, Inc MTB6N60 Datasheet HTML 2Page - Motorola, Inc MTB6N60 Datasheet HTML 3Page - Motorola, Inc MTB6N60 Datasheet HTML 4Page - Motorola, Inc MTB6N60 Datasheet HTML 5Page - Motorola, Inc MTB6N60 Datasheet HTML 6Page - Motorola, Inc MTB6N60 Datasheet HTML 7Page - Motorola, Inc MTB6N60 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MTB6N60E1
2
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 250 µAdc)
Temperature Coefficient (Positive)
V(BR)DSS
600
689
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 600 Vdc, VGS = 0 Vdc)
(VDS = 600 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
1.0
50
µAdc
Gate–Body Leakage Current (VGS = ± 20 Vdc, VDS = 0 Vdc)
IGSS
100
nAdc
ON CHARACTERISTICS (1)
Gate Threshold Voltage
(VDS = VGS, ID = 250 µAdc)
Temperature Coefficient (Negative)
VGS(th)
2.0
3.0
7.1
4.0
Vdc
mV/
°C
Static Drain–to–Source On–Resistance (VGS = 10 Vdc, ID = 3.0 Adc)
RDS(on)
0.94
1.2
Ohms
Drain–to–Source On–Voltage
(VGS = 10 Vdc, ID = 6.0 Adc)
(VGS = 10 Vdc, ID = 3.0 Adc, TJ = 125°C)
VDS(on)
6.0
8.6
7.6
Vdc
Forward Transconductance (VDS = 15 Vdc, ID = 3.0 Adc)
gFS
2.0
5.5
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
25 Vdc V
0 Vdc
Ciss
1498
2100
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
158
217
Reverse Transfer Capacitance
f = 1.0 MHz)
Crss
29
56
SWITCHING CHARACTERISTICS (2)
Turn–On Delay Time
(V
300 Vd
I
6 0 Ad
td(on)
14
30
ns
Rise Time
(VDS = 300 Vdc, ID = 6.0 Adc,
VGS =10Vdc
tr
19
40
Turn–Off Delay Time
VGS = 10 Vdc,
RG = 9.1 Ω)
td(off)
40
80
Fall Time
G
)
tf
26
50
Gate Charge
(V
300 Vd
I
6 0 Ad
QT
35.5
50
nC
(VDS = 300 Vdc, ID = 6.0 Adc,
Q1
8.1
( DS
, D
,
VGS = 10 Vdc)
Q2
14.1
Q3
15.8
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage (1)
(IS = 6.0 Adc, VGS = 0 Vdc)
(IS = 6.0 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
0.83
0.72
1.5
Vdc
Reverse Recovery Time
(I
6 0 Ad
V
0 Vd
trr
266
ns
(IS = 6.0 Adc, VGS = 0 Vdc,
ta
166
( S
,
GS
,
dIS/dt = 100 A/µs)
tb
100
Reverse Recovery Stored Charge
QRR
2.5
µC
INTERNAL PACKAGE INDUCTANCE
Internal Drain Inductance
(Measured from the drain lead 0.25
″ from package to center of die)
LD
4.5
nH
Internal Source Inductance
(Measured from the source lead 0.25
″ from package to source bond pad)
LS
7.5
nH
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperature.


Similar Part No. - MTB6N60

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTB6N60 MOTOROLA-MTB6N60 Datasheet
192Kb / 10P
   TMOS POWER FET 6.0 AMPERES 600 VOLTS
MTB6N60E MOTOROLA-MTB6N60E Datasheet
192Kb / 10P
   TMOS POWER FET 6.0 AMPERES 600 VOLTS
logo
ON Semiconductor
MTB6N60E1 ONSEMI-MTB6N60E1 Datasheet
214Kb / 7P
   High Energy PowerFET
August, 2006 ??Rev. 2
More results

Similar Description - MTB6N60

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTB6N60E MOTOROLA-MTB6N60E Datasheet
192Kb / 10P
   TMOS POWER FET 6.0 AMPERES 600 VOLTS
MTP6N60E MOTOROLA-MTP6N60E Datasheet
156Kb / 8P
   TMOS POWER FET 6.0 AMPERES 600 VOLTS RDS(on) = 1.2 OHMS
MTB2N60E MOTOROLA-MTB2N60E Datasheet
271Kb / 10P
   TMOS POWER FET 2.0 AMPERES 600 VOLTS
MTB3N60E MOTOROLA-MTB3N60E Datasheet
74Kb / 4P
   TMOS POWER FET 3.0 AMPERES 600 VOLTS
MMFT6N03HD MOTOROLA-MMFT6N03HD Datasheet
74Kb / 4P
   TMOS POWER 6.0 AMPERES 30 VOLTS
MTD6N20E MOTOROLA-MTD6N20E Datasheet
269Kb / 10P
   TMOS POWER FET 6.0 AMPERES 200 VOLTS RDS(on) = 0.7 OHM
MTD6P10E MOTOROLA-MTD6P10E Datasheet
261Kb / 10P
   TMOS POWER FET 6.0 AMPERES 100 VOLTS RDS(on) = 0.66 OHM
MTD6N15 MOTOROLA-MTD6N15 Datasheet
231Kb / 10P
   TMOS POWER FET 6.0 AMPERES 150 VOLTS RDS(on) = 0.3 OHM
MTP2P50E MOTOROLA-MTP2P50E Datasheet
230Kb / 8P
   TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 6.0 OHM
MTD6N10E MOTOROLA-MTD6N10E Datasheet
211Kb / 10P
   TMOS POWER FET 6.0 AMPERES 100 VOLTS RDS(on) = 0.400 OHM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com