Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NM25W040LMT8 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # NM25W040LMT8
Description  4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM25W040LMT8 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button NM25W040LMT8 Datasheet HTML 2Page - Fairchild Semiconductor NM25W040LMT8 Datasheet HTML 3Page - Fairchild Semiconductor NM25W040LMT8 Datasheet HTML 4Page - Fairchild Semiconductor NM25W040LMT8 Datasheet HTML 5Page - Fairchild Semiconductor NM25W040LMT8 Datasheet HTML 6Page - Fairchild Semiconductor NM25W040LMT8 Datasheet HTML 7Page - Fairchild Semiconductor NM25W040LMT8 Datasheet HTML 8Page - Fairchild Semiconductor NM25W040LMT8 Datasheet HTML 9Page - Fairchild Semiconductor NM25W040LMT8 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
www.fairchildsemi.com
NM25C040 Rev. D.1
Functional Description (Continued)
READ SEQUENCE: Reading the memory via the serial SPI link
requires the following sequence. The CS line is pulled low to select
the device. The READ op-code (which includes A8) is transmitted
on the SI line followed by the byte address (A7–A0) to be read.
After this is done, data on the SI line becomes don’t care. The data
(D7–D0) at the address specified is then shifted out on the SO line.
If only one byte is to be read, the CS line can be pulled back to the
high level. It is possible to continue the READ sequence as the
byte adress is automatically incremented and data will continue to
be shifted out. When the highest address is reached (1FF), the
address counter rolls over to lowest address (000) allowing the
entire memory to be read in one continuous READ cycle. See
Figure 6.
Level
Status Register Bits
Array
Address
BP1
BP0
Protected
0
0
0
None
1
0
1
180-1FF
2
1
0
100-1FF
3
1
1
000-1FF
WRITE ENABLE (WREN): When VCC is applied to the chip, it
“powers up” in the write disable state. Therefore, all programming
modes must be preceded by a WRITE ENABLE (WREN) instruc-
tion. At the completion of a WRITE or WRSR cycle the device is
automatically returned to the write disable state. Note that a
WRITE DISABLE (WRDI) instruction will also return the device to
the write disable state. See Figure 8.
FIGURE 8. Write Enable


CS
SI
SO
WREN Op-Code
DS012401-10
WRITE DISABLE (WRDI): To protect against accidental data
disturbance the WRITE DISABLE (WRDI) instruction disables all
programming modes. See Figure 9.
FIGURE 9. Write Disable


CS
SI
SO
WRDI Op-Code
DS012401-11
TABLE 3. Block Write Protection Levels
FIGURE 6. Read Sequence
FIGURE 7. Read Status


CS
SI
SO
Read
Op-Code
Byte
Addr.
Data
n
Data
n+1
Data
n+2
Data
n+3


CS
SI
SO
RDSR
Op-Code
SR Data
MSB…LSB
DS012401-8
DS012401-9
READ STATUS REGISTER (RDSR) : The Read Status Register
(RDSR) instruction provides access to the status register is used
to interrogate the READY/BUSY and WRITE ENABLE status of
the chip. Two non-volatile status register bits are used to select
one of four levels of BLOCK WRITE PROTECTION. The status
register format is shown in Table 2.
TABLE 2. Status Register Format
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
7
6
54
32
1
0
X
X
X
X
BP1
BP0
WEN
RDY
X = Don't Care.
Status register Bit 0 = 0 (RDY) indicates that the device is READY;
Bit 0 = 1 indicates that a program cycle is in progress. Bit 1 = 0
(WEN) indicates that the device is not WRITE ENABLED; Bit 1 =
1 indicates that the device is WRITE ENABLED. Non-volatile
status register Bits 2 and 3 (BP0 and BP1) indicate the level of
BLOCK WRITE PROTECTION selected. The block write protec-
tion levels and corresponding status register control bits are
shown in Table 3. Note that if a RDSR instruction is executed
during a programming cycle only the RDY bit is valid. All
other bits are 1s. See Figure 7.
WRITE SEQUENCE: To program the device, the WRITE PRO-
TECT (WP) pin must be held high and two separate instructions
must be executed. The chip must first be write enabled via the
WRITE ENABLE instruction and then a WRITE instruction must
be executed. Moreover, the address of the memory location(s) to
be programmed must be outside the protected address field
selected by the Block Write Protection Level. See Table 3.
A WRITE command requires the following sequence. The CS line
is pulled low to select the device, then the WRITE op-code (which
includes A8) is transmitted on the SI line followed by the high order
address byte (A10-A8) and the byte address(A7–A0) and the
corresponding data (D7-D0) to be written. Programming will start
after the CS pin is forced back to a high level. Note that the LOW
to HIGH transition of the CS pin must occur during the SCK low time
immediately after clocking in the D0 data bit. See Figure 10.


Similar Part No. - NM25W040LMT8

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NM2520N1R0M-T TAIYO-YUDEN-NM2520N1R0M-T Datasheet
136Kb / 1P
   Multilayer Chip Power Inductors (CK series P type/NM series)
NM2520V1R0M-T TAIYO-YUDEN-NM2520V1R0M-T Datasheet
142Kb / 1P
   Multilayer Chip Power Inductors (CK series P type/NM series)
NM2520V2R2M-T TAIYO-YUDEN-NM2520V2R2M-T Datasheet
142Kb / 1P
   Multilayer Chip Power Inductors (CK series P type/NM series)
logo
Fairchild Semiconductor
NM25C020 FAIRCHILD-NM25C020 Datasheet
108Kb / 10P
   2K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C041 FAIRCHILD-NM25C041 Datasheet
79Kb / 10P
   4K-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface (SPI?? Synchronous Bus)
More results

Similar Description - NM25W040LMT8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM25C041 FAIRCHILD-NM25C041 Datasheet
79Kb / 10P
   4K-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface (SPI?? Synchronous Bus)
NM25C160 FAIRCHILD-NM25C160 Datasheet
100Kb / 10P
   16K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C020 FAIRCHILD-NM25C020 Datasheet
108Kb / 10P
   2K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C640 FAIRCHILD-NM25C640 Datasheet
93Kb / 10P
   64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
logo
National Semiconductor ...
NM25C04L NSC-NM25C04L Datasheet
177Kb / 12P
   4096-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface Synchronous Bus)
logo
Fairchild Semiconductor
FM25C040U FAIRCHILD-FM25C040U Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C041U FAIRCHILD-FM25C041U Datasheet
103Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
NM93C66A FAIRCHILD-NM93C66A Datasheet
111Kb / 13P
   4K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C66A FAIRCHILD-FM93C66A Datasheet
117Kb / 13P
   4K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
25LC040P MICROCHIP-25LC040P Datasheet
421Kb / 22P
   4K SPI Bus Serial EEPROM
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com