Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5162BRM2.5 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5162BRM2.5
Description  Dual, 256-Position, SPI Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5162BRM2.5 Datasheet(HTML) 1 Page - Analog Devices

  AD5162BRM2.5 Datasheet HTML 1Page - Analog Devices AD5162BRM2.5 Datasheet HTML 2Page - Analog Devices AD5162BRM2.5 Datasheet HTML 3Page - Analog Devices AD5162BRM2.5 Datasheet HTML 4Page - Analog Devices AD5162BRM2.5 Datasheet HTML 5Page - Analog Devices AD5162BRM2.5 Datasheet HTML 6Page - Analog Devices AD5162BRM2.5 Datasheet HTML 7Page - Analog Devices AD5162BRM2.5 Datasheet HTML 8Page - Analog Devices AD5162BRM2.5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Dual, 256-Position, SPI
Digital Potentiometer
AD5162
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2003–2010 Analog Devices, Inc. All rights reserved.
FEATURES
2-channel, 256-position potentiometer
End-to-end resistance: 2.5 kΩ, 10 kΩ, 50 kΩ, and 100 kΩ
Compact 10-lead MSOP (3 mm × 4.9 mm) package
Fast settling time: t
S = 5 µs typical on power-up
Full read/write of wiper register
Power-on preset to midscale
Computer software replaces microcontroller in factory
programming applications
Single supply: 2.7 V to 5.5 V
Low temperature coefficient: 35 ppm/°C
Low power: IDD = 6 µA maximum
Wide operating temperature: −40°C to +125°C
Evaluation board available
Qualified for automotive applications
APPLICATIONS
Systems calibrations
Electronics level settings
Mechanical trimmers replacement in new designs
Permanent factory PCB setting
Transducer adjustment of pressure, temperature, position,
chemical, and optical sensors
RF amplifier biasing
Automotive electronics adjustment
Gain control and offset adjustment
FUNCTIONAL BLOCK DIAGRAM
A1
A = 0
A = 1
VDD
GND
SDI
CLK
CS
W1
WIPER
REGISTER 1
SPI INTERFACE
AD5162
B1
W2
WIPER
REGISTER 2
B2
Figure 1.
GENERAL DESCRIPTION
The AD5162 provides a compact 3 mm × 4.9 mm packaged
solution for dual, 256-position adjustment applications. This
device performs the same electronic adjustment function as a
3-terminal mechanical potentiometer. Available in four end-to-
end resistance values (2.5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ), this low
temperature coefficient device is ideal for high accuracy and
stability-variable resistance adjustments. The wiper settings are
controllable through an SPI digital interface. The resistance
between the wiper and either endpoint of the fixed resistor
varies linearly with respect to the digital code transferred into
the RDAC latch.1
Operating from a 2.7 V to 5.5 V power supply and consuming
less than 6 µA allows the AD5162 to be used in portable battery-
operated applications.
For applications that program the AD5162 at the factory,
Analog Devices offers device programming software running
on Windows® NT/2000/XP operating systems. This software
effectively replaces the need for external SPI controllers, which
in turn enhances the time to market of systems. An AD5162
evaluation kit and software are available. The kit includes a
cable and instruction manual.
1 The terms digital potentiometer, VR, and RDAC are used interchangeably.


Similar Part No. - AD5162BRM2.5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5162BRM2.5 AD-AD5162BRM2.5 Datasheet
960Kb / 20P
   Dual 256-Position SPI Digital Potentiometer
REV. A
AD5162BRM2.5-RL7 AD-AD5162BRM2.5-RL7 Datasheet
960Kb / 20P
   Dual 256-Position SPI Digital Potentiometer
REV. A
More results

Similar Description - AD5162BRM2.5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162 Datasheet
960Kb / 20P
   Dual 256-Position SPI Digital Potentiometer
REV. A
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. C
AD5160 AD-AD5160_09 Datasheet
467Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5160BRJ100 AD-AD5160BRJ100 Datasheet
485Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
logo
ON Semiconductor
CAT5172 ONSEMI-CAT5172 Datasheet
179Kb / 10P
   256-Position SPI Compatible Digital Potentiometer
May, 2009 ??Rev. 0
logo
Analog Devices
AD5160 AD-AD5160 Datasheet
847Kb / 16P
   256-Position SPI Compatible Digital Potentiometer
REV. 0
AD5160BRJ50 AD-AD5160BRJ50 Datasheet
467Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com