Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1765ES8 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1765ES8
Description  Monolithic 3A, 1.25MHz Step-Down Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1765ES8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1765ES8 Datasheet HTML 7Page - Linear Technology LT1765ES8 Datasheet HTML 8Page - Linear Technology LT1765ES8 Datasheet HTML 9Page - Linear Technology LT1765ES8 Datasheet HTML 10Page - Linear Technology LT1765ES8 Datasheet HTML 11Page - Linear Technology LT1765ES8 Datasheet HTML 12Page - Linear Technology LT1765ES8 Datasheet HTML 13Page - Linear Technology LT1765ES8 Datasheet HTML 14Page - Linear Technology LT1765ES8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT1765/LT1765-1.8/LT1765-2.5/
LT1765-3.3/LT1765-5
11
1765fd
APPLICATIONS INFORMATION
An internal comparator will force the part into shutdown
below the minimum VIN of 2.6V. This feature can be used
to prevent excessive discharge of battery-operated sys-
tems. If an adjustable UVLO threshold is required, the
shutdown pin can be used. The threshold voltage of the
shutdown pin comparator is 1.33V. A 3μA internal current
source defaults the open pin condition to be operating (see
Typical Performance Graphs). Current hysteresis is added
above the SHDN threshold. This can be used to set voltage
hysteresis of the UVLO using the following:
R
VV
A
R
V
VV
R
A
HL
H
1
7
2
133
133
1
3
=
μ
=
()
.
.
VH – Turn-on threshold
VL – Turn-off threshold
Example: switching should not start until the input is above
4.75V and is to stop if the input falls below 3.75V.
VH = 4.75V
VL = 3.75V
R
VV
A
k
R
V
VV
k
A
k
1
475
3 75
7
143
2
133
475
1 33
143
3
49 4
=
μ
=
=
()
=
..
.
..
.
Keep the connections from the resistors to the SHDN
pin short and make sure that the interplane or surface
capacitance to the switching nodes are minimized. If high
resistor values are used, the SHDN pin should be bypassed
with a 1nF capacitor to prevent coupling problems from
the switch node.
SYNCHRONIZATION
The SYNC pin is used to synchronize the internal oscilla-
tor to an external signal. The SYNC input must pass from
a logic level low, through the maximum synchronization
threshold with a duty cycle between 20% and 80%. The
input can be driven directly from a logic level output. The
synchronizing range is equal to initial operating frequency
up to 2MHz. This means that minimum practical sync
frequency is equal to the worst-case high self-oscillating
frequency (1.6MHz), not the typical operating frequency
of 1.25MHz. Caution should be used when synchronizing
above 1.8MHz because at higher sync frequencies the
amplitude of the internal slope compensation used to
prevent subharmonic switching is reduced. This type of
subharmonic switching only occurs at input voltages less
than twice output voltage. Higher inductor values will tend
to eliminate this problem. See Frequency Compensation
section for a discussion of an entirely different cause of
subharmonic switching before assuming that the cause is
insufficient slope compensation. Application Note 19 has
more details on the theory of slope compensation.
LAYOUT CONSIDERATIONS
As with all high frequency switchers, when considering
layout, care must be taken in order to achieve optimal
electrical, thermal and noise performance. For maximum
efficiency, switch rise and fall times are typically in the
nanosecond range. To prevent noise both radiated and
conducted, the high speed switching current path, shown
in Figure 5, must be kept as short as possible. Shortening
this path will also reduce the parasitic trace inductance
of approximately 25nH/inch. At switch off, this parasitic
inductance produces a flyback spike across the LT1765
switch. When operating at higher currents and input volt-
ages, with poor layout, this spike can generate voltages
across the LT1765 that may exceed its absolute maximum
Figure 5. High Speed Switching Path
1765 F05
5V
L1
SW
VIN
LT1765
D1
C1
C3
VIN
HIGH
FREQUENCY
CIRCULATING
PATH
LOAD


Similar Part No. - LT1765ES8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1765ES8 LINER-LT1765ES8 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
More results

Similar Description - LT1765ES8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1765-5 LINER-LT1765-5_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765 LINER-LT1765 Datasheet
247Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765ES8 LINER-LT1765ES8 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765 LINER-LT1765_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765-1.8 LINER-LT1765-1.8_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765-2.5 LINER-LT1765-2.5_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765-3.3 LINER-LT1765-3.3_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
logo
Semtech Corporation
SC4517A SEMTECH-SC4517A Datasheet
269Kb / 15P
   1.25MHz, 1.5A Step-Down Switching Regulator
logo
Linear Technology
LT1767 LINER-LT1767 Datasheet
242Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-5 LINER-LT1767-5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com