Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1962EMS8-2.5 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1962EMS8-2.5
Description  300mA, Low Noise, Micropower LDO Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1962EMS8-2.5 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1962EMS8-2.5 Datasheet HTML 4Page - Linear Technology LT1962EMS8-2.5 Datasheet HTML 5Page - Linear Technology LT1962EMS8-2.5 Datasheet HTML 6Page - Linear Technology LT1962EMS8-2.5 Datasheet HTML 7Page - Linear Technology LT1962EMS8-2.5 Datasheet HTML 8Page - Linear Technology LT1962EMS8-2.5 Datasheet HTML 9Page - Linear Technology LT1962EMS8-2.5 Datasheet HTML 10Page - Linear Technology LT1962EMS8-2.5 Datasheet HTML 11Page - Linear Technology LT1962EMS8-2.5 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1962 Series
SHDN Pin Threshold (On-to-Off)
TEMPERATURE (
°C)
–50
0
0.1
0.3
0.4
0.5
1.0
0.7
0
50
75
1962 G34
0.2
0.8
0.9
0.6
–25
25
100
125
IL = 1mA
SHDN Pin Input Current
ADJ Pin Bias Current
Current Limit
SHDN Pin Input Current
SHDN Pin Threshold (Off-to-On)
Current Limit
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
0
0.1
0.3
0.4
0.5
1.0
0.7
0
50
75
1962 G35
0.2
0.8
0.9
0.6
–25
25
100
125
IL = 1mA
IL = 300mA
SHDN PIN VOLTAGE (V)
0
0
0.2
0.6
0.8
1.0
1.4
1
5
7
1962 G36
0.4
1.2
4
9
10
2
3
68
TEMPERATURE (
°C)
–50
1.4
25
1962 G37
0.8
0.4
–25
0
50
0.2
0
1.6
1.2
1.0
0.6
75
100
125
VSHDN = 20V
TEMPERATURE (
°C)
–50
20
25
35
25
75
1962 G38
15
10
–25
0
50
100
125
5
0
30
INPUT VOLTAGE (V)
0
0
0.1
0.3
0.4
0.5
1.0
0.7
2
4
5
1962 G39
0.2
0.8
0.9
0.6
1
3
6
7
VOUT = 0V
TEMPERATURE (
°C)
–50
0.8
1.0
1.2
25
75
1962 G40
0.6
0.4
–25
0
50
100
125
0.2
0
VIN = 7V
VOUT = 0V
OUTPUT VOLTAGE (V)
01
30
40
50
60
70
80
90
100
89
7
1962 F07
20
10
0
23
4
6
5
10
LT1962
LT1962-5
TJ = 25°C
VIN = 0V
CURRENT FLOWS
INTO OUTPUT PIN
VOUT = VADJ (LT1962)
LT1962-1.5
LT1962-1.8
LT1962-2.5
LT1962-3
LT1962-3.3
Reverse Output Current
Reverse Output Current
TEMPERATURE (
°C)
–50
20
25
30
25
75
1962 G42
15
10
–25
0
50
100
125
5
0
VIN = 0V
VOUT = 1.22V (LT1962)
VOUT = 1.5V (LT1962-1.5)
VOUT = 1.8V (LT1962-1.8)
VOUT = 2.5V (LT1962-2.5)
VOUT = 3V (LT1962-3)
VOUT = 3.3V (LT1962-3.3)
VOUT = 5V (LT1962-5)
LT1962
LT1962-1.5/-1.8/-2.5/-3/-3.3/-5


Similar Part No. - LT1962EMS8-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1962EMS8-2.5 LINER-LT1962EMS8-2.5 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-2.5 LINER-LT1962EMS8-2.5 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-2.5 LINER-LT1962EMS8-2.5 Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
More results

Similar Description - LT1962EMS8-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
   300mA, Low Noise, Micropower LDO Regulators
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
G924 GMT-G924 Datasheet
427Kb / 9P
   300mA Low-Noise LDO Regulators
G982 GMT-G982 Datasheet
83Kb / 1P
   300mA Low-Noise LDO Regulators
G924 GMT-G924_15 Datasheet
111Kb / 2P
   300mA Low-Noise LDO Regulators
logo
Silicon Standard Corp.
SS8014 SSC-SS8014 Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
logo
Linear Technology
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com