Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1956IFE-5 Datasheet(PDF) 9 Page - Linear Technology

Part # 1956IFE-5
Description  High Voltage, 1.5A, 500kHz Step-Down
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1956IFE-5 Datasheet(HTML) 9 Page - Linear Technology

Back Button 1956IFE-5 Datasheet HTML 5Page - Linear Technology 1956IFE-5 Datasheet HTML 6Page - Linear Technology 1956IFE-5 Datasheet HTML 7Page - Linear Technology 1956IFE-5 Datasheet HTML 8Page - Linear Technology 1956IFE-5 Datasheet HTML 9Page - Linear Technology 1956IFE-5 Datasheet HTML 10Page - Linear Technology 1956IFE-5 Datasheet HTML 11Page - Linear Technology 1956IFE-5 Datasheet HTML 12Page - Linear Technology 1956IFE-5 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
LT1956/LT1956-5
1956f
Figure 2. Frequency and Current Limit Foldback
with high input voltage. High frequency pickup will in-
crease and the protection accorded by frequency and
current foldback will decrease.
CHOOSING THE INDUCTOR
For most applications, the output inductor will fall into the
range of 5
µH to 30µH. Lower values are chosen to reduce
physical size of the inductor. Higher values allow more
output current because they reduce peak current seen by
the LT1956 switch, which has a 1.5A limit. Higher values
also reduce output ripple voltage.
When choosing an inductor you will need to consider
output ripple voltage, maximum load current, peak induc-
tor current and fault current in the inductor. In addition,
other factors such as core and copper losses, allowable
component height, EMI, saturation and cost should also
be considered. The following procedure is suggested as a
way of handling these somewhat complicated and con-
flicting requirements.
Output Ripple Voltage
Figure 3 shows a comparison of output ripple voltage for
the LT1956 using either a tantalum or ceramic output
capacitor. It can be seen from Figure 3 that output ripple
voltage can be significantly reduced by using the ceramic
output capacitor; the significant decrease in output ripple
voltage is due to the very low ESR of ceramic capacitors.
+
1.2V
BUFFER
VSW
L1
VC
GND
TO SYNC CIRCUIT
1956 F02
TO FREQUENCY
SHIFTING
R3
1k
R4
2k
R1
C1
R2
OUTPUT
5V
ERROR
AMPLIFIER
FB
1.4V
Q1
LT1956
Q2
+
APPLICATIO S I FOR ATIO
Output ripple voltage is determined by ripple current
(ILP-P) through the inductor and the high frequency
impedance of the output capacitor. At high frequencies,
the impedance of the tantalum capacitor is dominated by
its effective series resistance (ESR).
Tantalum Output Capacitor
The typical method for reducing output ripple voltage
when using a tantalum output capacitor is to increase the
inductor value (to reduce the ripple current in the induc-
tor). The following equations will help in choosing the
required inductor value to achieve a desirable output ripple
voltage level. If output ripple voltage is of less importance,
the subsequent suggestions in Peak Inductor and Fault
Current and EMI will additionally help in the selection of
the inductor value.
Figure 3. LT1956 Output Ripple Voltage Waveforms.
Ceramic vs Tantalum Output Capacitors
1
µs/DIV
10mV/DIV
VOUT USING
22
µF CERAMIC
OUTPUT
CAPACITOR
VOUT USING
100
µF, 0.08Ω
TANTALUM
OUTPUT
CAPACITOR
10mV/DIV
VIN = 12V
VOUT = 5V
L = 15
µH
1956 F03


Similar Part No. - 1956IFE-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
1956IFE-5 LINER-1956IFE-5 Datasheet
288Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down
More results

Similar Description - 1956IFE-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1956EFE-5 LINER-LT1956EFE-5 Datasheet
288Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down
logo
National Semiconductor ...
LM1572 NSC-LM1572 Datasheet
584Kb / 17P
   1.5A, 500kHz Step-down Voltage Regulator
logo
Linear Technology
LT1956-5 LINER-LT1956-5_15 Datasheet
314Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1956 LINER-LT1956_15 Datasheet
314Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1956 LINER-LT1956 Datasheet
305Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1375 LINER-LT1375_15 Datasheet
511Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
LT1376 LINER-LT1376_15 Datasheet
511Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
LT1375 LINER-LT1375 Datasheet
232Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
LT1977 LINER-LT1977_15 Datasheet
331Kb / 24P
   High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1977 LINER-LT1977 Datasheet
274Kb / 24P
   High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100uA Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com