Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1956IFE-5 Datasheet(PDF) 5 Page - Linear Technology

Part # 1956IFE-5
Description  High Voltage, 1.5A, 500kHz Step-Down
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1956IFE-5 Datasheet(HTML) 5 Page - Linear Technology

  1956IFE-5 Datasheet HTML 1Page - Linear Technology 1956IFE-5 Datasheet HTML 2Page - Linear Technology 1956IFE-5 Datasheet HTML 3Page - Linear Technology 1956IFE-5 Datasheet HTML 4Page - Linear Technology 1956IFE-5 Datasheet HTML 5Page - Linear Technology 1956IFE-5 Datasheet HTML 6Page - Linear Technology 1956IFE-5 Datasheet HTML 7Page - Linear Technology 1956IFE-5 Datasheet HTML 8Page - Linear Technology 1956IFE-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
LT1956/LT1956-5
1956f
Switching Frequency
BOOST Pin Current
VC Pin Shutdown Threshold
Minimum Input Voltage with 5V
Output
Switch Voltage Drop
TYPICAL PERFOR A CE CHARACTERISTICS
JUNCTION TEMPERATURE (
°C)
–50
50
100
1956 G10
0
25
75
575
550
525
500
475
450
425
–25
125
LOAD CURRENT (A)
0
1956 G11
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
7.5
7.0
6.5
6.0
5.5
5.0
MINIMUM INPUT
VOLTAGE TO START
MINIMUM INPUT
VOLTAGE TO RUN
VOUT = 5V
L = 18
µH
SWITCH CURRENT (A)
0
0.5
1
1.5
1956 G12
45
40
35
30
25
20
15
10
5
0
JUNCTION TEMPERATURE (
°C)
–50
1.5
1.7
2.1
25
75
1956 G13
1.3
1.1
–25
0
50
100
125
0.9
0.7
1.9
SWITCH CURRENT (A)
0
0.5
1
1.5
1766 G14
450
400
350
300
250
200
150
100
50
0
TJ = 125°C
TJ = 25°C
TJ = –40°C
JUNCTION TEMPERATURE (
°C)
–50
50
100
1956 G15
0
25
75
600
500
400
300
200
100
0
–25
125
Switch Minimum ON Time
vs Temperature


Similar Part No. - 1956IFE-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
1956IFE-5 LINER-1956IFE-5 Datasheet
288Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down
More results

Similar Description - 1956IFE-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1956EFE-5 LINER-LT1956EFE-5 Datasheet
288Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down
logo
National Semiconductor ...
LM1572 NSC-LM1572 Datasheet
584Kb / 17P
   1.5A, 500kHz Step-down Voltage Regulator
logo
Linear Technology
LT1956-5 LINER-LT1956-5_15 Datasheet
314Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1956 LINER-LT1956_15 Datasheet
314Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1956 LINER-LT1956 Datasheet
305Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1375 LINER-LT1375_15 Datasheet
511Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
LT1376 LINER-LT1376_15 Datasheet
511Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
LT1375 LINER-LT1375 Datasheet
232Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
LT1977 LINER-LT1977_15 Datasheet
331Kb / 24P
   High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1977 LINER-LT1977 Datasheet
274Kb / 24P
   High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100uA Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com