Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1962EMS8-3.3 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1962EMS8-3.3
Description  300mA, Low Noise, Micropower LDO Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1962EMS8-3.3 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1962EMS8-3.3 Datasheet HTML 7Page - Linear Technology LT1962EMS8-3.3 Datasheet HTML 8Page - Linear Technology LT1962EMS8-3.3 Datasheet HTML 9Page - Linear Technology LT1962EMS8-3.3 Datasheet HTML 10Page - Linear Technology LT1962EMS8-3.3 Datasheet HTML 11Page - Linear Technology LT1962EMS8-3.3 Datasheet HTML 12Page - Linear Technology LT1962EMS8-3.3 Datasheet HTML 13Page - Linear Technology LT1962EMS8-3.3 Datasheet HTML 14Page - Linear Technology LT1962EMS8-3.3 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1962 Series
Figure 1. Kelvin Sense Connection
IN
SHDN
1962 F01
RP
OUT
VIN
SENSE
GND
LT1962
RP
4
2
1
5
8
+
+
LOAD
PI FU CTIO S
pin. The ADJ pin voltage is 1.22V referenced to ground and
the output voltage range is 1.22V to 20V.
BYP (Pin 3): Bypass. The BYP pin is used to bypass the
reference of the LT1962 to achieve low noise performance
from the regulator. The BYP pin is clamped internally to
±0.6V (one VBE). A small capacitor from the output to this
pin will bypass the reference to lower the output voltage
noise. A maximum value of 0.01
µF can be used for
reducing output voltage noise to a typical 20
µVRMS over a
10Hz to 100kHz bandwidth. If not used, this pin must be
left unconnected.
GND (Pin 4): Ground.
SHDN (Pin 5): Shutdown. The SHDN pin is used to put the
LT1962 regulators into a low power shutdown state. The
output will be off when the SHDN pin is pulled low. The
SHDN pin can be driven either by 5V logic or open-
collector logic with a pull-up resistor. The pull-up resistor
is required to supply the pull-up current of the open-
collector gate, normally several microamperes, and the
SHDN pin current, typically 1
µA. If unused, the SHDN pin
must be connected to VIN. The device will not function if
the SHDN pin is not connected.
NC (Pins 6, 7): No Connect. These pins are not internally
connected. For improved power handling capabilities,
these pins can be connected to the PC board.
IN (Pin 8): Input. Power is supplied to the device through
the IN pin. A bypass capacitor is required on this pin if the
device is more than six inches away from the main input
filter capacitor. In general, the output impedance of a
battery rises with frequency, so it is advisable to include a
bypass capacitor in battery-powered circuits. A bypass
capacitor in the range of 1
µF to 10µF is sufficient. The
LT1962 regulators are designed to withstand reverse
voltages on the IN pin with respect to ground and the OUT
pin. In the case of a reverse input, which can happen if a
battery is plugged in backwards, the device will act as if
there is a diode in series with its input. There will be no
reverse current flow into the regulator and no reverse
voltage will appear at the load. The device will protect both
itself and the load.
APPLICATIO S I FOR ATIO
The LT1962 series are 300mA low dropout regulators with
micropower quiescent current and shutdown. The devices
are capable of supplying 300mA at a dropout voltage of
300mV. Output voltage noise can be lowered to 20
µVRMS
over a 10Hz to 100kHz bandwidth with the addition of a
0.01
µF reference bypass capacitor. Additionally, the refer-
ence bypass capacitor will improve transient response of
the regulator, lowering the settling time for transient load
conditions. The low operating quiescent current (30
µA)
drops to less than 1
µA in shutdown. In addition to the low
quiescent current, the LT1962 regulators incorporate sev-
eral protection features which make them ideal for use in
battery-powered systems. The devices are protected
against both reverse input and reverse output voltages. In
battery backup applications where the output can be held
up by a backup battery when the input is pulled to ground,
the LT1962-X acts like it has a diode in series with its
output and prevents reverse current flow. Additionally, in
dual supply applications where the regulator load is re-
turned to a negative supply, the output can be pulled below
ground by as much as 20V and still allow the device to start
and operate.
Adjustable Operation
The adjustable version of the LT1962 has an output
voltage range of 1.22V to 20V. The output voltage is set by
the ratio of two external resistors as shown in Figure 2. The
device servos the output to maintain the ADJ pin voltage
at 1.22V referenced to ground. The current in R1 is then
equal to 1.22V/R1 and the current in R2 is the current in R1


Similar Part No. - LT1962EMS8-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1962EMS8-3.3 LINER-LT1962EMS8-3.3 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-3.3 LINER-LT1962EMS8-3.3 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-3.3 LINER-LT1962EMS8-3.3 Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
More results

Similar Description - LT1962EMS8-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
   300mA, Low Noise, Micropower LDO Regulators
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
G924 GMT-G924 Datasheet
427Kb / 9P
   300mA Low-Noise LDO Regulators
G982 GMT-G982 Datasheet
83Kb / 1P
   300mA Low-Noise LDO Regulators
G924 GMT-G924_15 Datasheet
111Kb / 2P
   300mA Low-Noise LDO Regulators
logo
Silicon Standard Corp.
SS8014 SSC-SS8014 Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
logo
Linear Technology
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com