Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-AD5379EBZ Datasheet(PDF) 9 Page - Analog Devices

Part # EVAL-AD5379EBZ
Description  40-Channel, 14-Bit, Parallel
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5379EBZ Datasheet(HTML) 9 Page - Analog Devices

Back Button EVAL-AD5379EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD5379EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD5379EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD5379EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD5379EBZ Datasheet HTML 9Page - Analog Devices EVAL-AD5379EBZ Datasheet HTML 10Page - Analog Devices EVAL-AD5379EBZ Datasheet HTML 11Page - Analog Devices EVAL-AD5379EBZ Datasheet HTML 12Page - Analog Devices EVAL-AD5379EBZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AD5379
Rev. B | Page 8 of 28
SCLK
SYNC
DIN
SDO
LDAC
BUSY
INPUT WORD FOR DAC N
INPUT WORD FOR DAC N
UNDEFINED
INPUT WORD FOR DAC N+1
t24
t11
t13
t23
t21
t22
t20
t8
t9
t4
t7
t3
t2
t1
D23
D0
D0
D0'
D23'
D23
24
48
Figure 5. Serial Interface Timing Diagram (Daisy-Chain Mode)


Similar Part No. - EVAL-AD5379EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD5379EB AD-EVAL-AD5379EB Datasheet
393Kb / 28P
   40-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage-Output DAC
REV. 0
More results

Similar Description - EVAL-AD5379EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5379 AD-AD5379_15 Datasheet
630Kb / 29P
   40-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage-Output DAC
REV. B
AD5379 AD-AD5379 Datasheet
393Kb / 28P
   40-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage-Output DAC
REV. 0
logo
Maxim Integrated Produc...
MAX1319 MAXIM-MAX1319 Datasheet
256Kb / 20P
   526ksps, Single-Channel, 14-Bit, Parallel-Interface ADCs
19-3592; Rev 0; 2/05
logo
Analog Devices
AD5371 AD-AD5371 Datasheet
300Kb / 25P
   40-Channel, 14-Bit Serial Input, Voltage-Output DAC
Rev. PrF
logo
M/A-COM Technology Solu...
MADR-011007 MA-COM-MADR-011007_15 Datasheet
637Kb / 5P
   40-bit Serial to Parallel Driver
logo
Analog Devices
AD5380 AD-AD5380 Datasheet
975Kb / 34P
   40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
REV. PrF 09/2003
AD5380 AD-AD5380_15 Datasheet
1Mb / 40P
   40-Channel, 3 V/5 V, Single-Supply, 14-Bit, denseDAC
REV. D
AD7841ASZ AD-AD7841ASZ Datasheet
442Kb / 13P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7841 AD-AD7841_15 Datasheet
442Kb / 13P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD5378 AD-AD5378 Datasheet
766Kb / 28P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com