Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPM1A181MED Datasheet(PDF) 2 Page - Nichicon corporation

Part # UPM1A181MED
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPM1A181MED Datasheet(HTML) 2 Page - Nichicon corporation

  UPM1A181MED Datasheet HTML 1Page - Nichicon corporation UPM1A181MED Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
35 (1V)
10
× 12.5
10
× 12.5
10
× 15
10
× 15
12.5
× 15
12.5
× 15
12.5
× 15
16
× 15
16
× 15
18
× 15
18
× 15
16
× 20
16
× 25
18
× 20
18
× 25
18
× 31.5
18
× 35.5
φ D × L (mm)
5
× 11
5
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 15
6.3
× 15
8
× 11.5
8
× 15
8
× 15
8
× 20
8
× 20
10
× 20
10
× 20
10
× 25
10
× 31.5
12.5
× 20
12.5
× 25
12.5
× 25
12.5
× 31.5
12.5
× 35.5
12.5
× 40
16
× 31.5
16
× 35.5
16
× 40
18
× 40
10
× 12.5
10
× 12.5
10
× 15
10
× 15
12.5
× 15
12.5
× 15
12.5
× 15
16
× 15
16
× 15
18
× 15
18
× 15
16
× 20
16
× 25
18
× 20
18
× 25
18
× 31.5
18
× 35.5
25 (1E)
10
× 12.5
10
× 12.5
10
× 15
10
× 15
12.5
× 15
12.5
× 15
12.5
× 15
16
× 15
16
× 15
18
× 15
16
× 20
16
× 20
16
× 25
18
× 20
18
× 25
18
× 31.5
18
× 35.5
16 (1C)
10
× 12.5
10
× 12.5
10
× 15
10
× 15
12.5
× 15
12.5
× 15
12.5
× 15
16
× 15
16
× 15
18
× 15
16
× 20
16
× 20
18
× 20
18
× 25
18
× 25
18
× 31.5
18
× 35.5
5
× 11
5
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 15
6.3
× 15
8
× 11.5
8
× 15
8
× 15
8
× 20
8
× 20
10
× 20
10
× 20
10
× 25
10
× 31.5
12.5
× 20
12.5
× 25
12.5
× 31.5
12.5
× 31.5
12.5
× 35.5
12.5
× 40
16
× 31.5
16
× 35.5
16
× 40
18
× 35.5
18
× 40
6
6
6
6
6
10 (1A)
5
× 11
5
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 15
6.3
× 15
8
× 11.5
8
× 15
8
× 15
8
× 20
8
× 20
10
× 20
10
× 20
10
× 25
10
× 31.5
12.5
× 20
12.5
× 25
12.5
× 31.5
12.5
× 35.5
12.5
× 40
16
× 31.5
16
× 35.5
16
× 35.5
16
× 40
18
× 40
5
× 11
5
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 15
6.3
× 15
8
× 11.5
8
× 15
8
× 15
8
× 20
8
× 20
10
× 20
10
× 20
10
× 25
10
× 31.5
12.5
× 20
12.5
× 25
12.5
× 25
12.5
× 31.5
12.5
× 35.5
12.5
× 40
16
× 31.5
16
× 35.5
16
× 40
18
× 40
0.47
0.68
1
1.5
2.2
3.3
4.7
6.8
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
R47
R68
010
1R5
2R2
3R3
4R7
6R8
100
120
150
180
220
270
330
390
470
560
680
820
101
121
151
181
221
271
331
391
471
561
681
821
102
122
152
182
222
50 (1H)
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 15
6.3
× 15
8
× 11.5
8
× 15
8
× 20
8
× 20
10
× 20
10
× 20
10
× 25
10
× 31.5
10
× 31.5
12.5
× 25
12.5
× 25
12.5
× 31.5
12.5
× 35.5
12.5
× 40
16
× 31.5
16
× 35.5
16
× 40
18
× 35.5
18
× 40
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 15
6.3
× 15
8
× 11.5
8
× 15
8
× 15
8
× 20
10
× 20
10
× 20
10
× 25
10
× 31.5
10
× 31.5
12.5
× 25
12.5
× 25
12.5
× 31.5
12.5
× 35.5
12.5
× 40
16
× 31.5
16
× 35.5
16
× 40
18
× 35.5
18
× 40
10
× 12.5
10
× 12.5
10
× 15
12.5
× 15
12.5
× 15
12.5
× 15
16
× 15
16
× 15
16
× 15
18
× 15
16
× 20
16
× 25
18
× 20
18
× 25
18
× 31.5
18
× 35.5
100 (2A)
10
× 12.5
10
× 12.5
10
× 15
12.5
× 15
12.5
× 15
12.5
× 15
16
× 15
16
× 15
16
× 15
18
× 15
16
× 20
16
× 25
18
× 20
18
× 25
18
× 31.5
18
× 31.5
80 (1K)
10
× 12.5
10
× 12.5
10
× 15
12.5
× 15
12.5
× 15
12.5
× 15
16
× 15
16
× 15
18
× 15
18
× 15
16
× 20
16
× 25
18
× 20
18
× 25
18
× 31.5
18
× 35.5
5
× 11
5
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 15
6.3
× 15
8
× 11.5
8
× 15
8
× 15
8
× 20
10
× 20
10
× 20
10
× 25
10
× 31.5
10
× 31.5
12.5
× 25
12.5
× 31.5
12.5
× 31.5
12.5
× 35.5
12.5
× 40
16
× 31.5
16
× 35.5
16
× 40
18
× 35.5
18
× 40
6
6
6
6
63 (1J)
10
× 12.5
10
× 15
10
× 15
12.5
× 15
12.5
× 15
12.5
× 15
16
× 15
16
× 15
16
× 15
18
× 15
16
× 20
16
× 20
18
× 20
18
× 25
18
× 31.5
18
× 31.5
5
× 11
5
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 15
6.3
× 15
8
× 11.5
8
× 15
8
× 15
8
× 20
10
× 20
10
× 20
10
× 25
10
× 31.5
12.5
× 20
12.5
× 25
12.5
× 25
12.5
× 31.5
12.5
× 35.5
12.5
× 40
16
× 31.5
16
× 35.5
16
× 40
18
× 40
Dimensions
In case of low profile type,
will be put at 12th digit of type numbering system.
6
Cap.(µF)
Code
V(Code)
Size code
Cap.(µF)
Code
V(Code)
Size code
Dimension table for 160 to 450V products are
shown in 160 page.
PM
series
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
220
270
330
390
470
560
680
820
101
121
151
181
221
271
331
391
471
561
681
821
102
122
152
182
222
272
332
392
472
562
682
822
103
123
153
5
× 11
5
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 15
6.3
× 15
8
× 11.5
8
× 15
8
× 15
8
× 20
8
× 20
10
× 20
10
× 20
10
× 25
10
× 31.5
10
× 31.5
12.5
× 25
12.5
× 25
12.5
× 31.5
12.5
× 35.5
12.5
× 40
16
× 31.5
16
× 35.5
16
× 40
18
× 35.5
18
× 40
10
× 12.5
10
× 12.5
10
× 15
10
× 15
12.5
× 15
12.5
× 15
12.5
× 15
16
× 15
16
× 15
18
× 15
18
× 15
16
× 20
18
× 20
18
× 20
18
× 25
18
× 31.5
18
× 31.5
6.3 (0J)
CAT.8100B


Similar Part No. - UPM1A181MED

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UPM1A182MDD NICHICON-UPM1A182MDD Datasheet
111Kb / 7P
   ALUMINUM ELECTROLYTIC CAPACITORS
UPM1A182MED NICHICON-UPM1A182MED Datasheet
111Kb / 7P
   ALUMINUM ELECTROLYTIC CAPACITORS
UPM1A182MHD NICHICON-UPM1A182MHD Datasheet
111Kb / 7P
   ALUMINUM ELECTROLYTIC CAPACITORS
UPM1A182MPD NICHICON-UPM1A182MPD Datasheet
111Kb / 7P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UPM1A181MED

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com