Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TESDUB12V Datasheet(PDF) 2 Page - Taiwan Memory Technology

Part # TESDUB12V
Description  Small Signal Product
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

TESDUB12V Datasheet(HTML) 2 Page - Taiwan Memory Technology

  TESDUB12V Datasheet HTML 1Page - Taiwan Memory Technology TESDUB12V Datasheet HTML 2Page - Taiwan Memory Technology TESDUB12V Datasheet HTML 3Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document number:DS_S1310001
Version:A13
Rating and Characteristics Curves
Small Signal Product
0.001
0.01
0.1
1
10
0
204060
80
100
Time (us)
Fig. 2 Reverse characteristics
0
20
40
60
80
100
120
0
25
50
75
100
125
150
Ambient Temperature (oC)
Fig.4 Power derating curve
Mounting on glass epoxy PCB
0
3
6
9
12
15
0
10203040
Reverse voltage(V)
5V0
Fig. 3 Capacitance between terminals
12V
24V
0
20
40
60
80
100
0
1020
3040
Time (us)
Fig. 1 8/20us Peak pulse current waveform
acc. IEC 61000-4-5
tr = 8μs to 100%
20us to 50us


Similar Part No. - TESDUB12V

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TESDUB12V TSC-TESDUB12V Datasheet
188Kb / 3P
   Bi-directional ESD Protection Diodes
More results

Similar Description - TESDUB12V

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
2SC5658-Q TSC-2SC5658-Q Datasheet
227Kb / 3P
   NPN Transistor Small Signal Product
logo
Micro Commercial Compon...
SD101BW-TP MCC-SD101BW-TP Datasheet
150Kb / 2P
   Small Signal Small Signal
logo
ON Semiconductor
BS170 ONSEMI-BS170 Datasheet
52Kb / 4P
   Small Signal MOSFET Small Signal MOSFET Small Signal MOSFET
April, 2004 ??Rev. 4
logo
Taiwan Semiconductor Co...
DTC144 TSC-DTC144 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC143 TSC-DTC143 Datasheet
178Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC113 TSC-DTC113 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC114 TSC-DTC114 Datasheet
434Kb / 3P
   NPN Small Signal Transistor Small Signal Diode
logo
AUK corp
2SC5343S AUK-2SC5343S Datasheet
214Kb / 4P
   General small signal amplifier (General small signal amplifier)
logo
Fairchild Semiconductor
1N456A FAIRCHILD-1N456A Datasheet
25Kb / 2P
   Small Signal Diode
MMBD1401 FAIRCHILD-MMBD1401_02 Datasheet
57Kb / 2P
   Small Signal Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com