Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT200A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MMBT200A
Description  PNP General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBT200A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MMBT200A Datasheet HTML 1Page - Fairchild Semiconductor MMBT200A Datasheet HTML 2Page - Fairchild Semiconductor MMBT200A Datasheet HTML 3Page - Fairchild Semiconductor MMBT200A Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
ON CHARACTERISTICS
SMALL SIGNAL CHARACTERISTICS
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%
BVCBO
Collector-Base Breakdown Voltage
IC = 10
µA, I
B = 0
60
V
BVCEO
Collector-Emitter Breakdown Voltage*
IC = 1.0 mA, IE = 0
45
V
BVEBO
Emitter-Base Breakdown Voltage
IE = 10
µA, I
C = 0
6.0
V
ICBO
Collector Cutoff Current
VCB = 50 V, IE = 0
50
nA
ICES
Collector Cutoff Current
VCE = 40 V, IE = 10
50
nA
IEBO
Emitter Cutoff Current
VEB = 4.0 V, IC = 0
50
nA
fT
Current Gain - Bandwidth Product
VCE = 20 V, IC = 20 mA
250
MHz
Cobo
Output Capacitance
VCB = 10 V, f = 1.0 MHz
6.0
pF
NF
Noise Figure
IC = 100
µA, V
CE = 5.0 V,
200
RG = 2.0 k
Ω, f = 1.0 kHz
200A
5.0
4.0
dB
dB
hFE
DC Current Gain
IC = 100
µA, V
CE = 1.0 V
200
200A
IC = 10 mA, VCE = 1.0 V
200
200A
IC = 100 mA, VCE = 1.0 V*
200A
IC = 150 mA, VCE = 5.0 V*
200
200A
80
240
100
300
100
100
100
450
600
350
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 10 mA, IB = 1.0 mA
IC = 200 mA, IB = 20 mA*
0.2
0.4
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 10 mA, IB = 1.0 mA
IC = 200 mA, IB = 20 mA*
0.85
1.0
V
V
PNP General Purpose Amplifier
(continued)
Typical Characteristics
Collector-Emitter Saturation
Voltage vs Collector Current
P68
0.1
1
10
100
300
0
0.05
0.1
0.15
0.2
0.25
0.3
I - COLLECTOR CURRENT (mA)
C
25 °C
- 40 ºC
125 ºC
β = 10
Typical Pulsed Current Gain
vs Collector Current
0.01
0.1
1
10
100
0
100
200
300
400
500
I - COLLECTOR CURRENT (mA)
C
125 °C
25 °C
- 40 °C
V
= 5V
CE


Similar Part No. - MMBT200A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBT200A FAIRCHILD-MMBT200A Datasheet
491Kb / 12P
   PNP General Purpose Amplifier
MMBT200A FAIRCHILD-MMBT200A Datasheet
883Kb / 12P
   PNP General Purpose Amplifier
More results

Similar Description - MMBT200A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com