Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCEEZW-H1-0000-0000J040F Datasheet(PDF) 1 Page - Cree, Inc

Part # MCEEZW-H1-0000-0000J040F
Description  Product family data sheet
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MCEEZW-H1-0000-0000J040F Datasheet(HTML) 1 Page - Cree, Inc

  MCEEZW-H1-0000-0000J040F Datasheet HTML 1Page - Cree, Inc MCEEZW-H1-0000-0000J040F Datasheet HTML 2Page - Cree, Inc MCEEZW-H1-0000-0000J040F Datasheet HTML 3Page - Cree, Inc MCEEZW-H1-0000-0000J040F Datasheet HTML 4Page - Cree, Inc MCEEZW-H1-0000-0000J040F Datasheet HTML 5Page - Cree, Inc MCEEZW-H1-0000-0000J040F Datasheet HTML 6Page - Cree, Inc MCEEZW-H1-0000-0000J040F Datasheet HTML 7Page - Cree, Inc MCEEZW-H1-0000-0000J040F Datasheet HTML 8Page - Cree, Inc MCEEZW-H1-0000-0000J040F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Product family data sheet
cree® Xlamp® mc-e led
Copyright © 2008-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without
notice. Cree®, the Cree logo, XLamp® and easywhite® are are registered trademarks of Cree, Inc.
Product descriPtion
The XLamp mC-e LeD is a family
of lighting-class, multi-chip LeDs
that provides high lumen output
in a small package. Compared
to discrete LeDs, XLamp mC-e
LeDs reduce the distance between
LeD die, creating a small optical
source for excellent optical control
and efficient color mixing. XLamp
mC-e LeDs can reduce LeD system
complexity by reducing the number
of components required.
Cree
XLamp
LeDs
bring
high
performance and quality of light to a
wide range of lighting applications,
including color-changing lighting,
portable
and
personal
lighting,
outdoor lighting, indoor directional
lighting, and entertainment lighting.
features
Available in white (2600 K –
10,000 K CCT), easywhite®,
Dynamic white, or color
(RGBw)
ANSI-compatible neutral &
warm white chromaticity bins
Individually addressable LeDs
mC-e Dynamic white LeDs
have two cool-white (6500 K)
and two warm-white (2700 K)
LeD die
mC-e easywhite LeDs
available in 2 and 4-step bins,
up to 85 CRI
maximum drive current:
700 mA per LeD die
Reflow solderable – JEDEC
J-STD-020
electrically neutral thermal
path
RoHS-compliant
UL-recognized component
(e349212)
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
table of contents
Characteristics
Complete package .................. 2
per LeD Die (white) ................ 2
per LeD Die (Color) ................. 2
Flux Characteristics
white.................................... 3
easywhite ............................. 4
Relative Spectral power
Distribution
white.................................... 5
Color..................................... 5
Relative Flux output vs
Junction Temperature................. 6
electrical Characteristics............. 7
Relative Intensity vs. Current ...... 7
Typical Spatial Radiation pattern .. 8
Reflow Soldering Characteristics .. 9
Notes......................................10
mechanical Dimensions..............12
Tape and Reel ..........................13
packaging................................14
mc-e White
mc-e color
mc-e dynamic White


Similar Part No. - MCEEZW-H1-0000-0000J040F

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
MCEE1005T1R0MHN TAIYO-YUDEN-MCEE1005T1R0MHN Datasheet
270Kb / 2P
   Metal Multilayer Chip Power Inductors (MCOIL, MC series)
MCEE1005T1R0MHN TAIYO-YUDEN-MCEE1005T1R0MHN Datasheet
304Kb / 2P
   Multilayer Metal Power Inductors MCOIL??LSCN series for General Electronic Equipment
2022.01.18
MCEE1005TR10MHN TAIYO-YUDEN-MCEE1005TR10MHN Datasheet
270Kb / 2P
   Metal Multilayer Chip Power Inductors (MCOIL, MC series)
MCEE1005TR10MHN TAIYO-YUDEN-MCEE1005TR10MHN Datasheet
304Kb / 2P
   Multilayer Metal Power Inductors MCOIL??LSCN series for General Electronic Equipment
2022.01.18
MCEE1005TR22MHN TAIYO-YUDEN-MCEE1005TR22MHN Datasheet
270Kb / 2P
   Metal Multilayer Chip Power Inductors (MCOIL, MC series)
More results

Similar Description - MCEEZW-H1-0000-0000J040F

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
logo
Lattice Semiconductor
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
   LatticeXP Family Data Sheet
logo
Lite-On Technology Corp...
CNY17F-3S-TA LITEON-CNY17F-3S-TA Datasheet
461Kb / 10P
   Photocoupler Product Data Sheet
LTV-816S-TA1 LITEON-LTV-816S-TA1 Datasheet
1Mb / 18P
   Photocoupler Product Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com