Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2513A Datasheet(PDF) 9 Page - Diodes Incorporated

Part # TPS2513A
Description  USB Dedicated Charging Port Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TPS2513A Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button TPS2513A Datasheet HTML 5Page - Diodes Incorporated TPS2513A Datasheet HTML 6Page - Diodes Incorporated TPS2513A Datasheet HTML 7Page - Diodes Incorporated TPS2513A Datasheet HTML 8Page - Diodes Incorporated TPS2513A Datasheet HTML 9Page - Diodes Incorporated TPS2513A Datasheet HTML 10Page - Diodes Incorporated TPS2513A Datasheet HTML 11Page - Diodes Incorporated TPS2513A Datasheet HTML 12Page - Diodes Incorporated TPS2513A Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TPS2513, TPS2513A
TPS2514, TPS2514A
www.ti.com
SLVSBY8B – MAY 2013 – REVISED SEPTEMBER 2013
DETAILED DESCRIPTION
OVERVIEW
The following overview references various industry standards. It is always recommended to consult the latest
standard to ensure the most recent and accurate information.
Rechargeable portable equipment requires an external power source to charge its batteries. USB ports are
convenient locations for charging because of an available 5-V power source. Universally accepted standards are
required to ensure host and client-side devices meet the power management requirements. Traditionally, USB
host ports following the USB 2.0 Specification must provide at least 500 mA to downstream client-side devices.
Because multiple USB devices can be attached to a single USB port through a bus-powered hub, it is the
responsibility of the client-side device to negotiate the power allotment from the host to guarantee the total
current draw does not exceed 500 mA. In general, each USB device can subsequently request more current,
which is granted in steps of 100 mA up 500 mA total. The host may grant or deny the request based on the
available current.
Additionally, the success of the USB technology makes the micro-USB connector a popular choice for wall
adapter cables. This allows a portable device to charge from both a wall adapter and USB port with only one
connector.
One common difficulty has resulted from this. As USB charging has gained popularity, the 500-mA minimum
defined by the USB 2.0 Specification or 900 mA defined in the USB 3.0 Specification, has become insufficient for
many handsets, tablets and personal media players (PMP) which have a higher rated charging current. Wall
adapters and car chargers can provide much more current than 500 mA or 900 mA to fast charge portable
devices. Several new standards have been introduced defining protocol handshaking methods that allow host
and client devices to acknowledge and draw additional current beyond the 500 mA (defined in the USB 2.0
Specification) or 900 mA (defined in the USB 3.0 Specification) minimum while using a single micro-USB input
connector.
The devices support four of the most common protocols:
USB Battery Charging Specification, Revision 1.2 (BC1.2)
Chinese Telecommunications Industry Standard YD/T 1591-2009
Divider mode
1.2 V on both D+ and D– lines
YD/T 1591-2009 is a subset of the BC1.2 specification supported by the vast majority of devices that implement
USB charging. Divider and 1.2-V charging schemes are supported in devices from specific yet popular device
makers. BC1.2 has three different port types, listed as follows.
Standard downstream port (SDP)
Charging downstream port (CDP)
Dedicated charging port (DCP)
The BC1.2 Specification defines a charging port as a downstream facing USB port that provides power for
charging portable equipment.
Table 4 shows different port operating modes according to the BC1.2 Specification.
Table 4. Operating Modes Table
SUPPORTS USB2.0
MAXIMUM ALLOWABLE CURRENT
PORT TYPE
COMMUNICATION
DRAWN BY PORTABLE EQUIPMENT (A)
SDP (USB 2.0)
Yes
0.5
SDP (USB 3.0)
Yes
0.9
CDP
Yes
1.5
DCP
No
1.5
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS2513 TPS2513A TPS2514 TPS2514A


Similar Part No. - TPS2513A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2513A TI1-TPS2513A Datasheet
1Mb / 20P
[Old version datasheet]   USB Dedicated Charging Port Controller
TPS2513A TI1-TPS2513A Datasheet
1Mb / 22P
[Old version datasheet]   USB Dedicated Charging Port Controller
TPS2513A-Q1 TI1-TPS2513A-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   USB Dedicated Charging Port Controller
TPS2513A-Q1 TI1-TPS2513A-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   USB Dedicated Charging Port Controller
TPS2513ADBVR TI1-TPS2513ADBVR Datasheet
1Mb / 20P
[Old version datasheet]   USB Dedicated Charging Port Controller
More results

Similar Description - TPS2513A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2513 TI1-TPS2513_15 Datasheet
1Mb / 20P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
Shenzhen Huazhimei Semi...
HM1523 HMSEMI-HM1523 Datasheet
553Kb / 10P
   USB dedicated charging port controller
HM1521 HMSEMI-HM1521 Datasheet
483Kb / 11P
   USB dedicated charging port controller
logo
Texas Instruments
TPS2513 TI1-TPS2513 Datasheet
1Mb / 16P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
uPI Group Inc.
UP7104 UPI-UP7104 Datasheet
586Kb / 11P
   USB Dedicated Charging Port Controller
logo
Texas Instruments
TPS2513A-Q1 TI1-TPS2513A-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
uPI Group Inc.
UP7103 UPI-UP7103 Datasheet
86Kb / 9P
   USB Dedicated Charging Port Controller
UP7102 UPI-UP7102 Datasheet
97Kb / 9P
   USB Dedicated Charging Port Controller
logo
Shenzhen Huazhimei Semi...
HM1522 HMSEMI-HM1522 Datasheet
571Kb / 11P
   USB dedicated charging port controller
logo
SHANGHAI BELLING CO., L...
BL2513A BELLING-BL2513A Datasheet
524Kb / 12P
   USB dedicated charging port (DCP) controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com