Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5450YUJZ-REEL Datasheet(PDF) 6 Page - Analog Devices

Part # AD5450YUJZ-REEL
Description  8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5450YUJZ-REEL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5450YUJZ-REEL Datasheet HTML 2Page - Analog Devices AD5450YUJZ-REEL Datasheet HTML 3Page - Analog Devices AD5450YUJZ-REEL Datasheet HTML 4Page - Analog Devices AD5450YUJZ-REEL Datasheet HTML 5Page - Analog Devices AD5450YUJZ-REEL Datasheet HTML 6Page - Analog Devices AD5450YUJZ-REEL Datasheet HTML 7Page - Analog Devices AD5450YUJZ-REEL Datasheet HTML 8Page - Analog Devices AD5450YUJZ-REEL Datasheet HTML 9Page - Analog Devices AD5450YUJZ-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD5450/AD5451/AD5452/AD5453
Data Sheet
Rev. G | Page 6 of 28
ABSOLUTE MAXIMUM RATINGS
Transient currents of up to 100 mA do not cause SCR latch-up.
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to GND
−0.3 V to +7 V
VREF, RFB to GND
−12 V to +12 V
IOUT1 to GND
−0.3 V to +7 V
Input Current to Any Pin Except Supplies
±10 mA
Logic Inputs and Output1
−0.3 V to VDD + 0.3 V
Operating Temperature Range, Extended
(Y Version)
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
θJA Thermal Impedance
8-Lead MSOP
206°C/W
8-Lead TSOT
211°C/W
Lead Temperature, Soldering (10 sec)
300°C
IR Reflow, Peak Temperature (<20 sec)
235°C
1
Overvoltages at SCLK, SYNC, and SDIN are clamped by internal diodes.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - AD5450YUJZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5450YUJZ-REEL AD-AD5450YUJZ-REEL Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5450YUJZ-REEL7 AD-AD5450YUJZ-REEL7 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results

Similar Description - AD5450YUJZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5451 AD-AD5451_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453 AD-AD5453_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5450 AD-AD5450_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5450 AD-AD5450 Datasheet
125Kb / 16P
   8/10/12/14-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. PrD Oct, 2003
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5446 AD-AD5446_15 Datasheet
962Kb / 29P
   12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
AD5426 AD-AD5426 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com