Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1197 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1197
Description  10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1197 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1197 Datasheet HTML 5Page - Linear Technology LTC1197 Datasheet HTML 6Page - Linear Technology LTC1197 Datasheet HTML 7Page - Linear Technology LTC1197 Datasheet HTML 8Page - Linear Technology LTC1197 Datasheet HTML 9Page - Linear Technology LTC1197 Datasheet HTML 10Page - Linear Technology LTC1197 Datasheet HTML 11Page - Linear Technology LTC1197 Datasheet HTML 12Page - Linear Technology LTC1197 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
LTC1197/LTC1197L
LTC1199/LTC1199L
Linearity vs Temperature
TEMPERATURE (
°C)
–55
– 30
0
0.2
0.5
– 5
45
70
1197/99 G19
0.1
0.4
0.3
20
95
120
VCC = 5V
VREF = 5V
fCLK = 7.2MHz
Gain Error vs Temperature
TEMPERATURE (
°C)
–55
– 30
– 1.0
– 1.2
– 1.4
0
– 5
45
70
1197/99 G21
– 0.2
– 0.4
– 0.6
– 0.8
20
95
120
VCC = 5V
VREF = 5V
fCLK = 7.2MHz
Offset vs Temperature
TEMPERATURE (
°C)
–55
– 30
– 1.0
0
– 5
45
70
1197/99 G20
– 0.2
– 0.3
– 0.4
– 0.5
– 0.6
– 0.7
– 0.8
– 0.9
– 0.1
20
95
120
VCC = 5V
VREF = 5V
fCLK = 7.2MHz
*As the CLK frequency is decreased from 2MHz, minimum CLK frequency (
∆error ≤ 0.1LSB)
represents the frequency at which a 0.1LSB shift in any code translation from its 2MHz value
is first detected.
Maximum CLK frequency represents the clock frequency at which a 0.1LSB shift in the error
at any code transition from its 3.5MHz value is first detected.
Acquisition Time
vs Source Resistance
Maximum Clock Frequency
vs Supply Voltage
Maximum Clock Frequency
vs Source Resistance
SOURCE RESISTANCE (
Ω)
100
1000
0.1
1
10
100
10000
1197/99 G25
VCC = VREF = 5V
TA = 25°C
+ INPUT
RSOURCE
+
VIN
COM
SUPPLY VOLTAGE (V)
0
6
8
10
11
8
1197/99 G26
4
2
5
7
9
3
1
0
2
4
6
19
3
5
7
10
VREF = 2.5V
TA = 25°C
SOURCE RESISTANCE (
Ω)
100
100
1000
10000
1000
10000
1197/99 G27
VREF = VCC = 5V
TA = 25°C
+ INPUT
RSOURCE
VIN
– INPUT
TEMPERATURE (
°C)
–55
0.1
1
10
100
1000
– 35 – 15
5
25
1197/99 G22
45
65
85 105 125
VREF = 5V
VCC = 5V
Minimum Clock Frequency for
0.1LSB Error* vs Temperature
Digital Input Threshold
vs Supply Voltage
Input Channel Leakage Current
vs Temperature
SUPPLY VOLTAGE (V)
0
3
4
5
8
1197/99 G23
2
1
0
2
4
6
10
TA = 25°C
TEMPERATURE (
°C)
0
1
10
100
100
1197/99 G24
0.1
0.01
0.001
25
50
75
125
VREF = 5V
VCC = 5V
ON CHANNEL
OFF CHANNEL
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LTC1197

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1197 LINER-LTC1197 Datasheet
446Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1197C LINER-LTC1197C Datasheet
446Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1197CS8 LINER-LTC1197CS8 Datasheet
446Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1197I LINER-LTC1197I Datasheet
446Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1197IS8 LINER-LTC1197IS8 Datasheet
446Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
More results

Similar Description - LTC1197

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1197L LINER-LTC1197L_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199 LINER-LTC1199_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1197 LINER-LTC1197 Datasheet
446Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1197 LINER-LTC1197_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199L LINER-LTC1199L_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1198 LINER-LTC1198_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196 Datasheet
452Kb / 28P
   8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_1 Datasheet
327Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com