Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT2369 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MMBT2369
Description  NPN Switching Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBT2369 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MMBT2369 Datasheet HTML 1Page - Fairchild Semiconductor MMBT2369 Datasheet HTML 2Page - Fairchild Semiconductor MMBT2369 Datasheet HTML 3Page - Fairchild Semiconductor MMBT2369 Datasheet HTML 4Page - Fairchild Semiconductor MMBT2369 Datasheet HTML 5Page - Fairchild Semiconductor MMBT2369 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PN2369A
MMPQ2369
MMBT2369A
NPN Switching Transistor
This device is designed for high speed saturation switching at collector
currents of 10 mA to 100 mA. Sourced from Process 21.
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
15
V
VCBO
Collector-Base Voltage
40
V
VEBO
Emitter-Base Voltage
4.5
V
IC
Collector Current - Continuous
200
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
TA = 25°C unless otherwise noted
Symbol
Characteristic
Max
Units
PN2369A
MMBT2369A*
MMPQ2369
PD
Total Device Dissipation
Derate above 25
°C
350
2.8
225
1.8
1,000
8.0
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
125
°C/W
RθJA
Thermal Resistance, Junction to Ambient
Effective 4 Die
Each Die
357
556
125
240
°C/W
°C/W
°C/W
C
B
E
TO-92
C
B
E
SOT-23
Mark: 1S
C
C
C
C
C
C
C
C
SOIC-16
E
B
E
B
E
B
E
B
*Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06."
Discrete POWER & Signal
Technologies
© 1997 Fairchild Semiconductor Corporation


Similar Part No. - MMBT2369

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMBT2369 DIOTEC-MMBT2369 Datasheet
98Kb / 2P
   Surface Mount Si-Epi-Planar Switching Transistors
logo
Galaxy Semi-Conductor H...
MMBT2369 BILIN-MMBT2369 Datasheet
155Kb / 2P
   NPN General Purpose Amplifier
logo
SEMTECH ELECTRONICS LTD...
MMBT2369 SEMTECH_ELEC-MMBT2369 Datasheet
182Kb / 3P
   NPN Silicon Switching Transistor
logo
MAKO SEMICONDUCTOR CO.,...
MMBT2369 MAKOSEMI-MMBT2369 Datasheet
65Kb / 1P
   Epitaxial planar die construction.
logo
GUANGDONG HOTTECH INDUS...
MMBT2369 HOTTECH-MMBT2369 Datasheet
144Kb / 1P
   Plastic-Encapsulate Transistors
More results

Similar Description - MMBT2369

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
2N5772 FAIRCHILD-2N5772 Datasheet
28Kb / 4P
   NPN Switching Transistor
logo
NXP Semiconductors
2N3904 PHILIPS-2N3904 Datasheet
45Kb / 8P
   NPN switching transistor
1999 Apr 23
BFX85 PHILIPS-BFX85 Datasheet
56Kb / 8P
   NPN switching transistor
1997 Apr 22
PMBT4401 PHILIPS-PMBT4401 Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 15
PMST3904 PHILIPS-PMST3904 Datasheet
47Kb / 8P
   NPN switching transistor
1999 Apr 22
PZT2222A PHILIPS-PZT2222A Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 14
2N3904 PHILIPS-2N3904_04 Datasheet
55Kb / 7P
   NPN switching transistor
2004 Oct 11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com