Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1685 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1685
Description  52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1685 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1685 Datasheet HTML 2Page - Linear Technology LTC1685 Datasheet HTML 3Page - Linear Technology LTC1685 Datasheet HTML 4Page - Linear Technology LTC1685 Datasheet HTML 5Page - Linear Technology LTC1685 Datasheet HTML 6Page - Linear Technology LTC1685 Datasheet HTML 7Page - Linear Technology LTC1685 Datasheet HTML 8Page - Linear Technology LTC1685 Datasheet HTML 9Page - Linear Technology LTC1685 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1685
FU CTIO TABLES
Transmitting
INPUTS
LINE
OUTPUTS
RE
DE
DI
CONDITION
B
A
X
1
1
No Fault
0
1
X
1
0
No Fault
1
0
X
0
X
X
Hi-Z
Hi-Z
X
1
X
Fault
Receiving
INPUTS
OUTPUT
RE
DE
A – B
RO
00
≥ 300mV
1
00
≤ –300mV
0
0
0
Inputs Open
1
0
0
Inputs Shorted Together
1
A = B = – 7V to 12V
1X
X
Hi-Z
±10mA Current Source
TEST CIRCUITS
VOD
A
B
R
R
VOC
1685 F01
Figure 1. Driver DC Test Load
RECEIVER
OUTPUT
CL
15pF
1k
S1
S2
TEST POINT
VDD
1k
1685 F02
Figure 2. Driver DC Test Load
OUTPUT
UNDER TEST
CL
S1
S2
VDD
500
1685 F04
Figure 3. Driver/Receiver Timing Test Circuit
Figure 4. Driver Timing Test Load #2
3V
DE
A
B
DI
RDIFF
CL1
CL2
RO
15pF
A
B
RE
1685 F03


Similar Part No. - LTC1685

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1685 LINER-LTC1685 Datasheet
269Kb / 12P
   52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
LTC1685 LINER-LTC1685 Datasheet
340Kb / 18P
   20Mbps RS485 Transceivers
LTC1685 LINER-LTC1685 Datasheet
191Kb / 12P
   52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
LTC1685CS8 LINER-LTC1685CS8 Datasheet
269Kb / 12P
   52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
LTC1685 LINER-LTC1685_15 Datasheet
191Kb / 12P
   52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
More results

Similar Description - LTC1685

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1685 LINER-LTC1685_15 Datasheet
191Kb / 12P
   52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
LTC1685 LINER-LTC1685 Datasheet
269Kb / 12P
   52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
LTC1686 LINER-LTC1686_15 Datasheet
190Kb / 12P
   52Mbps Precision Delay RS485 Fail-Safe Transceivers
LTC1686 LINER-LTC1686 Datasheet
285Kb / 12P
   52Mbps Precision Delay RS485 Fail-Safe Transceivers
LTC1687 LINER-LTC1687_15 Datasheet
190Kb / 12P
   52Mbps Precision Delay RS485 Fail-Safe Transceivers
LTC1519 LINER-LTC1519_15 Datasheet
190Kb / 12P
   52Mbps Precision Delay RS485 Quad Line Receivers
LTC1518 LINER-LTC1518_15 Datasheet
190Kb / 12P
   52Mbps Precision Delay RS485 Quad Line Receivers
LTC1518 LINER-LTC1518 Datasheet
170Kb / 12P
   52Mbps Precision Delay RS485 Quad Line Receivers
LTC1518 LINER-LTC1518_1 Datasheet
184Kb / 12P
   52Mbps Precision Delay RS485 Quad Line Receivers
LTC1484 LINER-LTC1484 Datasheet
274Kb / 16P
   Low Power RS485 Transceiver with Receiver Fail-Safe
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com