Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NMT2907 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # NMT2907
Description  PNP General Purpose Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NMT2907 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  NMT2907 Datasheet HTML 1Page - Fairchild Semiconductor NMT2907 Datasheet HTML 2Page - Fairchild Semiconductor NMT2907 Datasheet HTML 3Page - Fairchild Semiconductor NMT2907 Datasheet HTML 4Page - Fairchild Semiconductor NMT2907 Datasheet HTML 5Page - Fairchild Semiconductor NMT2907 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics
T
A
= 25°C unless otherwise noted
OFF CHARACTERISTICS
ON CHARACTERISTICS
SMALL SIGNAL CHARACTERISTICS
fT
Current Gain - Bandwidth Product
IC = 50 mA, VCE = 20 V,
f = 100 MHz
200
MHz
Cobo
Output Capacitance
VCB = 10 V, IE = 0,
f = 100 kHz
8.0
pF
Cibo
Input Capacitance
VEB = 2.0 V, IC = 0,
f = 100 kHz
30
pF
SWITCHING CHARACTERISTICS
ton
Turn-on Time
VCC = 30 V, IC = 150 mA,
45
ns
td
Delay Time
IB1 = 15 mA
10
ns
tr
Rise Time
40
ns
toff
Turn-off Time
VCC = 6.0 V, IC = 150 mA
100
ns
ts
Storage Time
IB1 = IB2 = 15 mA
80
ns
tf
Fall Time
30
ns
Symbol
Parameter
Test Conditions
Min
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage*
IC = 10 mA, IB = 060V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 10
µA, I
E = 0
60
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10
µA, I
C = 0
5.0
V
IB
Base Cutoff Current
VCB = 30 V, VEB = 0.5 V
50
nA
ICEX
Collector Cutoff Current
VCE = 30 V, VBE = 0.5 V
50
nA
ICBO
Collector Cutoff Current
VCB = 50 V, IE = 0
VCB = 50 V, IE = 0, TA = 150
°C
0.02
20
µA
µA
hFE
DC Current Gain
IC = 0.1 mA, VCE = 10 V
IC = 1.0 mA, VCE = 10 V
IC = 10 mA, VCE = 10 V
IC = 150 mA, VCE = 10 V*
IC = 500 mA, VCE = 10 V*
75
100
100
100
50
300
VCE(sat)
Collector-Emitter Saturation Voltage*
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
0.4
1.6
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 150 mA, IB = 15 mA*
IC = 500 mA, IB = 50 mA
1.3
2.6
V
V
PNP General Purpose Amplifier
(continued)
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%
NOTE: All voltages (V) and currents (A) are negative polarity for PNP transistors.
Spice Model
PNP (Is=650.6E-18 Xti=3 Eg=1.11 Vaf=115.7 Bf=231.7 Ne=1.829 Ise=54.81f Ikf=1.079 Xtb=1.5 Br=3.563 Nc=2
Isc=0 Ikr=0 Rc=.715 Cjc=14.76p Mjc=.5383 Vjc=.75 Fc=.5 Cje=19.82p Mje=.3357 Vje=.75 Tr=111.3n Tf=603.7p
Itf=.65 Vtf=5 Xtf=1.7 Rb=10)


Similar Part No. - NMT2907

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NMT2222 FAIRCHILD-NMT2222 Datasheet
113Kb / 6P
   NPN General Purpose Amplifier
More results

Similar Description - NMT2907

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com