Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NM24W16UTVN Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NM24W16UTVN
Description  16K-Bit Serial EEPROM 2-Wire Bus Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM24W16UTVN Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NM24W16UTVN Datasheet HTML 1Page - Fairchild Semiconductor NM24W16UTVN Datasheet HTML 2Page - Fairchild Semiconductor NM24W16UTVN Datasheet HTML 3Page - Fairchild Semiconductor NM24W16UTVN Datasheet HTML 4Page - Fairchild Semiconductor NM24W16UTVN Datasheet HTML 5Page - Fairchild Semiconductor NM24W16UTVN Datasheet HTML 6Page - Fairchild Semiconductor NM24W16UTVN Datasheet HTML 7Page - Fairchild Semiconductor NM24W16UTVN Datasheet HTML 8Page - Fairchild Semiconductor NM24W16UTVN Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
www.fairchildsemi.com
NM24C16U/17U Rev. B.1
August 1999
© 1999 Fairchild Semiconductor Corporation
NM24C16U/NM24C17U
16K-Bit Serial EEPROM
2-Wire Bus Interface
General Description
The NM24C16U/17U devices are 16K (16,384) bit serial interface
CMOS EEPROMs (Electrically Erasable Programmable Read-
Only Memory). These devices fully conform to the Standard I2C™
2-wire protocol which uses Clock (SCL) and Data I/O (SDA) pins
to synchronously clock data between the "master" (for example a
microprocessor) and the "slave" (the EEPROM device). In addi-
tion, the serial interface allows a minimal pin count packaging
designed to simplify PC board layout requirements and offers the
designer a variety of low voltage and low power options.
NM24C17U incorporates a hardware "Write Protect" feature, by
which, the upper half of the memory can be disabled against
programming by connecting the WP pin to V
CC. This section of
memory then effectively becomes a ROM (Read-Only Memory)
and can no longer be programmed as long as WP pin is connected
to V
CC.
Fairchild EEPROMs are designed and tested for applications requir-
ing high endurance, high reliability and low power consumption for a
continuously reliable non-volatile solution for all markets.
Block Diagram
Functions
I I2C™ compatible interface
I 4,096 bits organized as 512 x 8
I Extended 2.7V – 5.5V operating voltage
I 100 KHz or 400 KHz operation
I Self timed programming cycle (6ms typical)
I "Programming complete" indicated by ACK polling
I NM24C17U: Memory "Upper Block" Write Protect pin
Features
I The I2C™ interface allows the smallest I/O pincount of any
EEPROM interface
I 16 byte page write mode to minimize total write time per byte
I Typical 200µA active current (I
CCA)
I Typical 1µA standby current (I
SB) for "L" devices and 0.1µA
standby current for "LZ" devices
I Endurance: Up to 1,000,000 data changes
I Data retention greater than 40 years
H.V. GENERATION
TIMING &CONTROL
E2PROM
ARRAY
YDEC
DATA REGISTER
XDEC
CONTROL
LOGIC
WORD
ADDRESS
COUNTER
SLAVE ADDRESS
REGISTER &
COMPARATOR
START
STOP
LOGIC
CK
DIN
R/W
SDA
SCL
VSS
WP
VCC
DOUT
DS800010-1
I2C™ is a registered trademark of Philips Electronics N.V.


Similar Part No. - NM24W16UTVN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM24W16 FAIRCHILD-NM24W16 Datasheet
104Kb / 14P
   2K/4K/8K/16K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
More results

Similar Description - NM24W16UTVN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C16 FAIRCHILD-NM24C16 Datasheet
102Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08U FAIRCHILD-NM24C08U Datasheet
100Kb / 13P
   8K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
logo
Renesas Technology Corp
R1EX24016ASAS0G RENESAS-R1EX24016ASAS0G_15 Datasheet
501Kb / 18P
   Two-wire serial interface 16k EEPROM (2-kword ??8-bit)
logo
Sanyo Semicon Device
LE24LA162CB SANYO-LE24LA162CB Datasheet
121Kb / 10P
   Two Wire Serial Interface EEPROM (16k EEPROM)
LE24162LBXA SANYO-LE24162LBXA Datasheet
811Kb / 11P
   Two Wire Serial Interface EEPROM (16k EEPROM)
LE2416RLBXA SANYO-LE2416RLBXA Datasheet
872Kb / 11P
   Two Wire Serial Interface EEPROM (16k EEPROM)
LE24C162M SANYO-LE24C162M Datasheet
126Kb / 11P
   Two Wire Serial Interface EEPROM (16k EEPROM)
logo
Renesas Technology Corp
R1EX24016ASAS0G RENESAS-R1EX24016ASAS0G Datasheet
501Kb / 18P
   Two-wire serial interface 16k EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com