Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2970IUFD Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2970IUFD
Description  Dual I2C Power Supply Monitor and
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2970IUFD Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2970IUFD Datasheet HTML 4Page - Linear Technology LTC2970IUFD Datasheet HTML 5Page - Linear Technology LTC2970IUFD Datasheet HTML 6Page - Linear Technology LTC2970IUFD Datasheet HTML 7Page - Linear Technology LTC2970IUFD Datasheet HTML 8Page - Linear Technology LTC2970IUFD Datasheet HTML 9Page - Linear Technology LTC2970IUFD Datasheet HTML 10Page - Linear Technology LTC2970IUFD Datasheet HTML 11Page - Linear Technology LTC2970IUFD Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LTC2970/LTC2970-1
8
29701fc
TEMPERATURE (°C)
–50
256.2
256.4
256.6
256.8
257.0
257.4
–25
025
50
29701 G10
75
100
257.2
IDAC CODE = 'hff
RIOUT = 13kΩ
TEMPERATURE ( C)
–50
1.590
1.595
1.600
1.605
1.610
1.620
–25
025
50
29701 G11
75
100
1.615
IDAC CODE = 'h00
CURRENT (mA)
0
3.496
3.498
3.500
–8
29701 G12
3.494
3.492
3.490
–2
–4
–6
–10
25 C
–45 C
90 C
VIOUTn = 3.5V
CURRENT (mA)
0
0.25
0.30
0.35
8
29701 G13
0.20
0.15
246
10
0.10
0.05
0
90 C
25 C
–45 C
VIOUT = 0.1V
1 s PER DIVISION
29701 G14
100k
SERIES RESISTANCE ON VOUTn
RIOUT = 10k
CODE 'h7f
CODE 'h80
5 s PER DIVISION
29701 G15
100k
SERIES RESISTANCE ON VOUTn
RIOUT = 10k
CODE 'h80
CONNECTED
HIGH-Z
10 s PER DIVISION
29701 G16
100k
SERIES RESISTANCE ON VOUTn
RIOUT = 10k
HIGH-Z
CONNECTED
TEMPERATURE ( C)
–50
–1.5
–1.0
–0.5
0
0.5
1.5
–25
025
50
29701 G17
75
100
1.0
TEMPERATURE ( C)
–50
4.945
4.944
4.943
4.942
4.941
4.940
4.939
4.938
25
75
29701 G18
–25
0
50
100
V12VIN = 12V
IVDD = 0A
IDAC Output Current
vs Temperature
VOUTn Offset Voltage
vs Temperature
Voltage Buffered IDAC Load
Regulation Sourcing
Voltage Buffered IDAC Load
Regulation Sinking
Voltage Buffered IDAC Transient
Response to 1LSB DAC Code Change
Voltage Buffered IDAC Soft-
Connect Transient Response
Voltage Buffered IDAC Transient
Response During Transition from
On State to High-Z State
Temperature Sensor Error
vs Temperature
VDD Regulator Output Voltage
vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LTC2970IUFD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2970IUFD LINER-LTC2970IUFD Datasheet
372Kb / 36P
   Dual I2C Power Supply Monitor and
LTC2970IUFD-1 LINER-LTC2970IUFD-1 Datasheet
372Kb / 36P
   Dual I2C Power Supply Monitor and
LTC2970IUFD-1-PBF LINER-LTC2970IUFD-1-PBF Datasheet
400Kb / 36P
   Dual I2C Power Supply Monitor and Margining Controller
LTC2970IUFD-1-TRPBF LINER-LTC2970IUFD-1-TRPBF Datasheet
400Kb / 36P
   Dual I2C Power Supply Monitor and Margining Controller
LTC2970IUFD-PBF LINER-LTC2970IUFD-PBF Datasheet
400Kb / 36P
   Dual I2C Power Supply Monitor and Margining Controller
More results

Similar Description - LTC2970IUFD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2970CUFD LINER-LTC2970CUFD Datasheet
372Kb / 36P
   Dual I2C Power Supply Monitor and
LTC2970-1 LINER-LTC2970-1_15 Datasheet
876Kb / 38P
   Dual I2C Power Supply Monitor and Margining Controller
LTC2970 LINER-LTC2970_15 Datasheet
876Kb / 38P
   Dual I2C Power Supply Monitor and Margining Controller
LTC2970 LINER-LTC2970 Datasheet
400Kb / 36P
   Dual I2C Power Supply Monitor and Margining Controller
LTC1921 LINER-LTC1921_15 Datasheet
180Kb / 12P
   Dual 48V Supply and Fuse Monitor
LTC1921 LINER-LTC1921_1 Datasheet
174Kb / 12P
   Dual -48V Supply and Fuse Monitor
LTC1921 LINER-LTC1921 Datasheet
177Kb / 12P
   Dual .48V Supply and Fuse Monitor
logo
ON Semiconductor
ASM1832 ONSEMI-ASM1832 Datasheet
163Kb / 9P
   Power Supply Monitor and Reset Circuit
August, 2011 ??Rev. 3
logo
Fujitsu Component Limit...
MB3771 FUJITSU-MB3771_06 Datasheet
235Kb / 21P
   Power Supply Monitor
logo
Microchip Technology
MCP39F521 MICROCHIP-MCP39F521 Datasheet
1,001Kb / 52P
   I2C Power Monitor with Calculation and Energy Accumulation
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com