Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2970CUFD-1 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2970CUFD-1
Description  Dual I2C Power Supply Monitor and
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2970CUFD-1 Datasheet(HTML) 4 Page - Linear Technology

  LTC2970CUFD-1 Datasheet HTML 1Page - Linear Technology LTC2970CUFD-1 Datasheet HTML 2Page - Linear Technology LTC2970CUFD-1 Datasheet HTML 3Page - Linear Technology LTC2970CUFD-1 Datasheet HTML 4Page - Linear Technology LTC2970CUFD-1 Datasheet HTML 5Page - Linear Technology LTC2970CUFD-1 Datasheet HTML 6Page - Linear Technology LTC2970CUFD-1 Datasheet HTML 7Page - Linear Technology LTC2970CUFD-1 Datasheet HTML 8Page - Linear Technology LTC2970CUFD-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LTC2970/LTC2970-1
4
29701fc
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Voltage Buffered IDAC Output Characteristics
INL_VOUT
Integral Nonlinearity
RIOUTn = 10kΩ, No Load on VOUTn (Note 5)
±1
LSB
DNL_VOUT
Differential Nonlinearity
RIOUTn = 10kΩ, No Load on VOUTn (Note 5)
±1
LSB
VOS-VOUT
Offset Voltage
VOS = VOUTn – VIOUTn, No Load on VOUTn
1.6
±10
mV
Output Voltage Drift
No Load on VOUTn
0.17
μV/°C
VOUT
Load Regulation
0.1V < VOUTn < VDD – 1.5V, IVOUTn Source = 1mA
–57
ppm/mA
0.1V < VOUTn < VDD – 1.5V, IVOUTn Sink = 1mA
100
ppm/mA
Leakage Current
VOUTn High-Z, 0V ≤ VOUTn ≤ VDD
1
±100
nA
Short-Circuit Current Low
VOUTn Shorted to GND
–50
mA
Short-Circuit Current High
VOUTn Shorted to VDD
50
mA
Soft Connect Comparator Characteristics (CMP0, CMP1)
VOS
Offset Voltage
±3
mV
Temperature Sensor Characteristics
TMP
Gain
0.25
°C/LSB
12VIN Voltage Divider Characteristics
GAIN_12VIN Gain
0.329
0.333
0.335
V/V
Digital Inputs SCL, SDA, GPIO_CFG, GPIO_0, GPIO_1
VIH
Input High Threshold Voltage
SDA, SCL
2.1
V
GPIO_CFG, GPIO_0, GIPO_1
1.6
V
VIL
Input Low Threshold Voltage
SDA, SCL
1.5
V
GPIO_CFG, GPIO_0, GIPO_1
1.0
V
VHYST
Input Hysteresis
0.08
V
ILEAK
Input Leakage Current
0V ≤ VIN ≤ 6V
±1
μA
CIN
Input Capacitance
10
pF
Three State Inputs ASEL[1:0]
VIH_ASEL
Input High Threshold Voltage
VDD – 0.5
V
VIL_ASEL
Input Low Threshold Voltage
0.5
V
IIN,HL
High, Low Input Current
ASEL[1:0] = 0, VDD
±20
μA
IIN,Z
High Z Input Current
±2
μA
Open Drain Outputs SDA, GPIO_CFG, GPIO_0, GPIO_1, ⎯A⎯L⎯E⎯R⎯T
VOL
Output Low Voltage
ISINK = 3mA
0.4
V
IOH
Input Leakage Current
0V ≤ VIN ≤ 6V
±1
μA
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V12VIN = 12V, VDD and REF pins floating unless otherwise indicated,
CVDD = 100nF and CREF = 100nF.


Similar Part No. - LTC2970CUFD-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2970CUFD-1 LINER-LTC2970CUFD-1 Datasheet
372Kb / 36P
   Dual I2C Power Supply Monitor and
LTC2970CUFD-1-PBF LINER-LTC2970CUFD-1-PBF Datasheet
400Kb / 36P
   Dual I2C Power Supply Monitor and Margining Controller
LTC2970CUFD-1-TRPBF LINER-LTC2970CUFD-1-TRPBF Datasheet
400Kb / 36P
   Dual I2C Power Supply Monitor and Margining Controller
More results

Similar Description - LTC2970CUFD-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2970IUFD LINER-LTC2970IUFD Datasheet
372Kb / 36P
   Dual I2C Power Supply Monitor and
LTC2970-1 LINER-LTC2970-1_15 Datasheet
876Kb / 38P
   Dual I2C Power Supply Monitor and Margining Controller
LTC2970 LINER-LTC2970_15 Datasheet
876Kb / 38P
   Dual I2C Power Supply Monitor and Margining Controller
LTC2970 LINER-LTC2970 Datasheet
400Kb / 36P
   Dual I2C Power Supply Monitor and Margining Controller
LTC1921 LINER-LTC1921_15 Datasheet
180Kb / 12P
   Dual 48V Supply and Fuse Monitor
LTC1921 LINER-LTC1921_1 Datasheet
174Kb / 12P
   Dual -48V Supply and Fuse Monitor
LTC1921 LINER-LTC1921 Datasheet
177Kb / 12P
   Dual .48V Supply and Fuse Monitor
logo
ON Semiconductor
ASM1832 ONSEMI-ASM1832 Datasheet
163Kb / 9P
   Power Supply Monitor and Reset Circuit
August, 2011 ??Rev. 3
logo
Fujitsu Component Limit...
MB3771 FUJITSU-MB3771_06 Datasheet
235Kb / 21P
   Power Supply Monitor
logo
Microchip Technology
MCP39F521 MICROCHIP-MCP39F521 Datasheet
1,001Kb / 52P
   I2C Power Monitor with Calculation and Energy Accumulation
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com