Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3404EMS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3404EMS8
Description  1.4MHz High Efficiency Monolithic Synchronous Step-Down Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3404EMS8 Datasheet(HTML) 1 Page - Linear Technology

  LTC3404EMS8 Datasheet HTML 1Page - Linear Technology LTC3404EMS8 Datasheet HTML 2Page - Linear Technology LTC3404EMS8 Datasheet HTML 3Page - Linear Technology LTC3404EMS8 Datasheet HTML 4Page - Linear Technology LTC3404EMS8 Datasheet HTML 5Page - Linear Technology LTC3404EMS8 Datasheet HTML 6Page - Linear Technology LTC3404EMS8 Datasheet HTML 7Page - Linear Technology LTC3404EMS8 Datasheet HTML 8Page - Linear Technology LTC3404EMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC3404
3404fb
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
High Efficiency: Up to 95%
Very Low Quiescent Current: Only 10
μA
During Operation
600mA Output Current at VIN = 3.3V
2.65V to 6V Input Voltage Range
1.4MHz Constant Frequency Operation
No Schottky Diode Required
Low Dropout Operation: 100% Duty Cycle
Synchronizable from 1MHz to 1.7MHz
Selectable Burst Mode
® Operation or
Pulse Skipping Mode
0.8V Reference Allows Low Output Voltages
Shutdown Mode Draws < 1
μA Supply Current
±2% Output Voltage Accuracy
Current Mode Control for Excellent Line and
Load Transient Response
Overcurrent and Overtemperature Protected
Available in 8-Lead MSOP Package
The LTC
®3404 is a high efficiency monolithic synchro-
nous buck regulator using a constant frequency, current
mode architecture. Supply current during operation is
only 10
μA and drops to < 1μA in shutdown. The 2.65V to
6V input voltage range makes the LTC3404 ideally suited
for single Li-Ion battery-powered applications. 100% duty
cycle provides low dropout operation, extending battery
life in portable systems.
Switching frequency is internally set at 1.4MHz, allowing
the use of small surface mount inductors and capacitors.
For noise sensitive applications the LTC3404 can be
externally synchronized from 1MHz to 1.7MHz. Burst
Mode operation is inhibited during synchronization or
when the SYNC/MODE pin is pulled low, preventing low
frequency ripple from interfering with audio circuitry.
The internal synchronous switch increases efficiency and
eliminates the need for an external Schottky diode. Low
output voltages are easily supported with the 0.8V feed-
back reference voltage. The LTC3404 is available in a
space saving 8-lead MSOP package.
For higher input voltage (11V abs max) applications, refer
to the LTC1877 data sheet.
Cellular Telephones
Wireless and DSL Modems
Personal Information Appliances
Portable Instruments
Distributed Power Systems
Battery-Powered Equipment
High Efficiency Step-Down Converter
1.4MHz High Efficiency
Monolithic Synchronous
Step-Down Regulator
Efficiency vs Output Load Current
LOAD (mA)
80
75
85
90
95
100
0.1
10
100
1000
3404 TA02
70
1
VIN = 6V
VIN = 4.2V
VIN = 3.6V
Burst Mode OPERATION
VOUT = 3.3V
L = 4.7
μH
22
μF**
CER
7
6
1
2
5
3
4
SW
VFB
LTC3404
GND
4.7
μH*
10
μF***
CER
47pF
VOUT
3.3V
*
**
***
TOKO D52LC A914BYW-4R7M
TAIYO-YUDEN CERAMIC JMK325BJ226MM
TAIYO-YUDEN CERAMIC LMK325BJ106MN
VOUT CONNECTED TO VIN FOR 2.65V < VIN < 3.3V
887k
20pF
280k
3404 TA01
SYNC
VIN
RUN
ITH
VIN
2.65V
TO 6V
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC3404EMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3404EMS8 LINER-LTC3404EMS8 Datasheet
241Kb / 16P
   1.4MHz High Efficiency Monolithic Synchronous Step-Down Regulator
More results

Similar Description - LTC3404EMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3404 LINER-LTC3404_15 Datasheet
215Kb / 16P
   1.4MHz High Efficiency Monolithic Synchronous Step-Down Regulator
LTC3404 LINER-LTC3404 Datasheet
241Kb / 16P
   1.4MHz High Efficiency Monolithic Synchronous Step-Down Regulator
LTC1878 LINER-LTC1878 Datasheet
225Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Regulator
logo
STMicroelectronics
L6926 STMICROELECTRONICS-L6926_06 Datasheet
203Kb / 17P
   High efficiency monolithic synchronous step down regulator
L6925D STMICROELECTRONICS-L6925D Datasheet
57Kb / 5P
   HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
L6928 STMICROELECTRONICS-L6928_11 Datasheet
194Kb / 16P
   High efficiency monolithic synchronous step down regulator
L6925D STMICROELECTRONICS-L6925D_04 Datasheet
57Kb / 6P
   HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
logo
Linear Technology
LTC1877 LINER-LTC1877 Datasheet
225Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Regulator
logo
STMicroelectronics
L6926 STMICROELECTRONICS-L6926_08 Datasheet
260Kb / 16P
   High efficiency monolithic synchronous step down regulator
logo
Linear Technology
LTC1878 LINER-LTC1878_15 Datasheet
239Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com