Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG3257BRQZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADG3257BRQZ
Description  High Speed, 3.3 V/5 V Quad 2:1 Mux/Demux (4-Bit, 1 of 2) Bus Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3257BRQZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG3257BRQZ Datasheet HTML 4Page - Analog Devices ADG3257BRQZ Datasheet HTML 5Page - Analog Devices ADG3257BRQZ Datasheet HTML 6Page - Analog Devices ADG3257BRQZ Datasheet HTML 7Page - Analog Devices ADG3257BRQZ Datasheet HTML 8Page - Analog Devices ADG3257BRQZ Datasheet HTML 9Page - Analog Devices ADG3257BRQZ Datasheet HTML 10Page - Analog Devices ADG3257BRQZ Datasheet HTML 11Page - Analog Devices ADG3257BRQZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADG3257
Rev. E | Page 9 of 12
TEST CIRCUITS
S1
DUT
GND
OPEN
PULSE
GENERATOR1
VIN
RT3
VCC
VOUT
CL2
RL
RL
2 × VCC
1PULSE GENERATOR FOR ALL PULSES:
tF < 2.5ns, tR < 2.5ns.
2CL = INCLUDES BOARD, STRAY, AND LOAD CAPACITANCES.
3RT ISTHETERMINATION RESISTOR; SHOULD BE EQUALTO ZOUT OF THE
PULSE GENERATOR.
Figure 12. Load Circuit
0V
VIH
VT
tPHL
tPLH
SWITCH INPUT
VOH
VT
VOL
OUTPUT
Figure 13. Propagation Delay
ENABLE
DISABLE
0V
0V
0V
S1 @ 2VCC
VT
VOH – ΔV
S1 @ 2VCC
LOW
tPZL
tPZH
CONTROL INPUTS
tPHZ
tPLZ
VT
VCC
VIH
VT
VCC
VOL + ΔV
VOL
VOH
OUTPUT
OUTPUT
Figure 14. Select, Enable, and Disable Times
Table 6. Switch S1 Condition
Test
S1
tPLH, tPHL
Open
tPLZ, tPZL
2 × VCC
tPHZ, tPZH
GND
tSEL
Open
Table 7. Test Conditions
Symbol
VCC = 5 V ± 10%
VCC = 3.3 V ± 10%
Unit
RL
500
500
Ω
ΔV
300
300
mV
CL
50
50
pF


Similar Part No. - ADG3257BRQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3257BRQZ AD-ADG3257BRQZ Datasheet
420Kb / 12P
   High Speed, 3.3 V/5 V Quad 2:1 Mux/Demux (4-Bit, 1 of 2) Bus Switch
Rev. E
ADG3257BRQZ-REEL AD-ADG3257BRQZ-REEL Datasheet
420Kb / 12P
   High Speed, 3.3 V/5 V Quad 2:1 Mux/Demux (4-Bit, 1 of 2) Bus Switch
Rev. E
ADG3257BRQZ-REEL7 AD-ADG3257BRQZ-REEL7 Datasheet
420Kb / 12P
   High Speed, 3.3 V/5 V Quad 2:1 Mux/Demux (4-Bit, 1 of 2) Bus Switch
Rev. E
More results

Similar Description - ADG3257BRQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3257 AD-ADG3257_V01 Datasheet
420Kb / 12P
   High Speed, 3.3 V/5 V Quad 2:1 Mux/Demux (4-Bit, 1 of 2) Bus Switch
Rev. E
ADG3257 AD-ADG3257 Datasheet
173Kb / 8P
   High Speed, 3.3 V/5 V Quad 2:1 Mux/Demux (4-Bit, 1 of 2) Bus Switch
REV. C
ADG3257 AD-ADG3257_15 Datasheet
420Kb / 12P
   High Speed, 3.3 V/5 V Quad 2 1 Mux/Demux
Rev. E
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
   Quad 2:1 Mux/DeMux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Integrated Device Techn...
IDT74FST3257 IDT-IDT74FST3257 Datasheet
146Kb / 5P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI3B3257 PERICOM-PI3B3257 Datasheet
192Kb / 5P
   3.3V, Quad 2:1 Mux/Demux Bus Switch
logo
ON Semiconductor
NL3HS3124A ONSEMI-NL3HS3124A Datasheet
120Kb / 7P
   3.3 V, 2 Channel, 2:1 Differential Mux/Demux
December, 2016 ??Rev. 1
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com