Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG5421BRMZ-RL7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG5421BRMZ-RL7
Description  High Voltage Latch-Up Proof, Dual SPST Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5421BRMZ-RL7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG5421BRMZ-RL7 Datasheet HTML 2Page - Analog Devices ADG5421BRMZ-RL7 Datasheet HTML 3Page - Analog Devices ADG5421BRMZ-RL7 Datasheet HTML 4Page - Analog Devices ADG5421BRMZ-RL7 Datasheet HTML 5Page - Analog Devices ADG5421BRMZ-RL7 Datasheet HTML 6Page - Analog Devices ADG5421BRMZ-RL7 Datasheet HTML 7Page - Analog Devices ADG5421BRMZ-RL7 Datasheet HTML 8Page - Analog Devices ADG5421BRMZ-RL7 Datasheet HTML 9Page - Analog Devices ADG5421BRMZ-RL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Data Sheet
ADG5421/ADG5423
Rev. 0 | Page 6 of 20
36 V SINGLE SUPPLY
VDD = 36 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 4.
Parameter
25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance, RON
14.5
Ω typ
VS = 0 V to 30 V, IS = −10 mA; see Figure 24
16
20
24
Ω max
VDD = 32.4 V, VSS = 0 V
On-Resistance Match Between
Channels, ∆RON
0.1
Ω typ
VS = 0 V to 30 V, IS = −10 mA
0.8
1.3
1.4
Ω max
On-Resistance Flatness, RFLAT (ON)
3.5
Ω typ
VS = 0 V to 30 V, IS = −10 mA
4.3
5.5
6.5
Ω max
LEAKAGE CURRENTS
VDD = 39.6 V, VSS = 0 V
Source Off Leakage, IS (Off)
±0.05
nA typ
VS = 1 V to 30 V, VD = 30 V to 1 V; see
Figure 23
±0.25
±1
±10
nA max
Drain Off Leakage, ID (Off)
±0.05
nA typ
VS = 1 V to 30 V, VD = 30 V to 1 V; see
Figure 23
±0.25
±1
±10
nA max
Channel On Leakage, ID (On), IS (On)
±0.1
nA typ
VS = VD = 1 V to 30 V; see Figure 22
±0.4
±4
±20
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.002
µA typ
VIN = VGND or VDD
±0.1
µA max
Digital Input Capacitance, CIN
6
pF typ
DYNAMIC CHARACTERISTICS1
tON
181
ns typ
RL = 300 Ω, CL = 35 pF
210
245
280
ns max
VS = 18 V; see Figure 29
tOFF
170
ns typ
RL = 300 Ω, CL = 35 pF
192
205
220
ns max
VS = 18 V; see Figure 29
Break-Before-Make Time Delay, tD
(ADG5423 Only)
66
ns typ
RL = 300 Ω, CL = 35 pF
37
ns min
VS1 = VS2 = 18 V; see Figure 31
Charge Injection, QINJ
110
pC typ
VS = 18 V, RS = 0 Ω, CL = 1 nF; see Figure 30
Off Isolation
−55
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 25
Channel-to-Channel Crosstalk
−85
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 28
Total Harmonic Distortion + Noise
0.01
% typ
RL = 1 kΩ, 18 V p-p, f = 20 Hz to 20 kHz;
see Figure 26
−3 dB Bandwidth
260
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 27
Insertion Loss
−0.9
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 27
CS (Off)
13
pF typ
VS = 18 V, f = 1 MHz
CD (Off)
16
pF typ
VS = 18 V, f = 1 MHz
CD (On), CS (On)
38
pF typ
VS = 18 V, f = 1 MHz
POWER REQUIREMENTS
VDD = 39.6 V
IDD
80
µA typ
Digital inputs = 0 V or VDD
100
130
µA max
VDD
9/40
V min/V max
GND = 0 V, VSS = 0 V
1
Guaranteed by design; not subject to production test.


Similar Part No. - ADG5421BRMZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5421F AD-ADG5421F Datasheet
587Kb / 31P
   짹60 V Fault Protection and Detection, 11 廓 RON, Dual SPST Switch
ADG5421FBCPZ-RL7 AD-ADG5421FBCPZ-RL7 Datasheet
587Kb / 31P
   짹60 V Fault Protection and Detection, 11 廓 RON, Dual SPST Switch
More results

Similar Description - ADG5421BRMZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5412 AD-ADG5412_11 Datasheet
340Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. A
ADG5412 AD-ADG5412 Datasheet
314Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. 0
ADG5436 AD-ADG5436_11 Datasheet
394Kb / 20P
   High Voltage Latch-Up Proof, Dual SPDT Switches
REV. A
ADG5436 AD-ADG5436 Datasheet
306Kb / 20P
   High Voltage Latch-Up Proof, Dual SPDT Switches
REV. 0
ADG5401 AD-ADG5401 Datasheet
375Kb / 17P
   High Voltage Latch-Up Proof, Single SPST Switch
ADG5212 AD-ADG5212 Datasheet
339Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches 0.07 pC charge injection
REV. 0
ADG5433W AD-ADG5433W Datasheet
385Kb / 20P
   High Voltage, Latch-Up Proof, Triple SPDT Switches
ADG5233 AD-ADG5233 Datasheet
360Kb / 24P
   High Voltage Latch-Up Proof
REV. A
ADG5208 AD-ADG5208 Datasheet
366Kb / 24P
   High Voltage, Latch-Up Proof
REV. A
ADG5433WBRUZ AD-ADG5433WBRUZ Datasheet
425Kb / 24P
   High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com