Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCIDCC126AGA1 Datasheet(PDF) 3 Page - Dubilier

Part # DBCIDCC126AGA1
Description  IDC SHROUDED LATCHED HEADER - STRAIGHT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCIDCC126AGA1 Datasheet(HTML) 3 Page - Dubilier

  DBCIDCC126AGA1 Datasheet HTML 1Page - Dubilier DBCIDCC126AGA1 Datasheet HTML 2Page - Dubilier DBCIDCC126AGA1 Datasheet HTML 3Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
321
IDC
SHROUDED LATCHED HEADER - SMT 2.54mm
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
Industry compatible
Competitively priced
Various plating contacts available
2.54mm pitch
Long or short latch
Material & Finish
Contact Material:
Phosphor Bronze or Brass
Insulator Material:
Nylon 6T, glass reinforced, rated UL 94V-0
Current Rating:
2 Amp
Contact Resistance:
30M Ω Max
Insulator Resistance:
3000M Ω Min
Dielectric Withstanding
Voltage:
500V AC for One Minute
Operating Temperature:
-40°C to + 105°C
DBC
IDC
C1D
26
Dubilier
Connectors
IDC
Connector
Series
Contact Plating
S=Selective
G= Gold Flash
*=Other Plating
Features
A=Long Latch
B=Short Latch
Colour
1=Black
10=10way
14=14way
16=16way
20=20way
24=24way
26=26way
30=30way
34=34way
40=40way
44=44way
50=50way
60=60way
64=64way
G
Contact Material
A=Brass
A
A
1
Nº of Ways
Position
A
B
C
D
E
10
32.24
10.16
27.52 21.57
18.25
14
37.32
15.24 32.60 26.65
23.33
16
39.86
17.78 35.14
29.19
25.87
20
44.94
22.86 40.22 34.27
30.95
24
50.02
27.94 45.30 39.35
36.03
26
52.56
30.48
47.84 41.89
38.57
30
57.64
35.56 52.92 46.97
43.65
34
62.72
40.64 58.00 52.05
48.73
40
70.34
48.26 65.62 59.67
56.35
44
75.42
53.34 70.70 64.75
61.43
50
83.04
60.96 78.32 72.37
69.05
60
95.74
73.66
91.02 85.07
81.75
64
100.82
78.74
96.10 90.15
86.83
2.54
8.4
A
B
E
4.6
0.64*0.64
STEEL
SWIN-LOCK
13.2
D
13.2
C
10.5
X
11.5
4.0
2.54
1.27
RO
DUC
NEW
ACCESSORIES
X
Y
g
n
o
L
Latch
27.8
14.6
t
r
o
h
S
Latch
26.2
10.6
www.dubilier.co.uk


Similar Part No. - DBCIDCC126AGA1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCC126AGA1 DUBILIER-DBCIDCC126AGA1 Datasheet
87Kb / 1P
   IDC SHROUDED LATCHED HEADER - STRAIGHT
More results

Similar Description - DBCIDCC126AGA1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCC110ASA1 DUBILIER-DBCIDCC110ASA1 Datasheet
87Kb / 1P
   IDC SHROUDED LATCHED HEADER - STRAIGHT
DBCIDCC7B10BGA1 DUBILIER-DBCIDCC7B10BGA1_11 Datasheet
452Kb / 4P
   IDC SHROUDED LATCHED HEADER STRAIGHT 1.27mm
DBCIDCC7B30BGA1 DUBILIER-DBCIDCC7B30BGA1 Datasheet
99Kb / 1P
   IDC SHROUDED LATCHED HEADER STRAIGHT 1.27mm
DBCIDCC5A26AGA1 DUBILIER-DBCIDCC5A26AGA1 Datasheet
83Kb / 1P
   IDC SHROUDED LATCHED HEADER 2.00mm
DBCIDCC42A26BG1 DUBILIER-DBCIDCC42A26BG1 Datasheet
96Kb / 1P
   IDC SHROUDED LATCHED HEADER 1.27mm
DBCIDCC5A26AGA1 DUBILIER-DBCIDCC5A26AGA1_11 Datasheet
348Kb / 3P
   IDC SHROUDED LATCHED HEADER 2.00mm
DBCIDCC1D26AGA1 DUBILIER-DBCIDCC1D26AGA1 Datasheet
89Kb / 1P
   IDC SHROUDED LATCHED HEADER - SMT 2.54mm
DBCIDCC44A26BG1 DUBILIER-DBCIDCC44A26BG1 Datasheet
94Kb / 1P
   IDC SHROUDED LATCHED HEADER SMT 1.27mm
DBCIDCC210ASA1 DUBILIER-DBCIDCC210ASA1 Datasheet
96Kb / 1P
   IDC SHROUDED LATCHED HEADER - RIGHT ANGLED
DBCIDCC43A26BG1 DUBILIER-DBCIDCC43A26BG1 Datasheet
94Kb / 1P
   IDC SHROUDED LATCHED HEADER RIGHT ANGLED 1.27mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com