Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2817ACPZ-RL7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADN2817ACPZ-RL7
Description  Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2817ACPZ-RL7 Datasheet(HTML) 4 Page - Analog Devices

  ADN2817ACPZ-RL7 Datasheet HTML 1Page - Analog Devices ADN2817ACPZ-RL7 Datasheet HTML 2Page - Analog Devices ADN2817ACPZ-RL7 Datasheet HTML 3Page - Analog Devices ADN2817ACPZ-RL7 Datasheet HTML 4Page - Analog Devices ADN2817ACPZ-RL7 Datasheet HTML 5Page - Analog Devices ADN2817ACPZ-RL7 Datasheet HTML 6Page - Analog Devices ADN2817ACPZ-RL7 Datasheet HTML 7Page - Analog Devices ADN2817ACPZ-RL7 Datasheet HTML 8Page - Analog Devices ADN2817ACPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
ADN2817/ADN2818
Data Sheet
Rev. E | Page 4 of 40
SPECIFICATIONS
TA = TMIN to TMAX, VCC = VMIN to VMAX, VEE = 0 V, CF = 0.47 µF, SLICEP = SLICEN = VEE, input data pattern: PRBS 223 − 1,
unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
QUANTIZER—DC CHARACTERISTICS
Input Voltage Range
At PIN or NIN, dc-coupled
1.8
2.8
V
Peak-to-Peak Differential Input
PIN − NIN
2.0
V
Input Common-Mode Level
DC-coupled (see Figure 40, Figure 41, and Figure 42)
2.3
2.5
2.8
V
Differential Input Sensitivity
223 − 1 PRBS, ac-coupled,1 BER = 1 × 10−10
ADN2817
10
5
mV p-p
ADN2818
200
mV p-p
QUANTIZER—AC CHARACTERISTICS
Data Rate
10
2700
Mbps
S11
At 2.5 GHz
−15
dB
Input Resistance
Differential
100
Input Capacitance
0.65
pF
QUANTIZER—SLICE ADJUSTMENT
ADN2817 only
Gain
SLICEP − SLICEN = ±0.5 V
0.10
0.11
0.13
V/V
Differential Control Voltage Input
SLICEP − SLICEN
−0.95
+0.95
V
Control Voltage Range
DC level @ SLICEP or SLICEN
VEE
0.95
V
Slice Threshold Offset
±1
mV
LOSS OF SIGNAL DETECT (LOS)
ADN2817 only
Loss of Signal Detect Range (See Figure 6)
RThresh = 0 Ω
14.2
20.0
mV
RThresh = 100 kΩ
2.1
5.0
mV
Hysteresis (Electrical)
OC-48
RThresh = 0 Ω
6.2
8.2
dB
RThresh = 100 kΩ
4.7
7.7
dB
OC-1
RThresh = 0 Ω
4.9
7.5
dB
RThresh = 10 kΩ
3.0
7.3
dB
LOS Assert Time
DC-coupled2
450
ns
LOS Deassert Time
DC-coupled2
500
ns
LOSS OF LOCK DETECT (LOL)
VCO Frequency Error for LOL Assert
With respect to nominal
1000
ppm
VCO Frequency Error for LOL Deassert
With respect to nominal
250
ppm
LOL Response Time
OC-48
1.0
µs
OC-12
1.0
µs
10 Mbps
500
µs
ACQUISITION TIME
Lock to Data Mode
OC-48
1.3
ms
OC-12
2.0
ms
OC-3
3.4
ms
OC-1
9.8
ms
10 Mbps
40.0
ms
Optional Lock to REFCLK Mode
10.0
ms
DATA RATE READBACK ACCURACY
Coarse Readback
See Table 19
10
%
Fine Readback
In addition to REFCLK accuracy
100
ppm


Similar Part No. - ADN2817ACPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2817 AD-ADN2817 Datasheet
322Kb / 35P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Rev.PrA
ADN2817 AD-ADN2817_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
More results

Similar Description - ADN2817ACPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2818 AD-ADN2818_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2817 AD-ADN2817_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2817 AD-ADN2817 Datasheet
322Kb / 35P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Rev.PrA
ADN2812ACPZ-RL7 AD-ADN2812ACPZ-RL7 Datasheet
409Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery
Rev. E
ADN2913 AD-ADN2913 Datasheet
577Kb / 37P
   Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2915 AD-ADN2915 Datasheet
776Kb / 36P
   Continuous Rate 6.5 Mbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2917 AD-ADN2917 Datasheet
703Kb / 32P
   Continuous Rate 8.5 Gbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2816ACPZ AD-ADN2816ACPZ Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. C
ADN2815 AD-ADN2815 Datasheet
454Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com