Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCIDCC5A10AGA1 Datasheet(PDF) 3 Page - Dubilier

Part # DBCIDCC5A10AGA1
Description  IDC SHROUDED LATCHED HEADER 2.00mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCIDCC5A10AGA1 Datasheet(HTML) 3 Page - Dubilier

  DBCIDCC5A10AGA1 Datasheet HTML 1Page - Dubilier DBCIDCC5A10AGA1 Datasheet HTML 2Page - Dubilier DBCIDCC5A10AGA1 Datasheet HTML 3Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
332
Material & Finish
Contact Material:
Brass
Insulator Material:
Nylon 6T, glass reinforced, rated UL 94V-0
Current Rating:
1 Amp
Contact Resistance:
30M Ω Max.
Insulator Resistance:
3000M Ω Min.
Dielectric Withstanding
Voltage:
500V AC for One Minute
Operating Temperature:
-40°C to + 105°C
Position
A
B
C
10
25.7
8.0
15.8
12
27.7
10.0
17.8
14
29.7
12.0
19.8
16
31.7
14.0
21.8
20
35.7
18.0
25.8
22
37.7
20.0
27.8
24
39.7
22.0
29.8
26
41.7
24.0
31.8
30
45.7
28.0
35.8
34
49.7
32.0
39.8
40
55.7
38.0
45.8
44
59.7
42.0
49.8
50
65.7
48.0
55.8
68
83.7
66.0
73.8
IDC
SHROUDED LATCHED HEADER SMT 2.0mm
OUTLINE DRAWING
ORDERING INFORMATION
Industry compatible
Competitively priced
Various Plating contacts available
2.0mm pitch
Long or Short Latch
DBC
IDC
C6S
10
Dubilier
Connectors
IDC
Connector
Series
Contact Plating
G= Gold Flash
S=Selective
*=Other Plating
available
10=10way
12=12way
14=14way
16=16way
20=20way
22=22way
24=24way
26=26way
30=30way
34=34way
40=40way
44=44way
50=50way
68=68way
Contact Material
A=Brass
A
G
Nº of Ways
SPECIFICATION
Colour
1=Black
1
B
2.0
2.0
6.0
4.0
C
A
Y
0.5*0.5
X
8.2
9.2
0.9
3.5
2.0
Features
A=Long Latch
B=Short Latch
A
RO
DUC
NEW
ACCESSORIES
X
Y
g
n
o
L
Latch
20.0
11.5
t
r
o
h
S
Latch
17.2
8.7
www.dubilier.co.uk


Similar Part No. - DBCIDCC5A10AGA1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCC5A10AGA1 DUBILIER-DBCIDCC5A10AGA1 Datasheet
83Kb / 1P
   IDC SHROUDED LATCHED HEADER 2.00mm
More results

Similar Description - DBCIDCC5A10AGA1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCC5A26AGA1 DUBILIER-DBCIDCC5A26AGA1 Datasheet
83Kb / 1P
   IDC SHROUDED LATCHED HEADER 2.00mm
DBCIDCC110ASA1 DUBILIER-DBCIDCC110ASA1 Datasheet
87Kb / 1P
   IDC SHROUDED LATCHED HEADER - STRAIGHT
DBCIDCC110ASA1 DUBILIER-DBCIDCC110ASA1_11 Datasheet
327Kb / 3P
   IDC SHROUDED LATCHED HEADER - STRAIGHT
DBCIDCC42A26BG1 DUBILIER-DBCIDCC42A26BG1 Datasheet
96Kb / 1P
   IDC SHROUDED LATCHED HEADER 1.27mm
DBCIDCC7B10BGA1 DUBILIER-DBCIDCC7B10BGA1_11 Datasheet
452Kb / 4P
   IDC SHROUDED LATCHED HEADER STRAIGHT 1.27mm
DBCIDCC1D26AGA1 DUBILIER-DBCIDCC1D26AGA1 Datasheet
89Kb / 1P
   IDC SHROUDED LATCHED HEADER - SMT 2.54mm
DBCIDCC44A26BG1 DUBILIER-DBCIDCC44A26BG1 Datasheet
94Kb / 1P
   IDC SHROUDED LATCHED HEADER SMT 1.27mm
DBCIDCC210ASA1 DUBILIER-DBCIDCC210ASA1 Datasheet
96Kb / 1P
   IDC SHROUDED LATCHED HEADER - RIGHT ANGLED
DBCIDCC7B30BGA1 DUBILIER-DBCIDCC7B30BGA1 Datasheet
99Kb / 1P
   IDC SHROUDED LATCHED HEADER STRAIGHT 1.27mm
DBCIDCC43A26BG1 DUBILIER-DBCIDCC43A26BG1 Datasheet
94Kb / 1P
   IDC SHROUDED LATCHED HEADER RIGHT ANGLED 1.27mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com