Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NM25C040LNX Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NM25C040LNX
Description  4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM25C040LNX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NM25C040LNX Datasheet HTML 1Page - Fairchild Semiconductor NM25C040LNX Datasheet HTML 2Page - Fairchild Semiconductor NM25C040LNX Datasheet HTML 3Page - Fairchild Semiconductor NM25C040LNX Datasheet HTML 4Page - Fairchild Semiconductor NM25C040LNX Datasheet HTML 5Page - Fairchild Semiconductor NM25C040LNX Datasheet HTML 6Page - Fairchild Semiconductor NM25C040LNX Datasheet HTML 7Page - Fairchild Semiconductor NM25C040LNX Datasheet HTML 8Page - Fairchild Semiconductor NM25C040LNX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
www.fairchildsemi.com
NM25C040 Rev. D.1
Low Voltage 2.7V
V
CC 4.5V Specifications
Absolute Maximum Ratings (Note 5)
Ambient Storage Temperature
-65
°C to +150°C
All Input or Output Voltage with
Respect to Ground
+6.5V to -0.3V
Lead Temp. (Soldering, 10 sec.)
+300
°C
ESD Rating
2000V
Operating Conditions
Ambient Operating Temperature
NM25C040L/LZ
0
°C to +70°C
NM25C040LE/LZE
-40
°C to +85°C
NM25C040LV
-40
°C to +125°C
Power Supply (V
CC)
2.7V–4.5V
DC and AC Electrical Characteristics 2.7V
≤ V
CC ≤ 4.5V (unless otherwise specified)
25C040L/LE
25C040LV
25C040LZ/ZE
Symbol
Parameter
Part
Conditions
Min.
Max.
Min
Max
Units
ICC
Operating Current
CS = VIL
33
mA
I
CCSB
Standby Current
L
CS = V
CC
10
10
µA
LZ
1
N/A
µA
I
IL
Input Leakage
V
IN = 0 to VCC
-1
1
-1
1
µA
I
OL
Output Leakage
V
OUT = GND to VCC
-1
1
-1
1
µA
V
IL
Input Low Voltage
-0.3
V
CC * 0.3
-0.3
V
CC * 0.3
V
V
IH
Input High Voltage
V
CC * 0.7
V
CC + 0.3
V
CC * 0.7
V
CC + 0.3
V
V
OL
Output Low Voltage
I
OL = 0.8 mA
0.4
0.4
V
V
OH
Output High Voltage
I
OH = –0.8 mA
V
CC - 0.8
V
CC - 0.8
V
f
OP
SCK Frequency
1.0
1.0
MHz
t
RI
Input Rise Time
2.0
2.0
µs
t
FI
Input Fall Time
2.0
2.0
µs
t
CLH
Clock High Time
(Note 6)
410
410
ns
t
CLL
Clock Low Time
(Note 6)
410
410
ns
t
CSH
Min. CS High Time
(Note 7)
500
500
ns
t
CSS
CS Setup Time
500
500
ns
t
DIS
Data Setup Time
100
100
ns
t
HDS
HOLD Setup Time
240
240
ns
t
CSN
CS Hold Time
500
500
ns
t
DIN
Data Hold Time
100
100
ns
t
HDN
HOLD Hold Time
240
240
ns
t
PD
Output Delay
C
L = 200 pF
500
500
ns
t
DH
Output Hold Time
0
0
ns
t
LZ
HOLD Output Low Z
240
240
ns
t
DF
Output Disable Time
C
L = 200 pF
500
500
ns
t
HZ
HOLD to Output Hi Z
240
240
ns
t
WP
Write Cycle Time
1-4 Bytes
15
15
ms
Capacitance T
A = 25°C, f = 2.1/1 MHz (Note 8)
Symbol
Test
Typ Max Units
C
OUT
Output Capacitance
3
8
pF
CIN
Input Capacitance
2
6
pF
AC Test Conditions
Output Load
CL = 200pF
Input Pulse Levels
0.1 * V
CC - 0.9 * VCC
Timing Measurement Reference Level
0.3 * VCC - 0.7 * VCC
Note 5: Stress above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only, and functional operation of the device
at these or any other conditions above those indicated in the operational sections of the specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
Note 6: The fOP frequency specification specifies a minimum clock period of 1/fOP. Therefore, for every fOP clock cycle, tCLH + tCLL must be equal to or greater than 1/fOP. For example,
if the 2.1MHz period = 476ns and tCLH = 190ns, tCLL must be 286ns.
Note 7: CS must be brought high for a minimum of tCSH between consecutive instruction cycles.
Note 8: This parameter is periodically sampled and not 100% tested.


Similar Part No. - NM25C040LNX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM25C041 FAIRCHILD-NM25C041 Datasheet
79Kb / 10P
   4K-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface (SPI?? Synchronous Bus)
logo
National Semiconductor ...
NM25C04L NSC-NM25C04L Datasheet
177Kb / 12P
   4096-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface Synchronous Bus)
NM25C04LEM8 NSC-NM25C04LEM8 Datasheet
177Kb / 12P
   4096-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface Synchronous Bus)
NM25C04LEN NSC-NM25C04LEN Datasheet
177Kb / 12P
   4096-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface Synchronous Bus)
NM25C04LM8 NSC-NM25C04LM8 Datasheet
177Kb / 12P
   4096-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface Synchronous Bus)
More results

Similar Description - NM25C040LNX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM25C041 FAIRCHILD-NM25C041 Datasheet
79Kb / 10P
   4K-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface (SPI?? Synchronous Bus)
NM25C160 FAIRCHILD-NM25C160 Datasheet
100Kb / 10P
   16K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C020 FAIRCHILD-NM25C020 Datasheet
108Kb / 10P
   2K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C640 FAIRCHILD-NM25C640 Datasheet
93Kb / 10P
   64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
logo
National Semiconductor ...
NM25C04L NSC-NM25C04L Datasheet
177Kb / 12P
   4096-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface Synchronous Bus)
logo
Fairchild Semiconductor
FM25C040U FAIRCHILD-FM25C040U Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C041U FAIRCHILD-FM25C041U Datasheet
103Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
NM93C66A FAIRCHILD-NM93C66A Datasheet
111Kb / 13P
   4K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C66A FAIRCHILD-FM93C66A Datasheet
117Kb / 13P
   4K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
25LC040P MICROCHIP-25LC040P Datasheet
421Kb / 22P
   4K SPI Bus Serial EEPROM
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com