Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NM25W040LNX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # NM25W040LNX
Description  4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM25W040LNX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  NM25W040LNX Datasheet HTML 1Page - Fairchild Semiconductor NM25W040LNX Datasheet HTML 2Page - Fairchild Semiconductor NM25W040LNX Datasheet HTML 3Page - Fairchild Semiconductor NM25W040LNX Datasheet HTML 4Page - Fairchild Semiconductor NM25W040LNX Datasheet HTML 5Page - Fairchild Semiconductor NM25W040LNX Datasheet HTML 6Page - Fairchild Semiconductor NM25W040LNX Datasheet HTML 7Page - Fairchild Semiconductor NM25W040LNX Datasheet HTML 8Page - Fairchild Semiconductor NM25W040LNX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.fairchildsemi.com
NM25C040 Rev. D.1
Standard Voltage 4.5
V
CC 5.5V Specifications
Absolute Maximum Ratings (Note 1)
Ambient Storage Temperature
-65
°C to +150°C
All Input or Output Voltage with
Respect to Ground
+6.5V to -0.3V
Lead Temp. (Soldering, 10 sec.)
+300
°C
ESD Rating
2000V
Operating Conditions
Ambient Operating Temperature
NM25C040
0
°C to +70°C
NM25C040E
-40
°C to +85°C
NM25C040V
-40
°C to +125°C
Power Supply (V
CC)
4.5V to 5.5V
DC and AC Electrical Characteristics 4.5V
≤ V
CC ≤ 5.5V (unless otherwise specified)
Symbol
Parameter
Conditions
Min
Max
Units
I
CC
Operating Current
CS = V
IL
3mA
ICCSB
Standby Current
CS = VCC
50
µA
I
IL
Input Leakage
V
IN = 0 to VCC
-1
+1
µA
I
OL
Output Leakage
V
OUT = GND to VCC
-1
+1
µA
VIL
CMOS Input Low Voltage
-0.3
VCC * 0.3
V
V
IH
CMOS Input High Voltage
0.7 * V
CC
V
CC + 0.3
V
V
OL
Output Low Voltage
I
OL = 1.6 mA
0.4
V
VOH
Output High Voltage
IOH = -0.8 mA
VCC - 0.8
V
f
OP
SCK Frequency
2.1
MHz
t
RI
Input Rise Time
2.0
µs
tFI
Input Fall Time
2.0
µs
t
CLH
Clock High Time
(Note 2)
190
ns
t
CLL
Clock Low Time
(Note 2)
190
ns
tCSH
Min CS High Time
(Note 3)
240
ns
t
CSS
CS Setup Time
240
ns
t
DIS
Data Setup Time
100
ns
tHDS
HOLD Setup Time
90
ns
t
CSN
CS Hold Time
240
ns
t
DIN
Data Hold Time
100
ns
tHDN
HOLD Hold Time
90
ns
t
PD
Output Delay
C
L = 200 pF
240
ns
t
DH
Output Hold Time
0
ns
tLZ
HOLD to Output Low Z
100
ns
t
DF
Output Disable Time
C
L = 200 pF
240
ns
t
HZ
HOLD to Output High Z
100
ns
tWP
Write Cycle Time
1–4 Bytes
10
ms
Capacitance T
A = 25°C, f = 2.1/1 MHz (Note 4)
Symbol
Test
Typ Max Units
C
OUT
Output Capacitance
3
8
pF
C
IN
Input Capacitance
2
6
pF
AC Test Conditions
Output Load
C
L = 200 pF
Input Pulse Levels
0.1 * V
CC – 0.9 * VCC
Timing Measurement Reference Level
0.3 * VCC - .07 * VCC
Note 1: Stress above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only, and functional operation of the
device at these or any other conditions above those indicated in the operational sections of the specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Note 2: The f
OP frequency specification specifies a minimum clock period of 1/fOP. Therefore, for every fOP clock cycle, tCLH + tCLL must be equal to or greater than 1/fOP. For
example, if the 2.1MHz period = 476ns and t
CLH = 190ns, tCLL must be 286ns.
Note 3: CS must be brought high for a minimum of tCSH between consecutive instruction cycles.
Note 4: This parameter is periodically sampled and not 100% tested.


Similar Part No. - NM25W040LNX

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NM2520N1R0M-T TAIYO-YUDEN-NM2520N1R0M-T Datasheet
136Kb / 1P
   Multilayer Chip Power Inductors (CK series P type/NM series)
NM2520V1R0M-T TAIYO-YUDEN-NM2520V1R0M-T Datasheet
142Kb / 1P
   Multilayer Chip Power Inductors (CK series P type/NM series)
NM2520V2R2M-T TAIYO-YUDEN-NM2520V2R2M-T Datasheet
142Kb / 1P
   Multilayer Chip Power Inductors (CK series P type/NM series)
logo
Fairchild Semiconductor
NM25C020 FAIRCHILD-NM25C020 Datasheet
108Kb / 10P
   2K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C041 FAIRCHILD-NM25C041 Datasheet
79Kb / 10P
   4K-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface (SPI?? Synchronous Bus)
More results

Similar Description - NM25W040LNX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM25C041 FAIRCHILD-NM25C041 Datasheet
79Kb / 10P
   4K-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface (SPI?? Synchronous Bus)
NM25C160 FAIRCHILD-NM25C160 Datasheet
100Kb / 10P
   16K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C020 FAIRCHILD-NM25C020 Datasheet
108Kb / 10P
   2K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C640 FAIRCHILD-NM25C640 Datasheet
93Kb / 10P
   64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
logo
National Semiconductor ...
NM25C04L NSC-NM25C04L Datasheet
177Kb / 12P
   4096-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface Synchronous Bus)
logo
Fairchild Semiconductor
FM25C040U FAIRCHILD-FM25C040U Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C041U FAIRCHILD-FM25C041U Datasheet
103Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
NM93C66A FAIRCHILD-NM93C66A Datasheet
111Kb / 13P
   4K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C66A FAIRCHILD-FM93C66A Datasheet
117Kb / 13P
   4K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
25LC040P MICROCHIP-25LC040P Datasheet
421Kb / 22P
   4K SPI Bus Serial EEPROM
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com