Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP151ACPZ-1.2-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP151ACPZ-1.2-R7
Description  Ultralow Noise, 200 mA, CMOS Linear Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151ACPZ-1.2-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP151ACPZ-1.2-R7 Datasheet HTML 7Page - Analog Devices ADP151ACPZ-1.2-R7 Datasheet HTML 8Page - Analog Devices ADP151ACPZ-1.2-R7 Datasheet HTML 9Page - Analog Devices ADP151ACPZ-1.2-R7 Datasheet HTML 10Page - Analog Devices ADP151ACPZ-1.2-R7 Datasheet HTML 11Page - Analog Devices ADP151ACPZ-1.2-R7 Datasheet HTML 12Page - Analog Devices ADP151ACPZ-1.2-R7 Datasheet HTML 13Page - Analog Devices ADP151ACPZ-1.2-R7 Datasheet HTML 14Page - Analog Devices ADP151ACPZ-1.2-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
ADP151
Rev. E | Page 11 of 24
THEORY OF OPERATION
The ADP151 is an ultralow noise, low quiescent current, low
dropout linear regulator that operates from 2.2 V to 5.5 V and
can provide up to 200 mA of output current. Drawing a low
265 μA of quiescent current (typical) at full load makes the
ADP151 ideal for battery-operated portable equipment.
Shutdown current consumption is typically 200 nA.
Using new innovative design techniques, the ADP151 provides
superior noise performance for noise-sensitive analog and RF
applications without the need for a noise bypass capacitor. The
ADP151 is also optimized for use with small 1 µF ceramic
capacitors.
REFERENCE
SHORT-CIRCUIT,
UVLO, AND
THERMAL
PROTECT
SHUTDOWN
R1
R2
REN
VOUT
VIN
GND
EN
Figure 27. Internal Block Diagram
Internally, the ADP151 consists of a reference, an error amplifier, a
feedback voltage divider, and a PMOS pass transistor. Output
current is delivered via the PMOS pass device, which is controlled
by the error amplifier. The error amplifier compares the reference
voltage with the feedback voltage from the output and amplifies
the difference. If the feedback voltage is lower than the reference
voltage, the gate of the PMOS device is pulled lower, allowing
more current to pass and increasing the output voltage. If the
feedback voltage is higher than the reference voltage, the gate of
the PMOS device is pulled higher, allowing less current to pass
and decreasing the output voltage.
An internal pull-down resistor on the EN input holds the input
low when the pin is left open.
The ADP151 is available in 16 output voltage options, ranging
from 1.1 V to 3.3 V. The ADP151 uses the EN pin to enable and
disable the VOUT pin under normal operating conditions. When
EN is high, VOUT turns on; when EN is low, VOUT turns off.
For automatic startup, EN can be tied to VIN.


Similar Part No. - ADP151ACPZ-1.2-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP151ACPZ-1.2-R7 AD-ADP151ACPZ-1.2-R7 Datasheet
574Kb / 24P
   Ultralow Noise, 200 mA, CMOS Linear Regulator
REV. D
More results

Similar Description - ADP151ACPZ-1.2-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP151 AD-ADP151 Datasheet
540Kb / 24P
   Ultralow Noise,200 mA, CMOS Linear Regulator
REV. 0
ADP151_VD AD-ADP151_VD Datasheet
574Kb / 24P
   Ultralow Noise, 200 mA, CMOS Linear Regulator
REV. D
ADM7160 AD-ADM7160 Datasheet
844Kb / 24P
   Ultralow Noise, 200 mA Linear Regulator
REV. 0
ADP150 AD-ADP150 Datasheet
620Kb / 20P
   Ultralow Noise, 150 mA CMOS Linear Regulator
REV. 0
ADP150_VA AD-ADP150_VA Datasheet
580Kb / 20P
   Ultralow Noise, 150 mA CMOS Linear Regulator
REV. A
ADP150 AD-ADP150_13 Datasheet
603Kb / 20P
   Ultralow Noise, 150 mA CMOS Linear Regulator
REV. B
logo
Texas Instruments
LP5907 TI1-LP5907_16 Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow-Noise, 250-mA Linear Regulator
logo
Analog Devices
ADP7142 AD-ADP7142 Datasheet
1Mb / 23P
   40 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
Rev. H
ADP7118 AD-ADP7118 Datasheet
915Kb / 24P
   20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
ADP7112 AD-ADP7112 Datasheet
584Kb / 21P
   20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com