Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT2232D Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # FT2232D
Description  Future Technology Devices International Ltd
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT2232D Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button FT2232D Datasheet HTML 4Page - List of Unclassifed Manufacturers FT2232D Datasheet HTML 5Page - List of Unclassifed Manufacturers FT2232D Datasheet HTML 6Page - List of Unclassifed Manufacturers FT2232D Datasheet HTML 7Page - List of Unclassifed Manufacturers FT2232D Datasheet HTML 8Page - List of Unclassifed Manufacturers FT2232D Datasheet HTML 9Page - List of Unclassifed Manufacturers FT2232D Datasheet HTML 10Page - List of Unclassifed Manufacturers FT2232D Datasheet HTML 11Page - List of Unclassifed Manufacturers FT2232D Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
Copyright © 2010 Future Technology Devices International Limited
8
Document No.: FT_000173
FT2232D DUAL USB TO SERIAL UART
/FIFO IC Datasheet
Version 2.05
Clearance No.: FTDI# 127
3.1 Pin Out Description
This section describes the operation of the FT2232D pins. Common pins are defined in the first section,
and then the I/O pins are defined by chip mode.
Note: The convention used throughout this document for active low signals is the signal name followed
by#
3.2 Common Pins
The operation of the following FT2232D pins do not change regardless of the configured mode:-
Pin No.
Name
Type
Description
7
USBDP
I/O
USB Data Signal Plus ( Requires 1.5K pull-up to 3V3OUT or RSTOUT# )
8
USBDM
I/O
USB Data Signal Minus
Table 3.1.1
USB Interface Group
Pin No.
Name
Type
Description
48
EECS
I/O
EEPROM – Chip Select. Tri-State during device reset. **Note 1
1
EESK
OUTPUT
Clock signal to EEPROM. Tri-State during device reset, else drives out.
**Note 1
2
EEDATA
I/O
EEPROM – Data I/O Connect directly to Data-In of the EEPROM and to
Data-Out of the EEPROM via a 2.2K resistor. Also, pull Data-Out of the
EEPROM to VCC via a 10K resistor for correct operation. Tri-State during
device reset. **Note 1
Table 3.2.2
EEPROM Interface Group
Pin No.
Name
Type
Description
4
RESET#
INPUT
Can be used by an external device to reset the FT2232D. If not
required, tie to VCC. **Note 1
5
RSTOUT#
OUTPUT
Output of the internal Reset Generator. Drives low for 5.6 ms after VCC
> 3.5V and the internal clock starts up, then clamps it‟s output to the
3.3V output of the internal regulator. Taking RESET# low will also force
RSTOUT# to drive low. RSTOUT# is NOT affected by a USB Bus Reset.
47
TEST
INPUT
Puts device into I.C. test mode – must be tied to GND for normal
operation.
41
PWREN#
OUTPUT
Goes Low after the device is configured via USB, then high during USB
suspend. Can be used to control power to external logic using a P-
Channel Logic Level MOSFET switch. Enable the Interface Pull-Down
Option in EEPROM when using the PWREN# pin in this way.
43
XTIN
INPUT
Input to 6MHz Crystal Oscillator Cell. This pin can also be driven by an
external 6MHz clock if required. Note: Switching threshold of this pin is
VCC/2, so if driving from an external source, the source must be
driving at 5V CMOS level or a.c. coupled to centre around VCC/2.
44
XTOUT
OUTPUT
Output from 6MHz Crystal Oscillator Cell. XTOUT stops oscillating
during USB suspend, so take care if using this signal to clock external
logic.
Table 3.3.3
Miscellaneous Signal Group
**Note 1 - During device reset, these pins are tri-state but pulled up to VCC via internal 200K resistors.


Similar Part No. - FT2232D

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT2232D FTDI-FT2232D Datasheet
952Kb / 56P
   Dual USB UART/FIFO I.C.
FT2232D FTDI-FT2232D Datasheet
1Mb / 61P
   Future Technology Devices International Ltd
Version 2.05
FT2232D-REEL FTDI-FT2232D-REEL Datasheet
1Mb / 61P
   Future Technology Devices International Ltd
Version 2.05
FT2232D FTDI-FT2232D_V01 Datasheet
1Mb / 61P
   Future Technology Devices International Ltd
Version 2.05
More results

Similar Description - FT2232D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT232H ETC2-FT232H Datasheet
1Mb / 66P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT600Q FTDI-FT600Q Datasheet
1Mb / 32P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT240XQ-R ETC2-FT240XQ-R Datasheet
754Kb / 40P
   Future Technology Devices International Ltd
FT232RQ-REEL ETC2-FT232RQ-REEL Datasheet
776Kb / 43P
   Future Technology Devices International Ltd.
logo
Future Technology Devic...
FT231XS-R FTDI-FT231XS-R Datasheet
830Kb / 44P
   Future Technology Devices International Ltd.
FT221XS-R FTDI-FT221XS-R Datasheet
984Kb / 45P
   Future Technology Devices International Ltd.
FT230XQ-R FTDI-FT230XQ-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
USB-COM232-PLUS-2 ETC2-USB-COM232-PLUS-2 Datasheet
805Kb / 24P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
VNC1L-1A-REEL FTDI-VNC1L-1A-REEL Datasheet
767Kb / 32P
   Future Technology Devices International Ltd.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com