Electronic Components Datasheet Search |
|
MTB75N06HD Datasheet(PDF) 2 Page - Motorola, Inc |
|
MTB75N06HD Datasheet(HTML) 2 Page - Motorola, Inc |
2 / 12 page MTB75N06HD 2 Motorola TMOS Power MOSFET Transistor Device Data ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted) Characteristic Symbol Min Typ Max Unit OFF CHARACTERISTICS Drain–Source Breakdown Voltage (Cpk ≥ 2.0) (3) (VGS = 0 Vdc, ID = 250 µAdc) Temperature Coefficient (Positive) V(BR)DSS 60 — 68 60.4 — — Vdc mV/ °C Zero Gate Voltage Drain Current (VDS = 60 Vdc, VGS = 0 Vdc) (VDS = 60 Vdc, VGS = 0 Vdc, TJ = 125°C) IDSS — — — — 10 100 µAdc Gate–Body Leakage Current (VGS = ± 20 Vdc, VDS = 0 V) IGSS — 5.0 100 nAdc ON CHARACTERISTICS (1) Gate Threshold Voltage (Cpk ≥ 5.0) (3) (VDS = VGS, ID = 250 µAdc) Temperature Coefficient (Negative) VGS(th) 2.0 — 3.0 8.38 4.0 — Vdc mV/ °C Static Drain–Source On–Resistance (Cpk ≥ 2.0) (3) (VGS = 10 Vdc, ID = 37.5 Adc) RDS(on) — 8.3 10 m Ω Drain–Source On–Voltage (VGS = 10 Vdc) (ID = 75 Adc) (ID = 37.5 Adc, TJ = 125°C) VDS(on) — — 0.7 0.53 0.9 0.8 Vdc Forward Transconductance (VDS = 15 Vdc, ID = 37.5 Adc) gFS 15 32 — mhos DYNAMIC CHARACTERISTICS Input Capacitance (VDS = 25 Vdc, VGS = 0 Vdc, f = 1.0 MHz) Ciss — 2800 3920 pF Output Capacitance (VDS = 25 Vdc, VGS = 0 Vdc, f = 1.0 MHz) Coss — 928 1300 Reverse Transfer Capacitance f = 1.0 MHz) Crss — 180 252 SWITCHING CHARACTERISTICS (2) Turn–On Delay Time (VDS = 30 Vdc, ID = 75 Adc, VGS = 10 Vdc, RG = 9.1 Ω) td(on) — 18 26 ns Rise Time (VDS = 30 Vdc, ID = 75 Adc, VGS = 10 Vdc, RG = 9.1 Ω) tr — 218 306 Turn–Off Delay Time VGS = 10 Vdc, RG = 9.1 Ω) td(off) — 67 94 Fall Time G = 9.1 Ω) tf — 125 175 Gate Charge (VDS = 48 Vdc, ID = 75 Adc, VGS = 10 Vdc) QT — 71 100 nC (VDS = 48 Vdc, ID = 75 Adc, VGS = 10 Vdc) Q1 — 16.3 — (VDS = 48 Vdc, ID = 75 Adc, VGS = 10 Vdc) Q2 — 31 — Q3 — 29.4 — SOURCE–DRAIN DIODE CHARACTERISTICS Forward On–Voltage (IS = 75 Adc, VGS = 0 Vdc) (IS = 75 Adc, VGS = 0 Vdc, TJ = 125°C) VSD — — 0.97 0.88 1.1 — Vdc Reverse Recovery Time (IS = 75 Adc, dIS/dt = 100 A/µs) trr — 56 — ns (IS = 75 Adc, dIS/dt = 100 A/µs) ta — 44 — (IS = 75 Adc, dIS/dt = 100 A/µs) tb — 12 — Reverse Recovery Stored Charge QRR — 0.103 — µC INTERNAL PACKAGE INDUCTANCE Internal Drain Inductance (Measured from contact screw on tab to center of die) (Measured from the drain lead 0.25 ″ from package to center of die) LD — 3.5 — nH Internal Source Inductance (Measured from the source lead 0.25 ″ from package to source bond pad) LS — 7.5 — nH (1) Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2%. (2) Switching characteristics are independent of operating junction temperature. (3) Reflects typical values. Cpk = Max limit – Typ 3 x SIGMA |
Similar Part No. - MTB75N06HD |
|
Similar Description - MTB75N06HD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |