Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCRJS4421 Datasheet(PDF) 1 Page - Dubilier

Part # DBCRJS4421
Description  NETWORKING SOCKETS LED LIGHT JACKS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCRJS4421 Datasheet(HTML) 1 Page - Dubilier

  DBCRJS4421 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
358
NETWORKING SOCKETS
LED LIGHT JACKS
ORDERING INFORMATION
LEDs within socket
Shielded and Unshielded RJ45 available
Bi Colours available
Wide range of colours
SPECIFICATION
OUTLINE DRAWING
Current Rating
3A
Contact Resistance
30mΩ max at DC 100mA
Dielectric withstanding Voltage
AC 500V for 1 minute
Insulation Resistance
1000mΩ min at DC 500V
Plating
Gold plating over Nickel Tin plate over nickel in solder area
Housing
Thermoplastic (UL94V-0)
Contact
0.35mm Phosphor Bronze
Operating Temperature
-55˚C to +105˚C
DBC
RJ
S
2
Dubilier
Connectors
Series
Contact Type
S = Socket
LED Colour
See table above
4
Contact Plating
1 = 6µ"
2 = 50µ"
1
Shielding
1 = Unshielded
2 = Shielded
2
No. of Ports
1 =1 port
2 = 2 ports
4 = 4 ports
8 = 8 ports
A±0.25
LED1
LED2
B
C±0.15
0.51
2.29
5.46
D
12
11
10
9
LED SCHEMATIC
12
11
TYPICAL FOR SINGLE
COLOR LED
(RED, GREEN, YELLOW)
TYPICAL FOR
BI-COLOUR LED
48-Ø0.89
4-Ø1.57
3-Ø3.25
2.78
1.02
2.04
1.78
15.75
B
C
E
1
1
1
1
9
10
13.72
2.29
0.51
8
8
8
8
CODE
LED2 (Left)
LED1 (Right)
0
NO LED
NO LED
1
YELLOW
GREEN
2
NO LED
GREEN
3
GREEN
YELLOW
4
GREEN
GREEN
5
YELLOW
YELLOW
6
YELLOW/GREEN
YELLOW/GREEN
7
GREEN/RED
GREEN/RED
8
YELLOW/GREEN
YELLOW
No of
Positions
Dimensions
A
B
C
D
1
15.91
12.70
2.25
2
31.66
15.75
28.45
2.37
4
63.16
47.25
59.94
2.37
6
94.66
78.75
91.45
2.37
8
126.16 110.25
122.94
2.37
www.dubilier.co.uk


Similar Part No. - DBCRJS4421

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCRJS4421 DUBILIER-DBCRJS4421 Datasheet
96Kb / 1P
   NETWORKING SOCKETS LED Light Jacks
More results

Similar Description - DBCRJS4421

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCRJS2412 DUBILIER-DBCRJS2412 Datasheet
96Kb / 1P
   NETWORKING SOCKETS LED Light Jacks
DBCRJ20ES10011 DUBILIER-DBCRJ20ES10011 Datasheet
711Kb / 1P
   NETWORKING SOCKETS TOP ENTRY PCB JACK
DBCRJS86F DUBILIER-DBCRJS86F Datasheet
71Kb / 1P
   NETWORKING SOCKETS TOP ENTRY PCB JACK
DBCRJS86F DUBILIER-DBCRJS86F_11 Datasheet
705Kb / 2P
   NETWORKING SOCKETS TOP ENTRY PCB JACK
DBCRJ45S88B DUBILIER-DBCRJ45S88B Datasheet
110Kb / 1P
   NETWORKING SOCKETS MODULAR SOCKET - MINI LOW PROFILE
DBCRJS64G DUBILIER-DBCRJS64G Datasheet
77Kb / 1P
   NETWORKING SOCKETS LOW PROFILE SIDE ENTRY - SMT
DBCRJS44D DUBILIER-DBCRJS44D_11 Datasheet
439Kb / 5P
   NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS44D DUBILIER-DBCRJS44D Datasheet
71Kb / 1P
   NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS66C DUBILIER-DBCRJS66C Datasheet
82Kb / 1P
   NETWORKING SOCKETS MINI LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS66C DUBILIER-DBCRJS66C_11 Datasheet
151Kb / 1P
   NETWORKING SOCKETS MINI LOW PROFILE SIDE ENTRY PCB JACK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com