Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN4250A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # PN4250A
Description  PNP General Purpose Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PN4250A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  PN4250A Datasheet HTML 1Page - Fairchild Semiconductor PN4250A Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PNP General Purpose Amplifier
(continued)
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
V(BR)CEO
Collector-Emitter Breakdown
Voltage*
IC = 5.0 mA, IB = 0
60
V
V(BR)CES
Collector-Emitter Breakdown
Voltage*
IC = 10
µA, I
B = 0
60
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 10
µA, I
E = 0
60
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10
µA, I
C = 0
5.0
V
ICBO
Collector-Cutoff Current
VCB = 50 V, IE = 0
10
nA
IEBO
Emitter-Cutoff Current
VEB = 3.0 V, IC = 0
20
nA
ON CHARACTERISTICS*
hFE
DC Current Gain
VCE = 5.0 V, IC = 100
µA
250
700
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 10 mA, IB = 0.5 mA
0.25
V
SMALL SIGNAL CHARACTERISTICS
Cob
Output Capacitance
VCB = 5.0 V, f = 1.0 MHz
6.0
pF
hfe
Small-signal Current Gain
VCE = 5.0 V, IC = 1.0 m A,
250
800
hie
Input Im pedance
f = 1.0 kHz
6.0
20
k
hoe
Output Adm ittance
5.0
50
µmhos
hre
Voltage Feedback Ratio
10
x10
-4
NF
Noise Figure
VCE = 5.0 V, IC = 250
µA,
RS = 1.0 k Ω, f = 1.0 kHz,
BW = 150 Hz
VCE = 5.0 V, IC = 20
µA,
RS = 10 k
Ω, f = 1.0 kHz,
BW = 150 Hz
2.0
2.0
dB
dB
*Pulse Test: Pulse Width≤ 300µs, Duty Cycle≤ 2.0%


Similar Part No. - PN4250A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
PN4250A FAIRCHILD-PN4250A Datasheet
428Kb / 12P
   PNP Low Level Low Noise Amplifiers
logo
Central Semiconductor C...
PN4250A CENTRAL-PN4250A Datasheet
56Kb / 1P
   Small Signal Transistors
logo
Fairchild Semiconductor
PN4250A FAIRCHILD-PN4250A Datasheet
296Kb / 7P
   PNP General Purpose Amplifier
logo
New Jersey Semi-Conduct...
PN4250A NJSEMI-PN4250A Datasheet
96Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
PN4250A FAIRCHILD-PN4250A_01 Datasheet
296Kb / 7P
   PNP General Purpose Amplifier
More results

Similar Description - PN4250A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com