Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATC100B101JT500XT Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # ATC100B101JT500XT
Description  RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

ATC100B101JT500XT Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  ATC100B101JT500XT Datasheet HTML 1Page - Freescale Semiconductor, Inc ATC100B101JT500XT Datasheet HTML 2Page - Freescale Semiconductor, Inc ATC100B101JT500XT Datasheet HTML 3Page - Freescale Semiconductor, Inc ATC100B101JT500XT Datasheet HTML 4Page - Freescale Semiconductor, Inc ATC100B101JT500XT Datasheet HTML 5Page - Freescale Semiconductor, Inc ATC100B101JT500XT Datasheet HTML 6Page - Freescale Semiconductor, Inc ATC100B101JT500XT Datasheet HTML 7Page - Freescale Semiconductor, Inc ATC100B101JT500XT Datasheet HTML 8Page - Freescale Semiconductor, Inc ATC100B101JT500XT Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
RF Device Data
Freescale Semiconductor
MRF6VP2600HR6
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
2 (Minimum)
Machine Model (per EIA/JESD22--A115)
A (Minimum)
Charge Device Model (per JESD22--C101)
IV (Minimum)
Table 4. Electrical Characteristics (TA =25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics (1)
Gate--Source Leakage Current
(VGS =5 Vdc, VDS =0 Vdc)
IGSS
10
μAdc
Drain--Source Breakdown Voltage
(ID = 150 mA, VGS =0 Vdc)
V(BR)DSS
110
Vdc
Zero Gate Voltage Drain Leakage Current
(VDS =50 Vdc, VGS =0 Vdc)
IDSS
50
μAdc
Zero Gate Voltage Drain Leakage Current
(VDS = 100 Vdc, VGS =0 Vdc)
IDSS
2.5
mA
On Characteristics
Gate Threshold Voltage (1)
(VDS =10 Vdc, ID = 800 μAdc)
VGS(th)
1
1.65
3
Vdc
Gate Quiescent Voltage (2)
(VDD =50 Vdc, ID = 2600 mAdc, Measured in Functional Test)
VGS(Q)
1.5
2.7
3.5
Vdc
Drain--Source On--Voltage (1)
(VGS =10 Vdc, ID =2 Adc)
VDS(on)
0.25
Vdc
Dynamic Characteristics (1)
Reverse Transfer Capacitance
(VDS =50 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Crss
1.7
pF
Output Capacitance
(VDS =50 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Coss
101
pF
Input Capacitance
(VDS =50 Vdc, VGS =0 Vdc ± 30 mV(rms)ac @ 1 MHz)
Ciss
287
pF
Functional Tests (2) (In Freescale Test Fixture, 50 ohm system) VDD =50 Vdc, IDQ = 2600 mA, Pout = 125 W Avg., f = 225 MHz, DVB--T
OFDM Single Channel. ACPR measured in 7.61 MHz Channel Bandwidth @ ±4MHz Offset.
Power Gain
Gps
24
25
27
dB
Drain Efficiency
ηD
27
28.5
%
Adjacent Channel Power Ratio
ACPR
--61
--59
dBc
Input Return Loss
IRL
--18
--9
dB
Typical Performance — 352.2 MHz (In Freescale 352.2 MHz Test Fixture, 50 ohm system) VDD =50 Vdc, IDQ = 150 mA, Pout = 600 W CW
Power Gain
Gps
22
dB
Drain Efficiency
ηD
68
%
Input Return Loss
IRL
--15
dB
Typical Performance — 88--108 MHz (In Freescale 88--108 MHz Test Fixture, 50 ohm system) VDD =50 Vdc, IDQ = 150 mA, Pout = 600 W
CW
Power Gain
Gps
24.5
dB
Drain Efficiency
ηD
74
%
Input Return Loss
IRL
--5
dB
1. Each side of device measured separately.
2. Measurement made with device in push--pull configuration.


Similar Part No. - ATC100B101JT500XT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
ATC100B101JT500XT FREESCALE-ATC100B101JT500XT Datasheet
443Kb / 13P
   RF Power Field Effect Transistors
ATC100B101JT500XT FREESCALE-ATC100B101JT500XT Datasheet
748Kb / 11P
   RF Power Field Effect Transistor
ATC100B101JT500XT FREESCALE-ATC100B101JT500XT Datasheet
948Kb / 19P
   RF Power LDMOS Transistors
ATC100B101JT500XT FREESCALE-ATC100B101JT500XT Datasheet
1Mb / 20P
   RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
logo
NXP Semiconductors
ATC100B101JT500XT NXP-ATC100B101JT500XT Datasheet
1Mb / 19P
   RF Power LDMOS Transistor N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 7/2014
More results

Similar Description - ATC100B101JT500XT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF9060LR1 FREESCALE-MRF9060LR1_08 Datasheet
364Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6_06 Datasheet
437Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF8S9170NR3 FREESCALE-MRF8S9170NR3_10 Datasheet
463Kb / 13P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF7S35015HSR3 FREESCALE-MRF7S35015HSR3_11 Datasheet
825Kb / 12P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6VP11KHR6 FREESCALE-MRF6VP11KHR6_09 Datasheet
468Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF7S19120NR1 FREESCALE-MRF7S19120NR1_09 Datasheet
517Kb / 14P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6_10 Datasheet
708Kb / 11P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6 Datasheet
400Kb / 12P
   RF Power Field Effect Transistor, N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6 Datasheet
445Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF5P21240HR6 FREESCALE-MRF5P21240HR6 Datasheet
565Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com