Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDR33BX104AKYS Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # CDR33BX104AKYS
Description  RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

CDR33BX104AKYS Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  CDR33BX104AKYS Datasheet HTML 1Page - Freescale Semiconductor, Inc CDR33BX104AKYS Datasheet HTML 2Page - Freescale Semiconductor, Inc CDR33BX104AKYS Datasheet HTML 3Page - Freescale Semiconductor, Inc CDR33BX104AKYS Datasheet HTML 4Page - Freescale Semiconductor, Inc CDR33BX104AKYS Datasheet HTML 5Page - Freescale Semiconductor, Inc CDR33BX104AKYS Datasheet HTML 6Page - Freescale Semiconductor, Inc CDR33BX104AKYS Datasheet HTML 7Page - Freescale Semiconductor, Inc CDR33BX104AKYS Datasheet HTML 8Page - Freescale Semiconductor, Inc CDR33BX104AKYS Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MRF6VP2600HR6
1
RF Device Data
Freescale Semiconductor
RF Power Field Effect Transistor
N--Channel Enhancement--Mode Lateral MOSFET
Designed primarily for wideband applications with frequencies up to 500 MHz.
Device is unmatched and is suitable for use in broadcast applications.
• Typical DVB--T OFDM Performance: VDD =50 Volts,IDQ = 2600 mA,
Pout = 125 Watts Avg., f = 225 MHz, Channel Bandwidth = 7.61 MHz,
Input Signal PAR = 9.3 dB @ 0.01% Probability on CCDF.
Power Gain — 25 dB
Drain Efficiency — 28.5%
ACPR @ 4 MHz Offset — --61 dBc @ 4 kHz Bandwidth
• Typical Pulsed Performance: VDD =50 Volts,IDQ = 2600 mA,
Pout = 600 Watts Peak, f = 225 MHz, Pulse Width = 100 μsec, Duty
Cycle = 20%
Power Gain — 25.3 dB
Drain Efficiency — 59%
• Capable of Handling 10:1 VSWR, @ 50 Vdc, 225 MHz, 600 Watts Peak
Power, Pulse Width = 100 μsec, Duty Cycle = 20%
Features
• Characterized with Series Equivalent Large--Signal Impedance Parameters
• CW Operation Capability with Adequate Cooling
• Qualified Up to a Maximum of 50 VDD Operation
• Integrated ESD Protection
• Designed for Push--Pull Operation
• Greater Negative Gate--Source Voltage Range for Improved Class C
Operation
• RoHS Compliant
• In Tape and Reel. R6 Suffix = 150 Units per 56 mm, 13 inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDSS
--0.5, +110
Vdc
Gate--Source Voltage
VGS
--6.0, +10
Vdc
Storage Temperature Range
Tstg
-- 65 to +150
°C
Case Operating Temperature
TC
150
°C
Operating Junction Temperature (1,2)
TJ
225
°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (2,3)
Unit
Thermal Resistance, Junction to Case
Case Temperature 99°C, 125 W CW, 225 MHz, 50 Vdc, IDQ = 2600 mA
Case Temperature 64°C, 610 W CW, 352.2 MHz, 50 Vdc, IDQ = 150 mA
Case Temperature 81°C, 610 W CW, 88--108 MHz, 50 Vdc, IDQ = 150 mA
RθJC
0.20
0.14
0.16
°C/W
1. Continuous use at maximum temperature will affect MTTF.
2. MTTF calculator available at http://www.freescale.com/rf. Select Software & Tools/Development Tools/Calculators to access MTTF
calculators by product.
3. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes -- AN1955.
Document Number: MRF6VP2600H
Rev. 5.1, 7/2010
Freescale Semiconductor
Technical Data
MRF6VP2600HR6
2--500 MHz, 600 W, 50 V
LATERAL N--CHANNEL
BROADBAND
RF POWER MOSFET
CASE 375D--05, STYLE 1
NI--1230
PART IS PUSH--PULL
Figure 1. Pin Connections
(Top View)
RFoutA/VDSA
31
42 RFoutB/VDSB
RFinA/VGSA
RFinB/VGSB
© Freescale Semiconductor, Inc., 2008--2010. All rights reserved.


Similar Part No. - CDR33BX104AKYS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
CDR33BX104AKYS FREESCALE-CDR33BX104AKYS Datasheet
748Kb / 11P
   RF Power Field Effect Transistor
CDR33BX104AKYS FREESCALE-CDR33BX104AKYS Datasheet
1Mb / 18P
   RF Power Field--Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
CDR33BX104AKYS FREESCALE-CDR33BX104AKYS Datasheet
1Mb / 19P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
CDR33BX104AKYS FREESCALE-CDR33BX104AKYS Datasheet
1Mb / 19P
   RF Power Field Effect Transistors
logo
NXP Semiconductors
CDR33BX104AKYS NXP-CDR33BX104AKYS Datasheet
1Mb / 19P
   RF Power LDMOS Transistor N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 7/2014
More results

Similar Description - CDR33BX104AKYS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF9060LR1 FREESCALE-MRF9060LR1_08 Datasheet
364Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6_06 Datasheet
437Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF8S9170NR3 FREESCALE-MRF8S9170NR3_10 Datasheet
463Kb / 13P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF7S35015HSR3 FREESCALE-MRF7S35015HSR3_11 Datasheet
825Kb / 12P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6VP11KHR6 FREESCALE-MRF6VP11KHR6_09 Datasheet
468Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF7S19120NR1 FREESCALE-MRF7S19120NR1_09 Datasheet
517Kb / 14P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6_10 Datasheet
708Kb / 11P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6 Datasheet
400Kb / 12P
   RF Power Field Effect Transistor, N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6 Datasheet
445Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF5P21240HR6 FREESCALE-MRF5P21240HR6 Datasheet
565Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com