Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN761672A Datasheet(PDF) 3 Page - Texas Instruments

Part # SN761672A
Description  TV/VCR TUNER IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN761672A Datasheet(HTML) 3 Page - Texas Instruments

  SN761672A Datasheet HTML 1Page - Texas Instruments SN761672A Datasheet HTML 2Page - Texas Instruments SN761672A Datasheet HTML 3Page - Texas Instruments SN761672A Datasheet HTML 4Page - Texas Instruments SN761672A Datasheet HTML 5Page - Texas Instruments SN761672A Datasheet HTML 6Page - Texas Instruments SN761672A Datasheet HTML 7Page - Texas Instruments SN761672A Datasheet HTML 8Page - Texas Instruments SN761672A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SN761672A
TV/VCR TUNER IC
SLLS437 – JANUARY 2001
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
ADC
20
I
ADC input (see Figure 7)
AS
19
I
Address selection input (see Figure 7)
BS1
BS2
BS3
BS4
22
23
24
25
O
Band switch1 output (NPN emitter follower) ( see Figure 8)
CP
14
O
Charge pump output (see Figure 5)
IF GND
10
IF ground (see Figure 4)
IF OUT1
11
O
IF output (see Figure 4)
IF OUT2
12
O
IF output (see Figure 4)
MIX OUT1
MIX OUT2
26
27
O
Mixer outputs (see Figure 9)
OSC GND
3
OSC ground
RF GND
28
RF ground
SCL
17
I
Serial clock input (see Figure 7)
SDA
18
I/O
Serial data input/output (see Figure 7)
UHF OSC B1
6
I
UHF oscillator input, base 1 (see Figure 3)
UHF OSC B2
9
I
UHF oscillator input, base 2 (see Figure 3)
UHF OSC C1
7
O
UHF oscillator output, collector 1 (see Figure 3)
UHF OSC C2
8
O
UHF oscillator output, collector 2 (see Figure 3)
UHF RF IN1
UHF RF IN2
31
32
I
UHF RF inputs (see Figure 11)
VCC
13
Supply voltage for mixer/oscillator/PLL: 5 V
VHF RF IN1
VHF RF IN2
29
30
I
VHF RF inputs (see Figure 10)
VHI OSC B
4
I
VHF hi oscillator input base (see Figure 2)
VHI OSC C
5
O
VHF hi oscillator output collector (see Figure 2)
VLO OSC B
1
I
VHF low oscillator input base (see Figure 1)
VLO OSC C
2
O
VHF low oscillator output collector (see Figure 1)
VTU
15
O
Tuning voltage amplifier output (see Figure 5)
XTAL
16
I
4-MHz crystal oscillator input (see Figure 6)


Similar Part No. - SN761672A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761672A TI-SN761672A Datasheet
268Kb / 18P
[Old version datasheet]   TV/VCR TUNER IC
More results

Similar Description - SN761672A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761672A TI-SN761672A Datasheet
268Kb / 18P
[Old version datasheet]   TV/VCR TUNER IC
SN761678 TI1-SN761678 Datasheet
331Kb / 20P
[Old version datasheet]   TV/VCR TUNER
SN761678 TI1-SN761678_14 Datasheet
334Kb / 21P
[Old version datasheet]   TV/VCR TUNER
SN761677 TI1-SN761677_14 Datasheet
288Kb / 22P
[Old version datasheet]   TV/VCR TUNER IC WITH DC/DC CONVERTER
SN761677 TI-SN761677 Datasheet
213Kb / 18P
[Old version datasheet]   TV/VCR TUNER IC WITH DC/DC CONVERTER
logo
Toshiba Semiconductor
TA1384FNG TOSHIBA-TA1384FNG Datasheet
302Kb / 22P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
TA1395FNG TOSHIBA-TA1395FNG Datasheet
279Kb / 24P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
logo
Texas Instruments
SN761678B TI-SN761678B Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678B TI1-SN761678B_14 Datasheet
413Kb / 21P
[Old version datasheet]   TV TUNER IC
SN761685 TI1-SN761685_14 Datasheet
414Kb / 14P
[Old version datasheet]   TV TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com