Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATC200B203KT50XT Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # ATC200B203KT50XT
Description  RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

ATC200B203KT50XT Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button ATC200B203KT50XT Datasheet HTML 7Page - Freescale Semiconductor, Inc ATC200B203KT50XT Datasheet HTML 8Page - Freescale Semiconductor, Inc ATC200B203KT50XT Datasheet HTML 9Page - Freescale Semiconductor, Inc ATC200B203KT50XT Datasheet HTML 10Page - Freescale Semiconductor, Inc ATC200B203KT50XT Datasheet HTML 11Page - Freescale Semiconductor, Inc ATC200B203KT50XT Datasheet HTML 12Page - Freescale Semiconductor, Inc ATC200B203KT50XT Datasheet HTML 13Page - Freescale Semiconductor, Inc ATC200B203KT50XT Datasheet HTML 14Page - Freescale Semiconductor, Inc ATC200B203KT50XT Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MRF6VP2600HR6
11
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS — 88--108 MHz
800
20
30
35
85
Pout, OUTPUT POWER (WATTS)
Figure 22. Broadband CW Power Gain and Drain
Efficiency versus Output Power — 88--108 MHz
200
100
26
25
24
23
22
65
60
55
50
40
29
75
110
86
Gps
f, FREQUENCY (MHz)
Figure 23. CW Power Gain and Drain Efficiency
versus Frequency — 88--108 MHz
102
98
94
90
27
26
72
82
80
76
74
ηD
24.5
24
22.5
22
26.5
25.5
25
78
23.5
23
106
VDD =50 Vdc,IDQ = 150 mA
Gps
ηD
108 MHz
88 MHz
98 MHz
98 MHz
88 MHz
108 MHz
28
27
21
80
70
45
300
400
500 600 700
81
79
75
73
77
VDD =50 Vdc,IDQ = 150 mA
Pout = 600 W, CW


Similar Part No. - ATC200B203KT50XT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
ATC200B203KT50XT FREESCALE-ATC200B203KT50XT Datasheet
748Kb / 11P
   RF Power Field Effect Transistor
ATC200B203KT50XT FREESCALE-ATC200B203KT50XT Datasheet
1Mb / 18P
   RF Power Field--Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
ATC200B203KT50XT FREESCALE-ATC200B203KT50XT Datasheet
1Mb / 19P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
ATC200B203KT50XT FREESCALE-ATC200B203KT50XT Datasheet
1Mb / 19P
   RF Power Field Effect Transistors
logo
NXP Semiconductors
ATC200B203KT50XT NXP-ATC200B203KT50XT Datasheet
1Mb / 19P
   RF Power LDMOS Transistor N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 7/2014
More results

Similar Description - ATC200B203KT50XT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF9060LR1 FREESCALE-MRF9060LR1_08 Datasheet
364Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6_06 Datasheet
437Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF8S9170NR3 FREESCALE-MRF8S9170NR3_10 Datasheet
463Kb / 13P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF7S35015HSR3 FREESCALE-MRF7S35015HSR3_11 Datasheet
825Kb / 12P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6VP11KHR6 FREESCALE-MRF6VP11KHR6_09 Datasheet
468Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF7S19120NR1 FREESCALE-MRF7S19120NR1_09 Datasheet
517Kb / 14P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6_10 Datasheet
708Kb / 11P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6 Datasheet
400Kb / 12P
   RF Power Field Effect Transistor, N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6 Datasheet
445Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF5P21240HR6 FREESCALE-MRF5P21240HR6 Datasheet
565Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com