Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCGPR63V477M13X26--RH Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MCGPR63V477M13X26--RH
Description  RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCGPR63V477M13X26--RH Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MCGPR63V477M13X26--RH Datasheet HTML 5Page - Freescale Semiconductor, Inc MCGPR63V477M13X26--RH Datasheet HTML 6Page - Freescale Semiconductor, Inc MCGPR63V477M13X26--RH Datasheet HTML 7Page - Freescale Semiconductor, Inc MCGPR63V477M13X26--RH Datasheet HTML 8Page - Freescale Semiconductor, Inc MCGPR63V477M13X26--RH Datasheet HTML 9Page - Freescale Semiconductor, Inc MCGPR63V477M13X26--RH Datasheet HTML 10Page - Freescale Semiconductor, Inc MCGPR63V477M13X26--RH Datasheet HTML 11Page - Freescale Semiconductor, Inc MCGPR63V477M13X26--RH Datasheet HTML 12Page - Freescale Semiconductor, Inc MCGPR63V477M13X26--RH Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
MRF6VP2600HR6
9
RF Device Data
Freescale Semiconductor
Zo =10 Ω
Zload
Zsource
f = 225 MHz
f = 225 MHz
VDD =50 Vdc,IDQ = 2600 mA, Pout = 125 W Avg.
f
MHz
Zsource
Zload
225
1.42 + j8.09
4.45 + j1.16
Zsource = Test circuit impedance as measured from
gate to gate, balanced configuration.
Zload
= Test circuit impedance as measured from
drain to drain, balanced configuration.
Figure 20. Series Equivalent Source and Load Impedance
Z source
Z load
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
--
--
+
+


Similar Part No. - MCGPR63V477M13X26--RH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCGPR63V477M13X26--RH FREESCALE-MCGPR63V477M13X26--RH Datasheet
1Mb / 20P
   RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
MCGPR63V477M13X26--RH FREESCALE-MCGPR63V477M13X26--RH Datasheet
964Kb / 15P
   RF Power Field Effect Transis
More results

Similar Description - MCGPR63V477M13X26--RH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF9060LR1 FREESCALE-MRF9060LR1_08 Datasheet
364Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6_06 Datasheet
437Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF8S9170NR3 FREESCALE-MRF8S9170NR3_10 Datasheet
463Kb / 13P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF7S35015HSR3 FREESCALE-MRF7S35015HSR3_11 Datasheet
825Kb / 12P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6VP11KHR6 FREESCALE-MRF6VP11KHR6_09 Datasheet
468Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF7S19120NR1 FREESCALE-MRF7S19120NR1_09 Datasheet
517Kb / 14P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6_10 Datasheet
708Kb / 11P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6 Datasheet
400Kb / 12P
   RF Power Field Effect Transistor, N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6 Datasheet
445Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF5P21240HR6 FREESCALE-MRF5P21240HR6 Datasheet
565Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com