Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4226 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS4226
Description  LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4226 Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS4226 Datasheet HTML 6Page - Texas Instruments THS4226 Datasheet HTML 7Page - Texas Instruments THS4226 Datasheet HTML 8Page - Texas Instruments THS4226 Datasheet HTML 9Page - Texas Instruments THS4226 Datasheet HTML 10Page - Texas Instruments THS4226 Datasheet HTML 11Page - Texas Instruments THS4226 Datasheet HTML 12Page - Texas Instruments THS4226 Datasheet HTML 13Page - Texas Instruments THS4226 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
THS4221, THS4225
THS4222, THS4226
SLOS399G − AUGUST 2002 − REVISED JANUARY 2004
www.ti.com
10
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
FIGURE
Small signal frequency response
1
Slew rate vs Output voltage step
2, 3
Harmonic distortion vs Frequency
4, 5, 8, 9
Harmonic distortion vs Output voltage swing
6, 7
Voltage and current noise vs Frequency
10
Differential gain vs Number of loads
11, 13
Differential phase vs Number of loads
12, 14
Quiescent current vs Supply voltage
15
Output voltage vs Load resistance
16
Open-loop gain and phase vs Frequency
17
Open-loop gain vs Supply voltage
18
Rejection ratio vs Frequency
19
Rejection ratio vs Case temperature
20
Common-mode rejection ratio vs Input common-mode range
21, 22
Input offset voltage vs Case temperature
23
Input bias and offset current vs Case temperature
24, 25
Power-down quiescent current vs Supply voltage
26
Output impedance in power down vs Frequency
27
Crosstalk vs Frequency
28
−2
0
2
4
6
8
10
12
14
16
18
20
22
0.1
1
10
100
1 k
f − Frequency − MHz
SMALL SIGNAL FREQUENCY RESPONSE
Gain = 10, Rf = 2 kΩ
Gain = 5, Rf = 2 kΩ
Gain = 2, Rf = 1.3 kΩ
RL = 499 Ω
POUT = −7 dBm
VS = ±5 V
Gain = 1, Rf = 0
Figure 1
0
200
400
600
800
1000
1200
0123
4
5
VO − Output Voltage Step − V
SLEW RATE
vs
OUTPUT VOLTAGE STEP
Gain = 1
RL = 499 Ω
Rf = 1.3 kΩ
VS = ±5 V
Fall
Rise
Figure 2
0
100
200
300
400
500
600
0
0.5
1
1.5
2
VO − Output Voltage Step − V
SLEW RATE
vs
OUTPUT VOLTAGE STEP
Gain = −1
RL = 499 Ω
Rf = 1.3 kΩ
VS = ±5 V
Fall
Rise
Figure 3


Similar Part No. - THS4226

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4226 TI-THS4226 Datasheet
727Kb / 30P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4226 TI-THS4226 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4226 TI1-THS4226 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
THS4226DGQ NSC-THS4226DGQ Datasheet
1Mb / 41P
   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4226DGQG4 NSC-THS4226DGQG4 Datasheet
1Mb / 41P
   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - THS4226

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4221D TI-THS4221D Datasheet
1Mb / 40P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4221 TI-THS4221 Datasheet
727Kb / 30P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4226 TI1-THS4226 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
THS4221 NSC-THS4221 Datasheet
1Mb / 41P
   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8027 AD-AD8027_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8027 AD-AD8027_05 Datasheet
612Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8027ARTZ AD-AD8027ARTZ Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028 Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com