Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4130ID Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS4130ID
Description  HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4130ID Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS4130ID Datasheet HTML 7Page - Texas Instruments THS4130ID Datasheet HTML 8Page - Texas Instruments THS4130ID Datasheet HTML 9Page - Texas Instruments THS4130ID Datasheet HTML 10Page - Texas Instruments THS4130ID Datasheet HTML 11Page - Texas Instruments THS4130ID Datasheet HTML 12Page - Texas Instruments THS4130ID Datasheet HTML 13Page - Texas Instruments THS4130ID Datasheet HTML 14Page - Texas Instruments THS4130ID Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
−110
−100
−90
−80
−70
−60
−50
−40
−30
100 k
1 M
10 M
VCC = ± 5 V
VCC = ± 15 V
VCC = 5 V
VO = 2 VPP,
RL = 800 Ω,
Rf = 390 Ω,
Gain = 1
f − Frequency − Hz
Single Ended Input
Differential Output
−106
−104
−102
−100
−98
−96
−94
−92
−90
−88
0
1
2
3
4
5
6
7
VCC = ± 5 V
VCC = 5 V
f = 500 KHz
RL = 800 Ω,
Rf = 390 Ω,
G = 1
VO − Output Voltage − V
VCC = ± 15 V
Single Ended Input
Differential Output
−106
−104
−102
−100
−98
−96
−94
−92
−90
−88
0
1
2
3
4
5
6
7
VCC = 5 V
VCC = ± 5 V
f = 250 KHz
RL = 800 Ω,
Rf = 390 Ω,
G = 1
VO − Output Voltage − V
VCC = ± 15 V
Single Ended Input
Differential Output
10
100
1 k
10 k
100 k
f − Frequency − Hz
10
1
THS4130
THS4131
www.ti.com
SLOS318H
– MAY 2000 – REVISED MAY 2011
TYPICAL CHARACTERISTICS (continued)
THIRD-HARMONIC DISTORTION
THIRD-HARMONIC DISTORTION
vs
vs
FREQUENCY
OUTPUT VOLTAGE
Figure 21.
Figure 22.
THIRD-HARMONIC DISTORTION
VOLTAGE NOISE
vs
vs
OUTPUT VOLTAGE
FREQUENCY
Figure 23.
Figure 24.
Copyright
© 2000–2011, Texas Instruments Incorporated
11


Similar Part No. - THS4130ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4130ID TI-THS4130ID Datasheet
569Kb / 27P
[Old version datasheet]   HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4130IDGK TI-THS4130IDGK Datasheet
569Kb / 27P
[Old version datasheet]   HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4130IDGKR NSC-THS4130IDGKR Datasheet
1Mb / 37P
   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4130IDGN TI-THS4130IDGN Datasheet
569Kb / 27P
[Old version datasheet]   HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4130IDGNR NSC-THS4130IDGNR Datasheet
1Mb / 37P
   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
More results

Similar Description - THS4130ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4130 TI-THS4130 Datasheet
569Kb / 27P
[Old version datasheet]   HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4131 NSC-THS4131 Datasheet
1Mb / 37P
   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4141CDGNR TI-THS4141CDGNR Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4140 NSC-THS4140 Datasheet
1Mb / 33P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4121IDGN TI1-THS4121IDGN Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4121CD TI-THS4121CD Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4140 TI-THS4140 Datasheet
523Kb / 24P
[Old version datasheet]   HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4120 TI-THS4120 Datasheet
504Kb / 23P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4121 NSC-THS4121 Datasheet
1Mb / 31P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS2630 TI-THS2630_V01 Datasheet
1Mb / 32P
[Old version datasheet]   THS2630 High-Speed, Low-Noise, Fully-Differential I/O Amplifier
JANUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com