Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4130IDGNRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS4130IDGNRG4
Description  HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4130IDGNRG4 Datasheet(HTML) 1 Page - Texas Instruments

  THS4130IDGNRG4 Datasheet HTML 1Page - Texas Instruments THS4130IDGNRG4 Datasheet HTML 2Page - Texas Instruments THS4130IDGNRG4 Datasheet HTML 3Page - Texas Instruments THS4130IDGNRG4 Datasheet HTML 4Page - Texas Instruments THS4130IDGNRG4 Datasheet HTML 5Page - Texas Instruments THS4130IDGNRG4 Datasheet HTML 6Page - Texas Instruments THS4130IDGNRG4 Datasheet HTML 7Page - Texas Instruments THS4130IDGNRG4 Datasheet HTML 8Page - Texas Instruments THS4130IDGNRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
DGN−8
D−8
DGK−8
1
2
3
4
8
7
6
5
VIN−
VOCM
VCC+
VOUT+
VIN+
PD
VCC−
VOUT−
THS4130
D, DGN, OR DGK PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
VIN−
VOCM
VCC+
VOUT+
VIN+
NC
VCC−
VOUT−
THS4131
D, DGN, OR DGK PACKAGE
(TOP VIEW)
SHUTDOWN
NUMBER OF
CHANNELS
DEVICE
THS4130
THS4131
1
1
X
HIGH-SPEED DIFFERENTIAL I/O FAMILY
V
DD
DIGITAL
OUTPUT
V
IN
+
+
DV
DD
V
OCM
AV
SS
AV
DD
A
IN
A
IN
V
ref
5V
−5V
Typical A/D ApplicationCircuit
−100
−90
−80
−70
−60
−50
−40
−30
−20
100k
1M
10M
f − Frequency − Hz
TOTAL HARMONICDISTORTIONvsFREQUENCY
VOUT
PP
=2V
VCC =5Vto 5V
±
VCC = 15V
±
THS4130
THS4131
www.ti.com
SLOS318H
– MAY 2000 – REVISED MAY 2011
HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
Check for Samples: THS4130, THS4131
1
FEATURES
DESCRIPTION
The THS413x is one in a family of fully-differential
23
High Performance
input/differential
output
devices
fabricated
using
– 150 MHz, –3 dB Bandwidth (VCC = ±15 V)
Texas
Instruments'
state-of-the-art
BiComI
– 51 V/µs Slew Rate
complementary bipolar process.
– –100 dB Third Harmonic Distortion at
The THS413x is made of a true fully-differential signal
250 kHz
path from input to output. This design leads to an
Low Noise
excellent
common-mode
noise
rejection
and
– 1.3 nV/√Hz Input-Referred Noise
improved total harmonic distortion.
Differential-Input/Differential-Output
– Balanced Outputs Reject Common-Mode
Noise
– Reduced Second-Harmonic Distortion Due
to Differential Output
Wide Power-Supply Range
– VCC = 5 V Single Supply to ±15 V Dual
Supply
ICC(SD) = 860 µA in Shutdown Mode (THS4130)
APPLICATIONS
Single-Ended To Differential Conversion
Differential ADC Driver
Differential Antialiasing
Differential Transmitter And Receiver
Output Level Shifter
RELATED DEVICES
DEVICE
DESCRIPTION
THS412x
100 MHz, 43 V/
µs, 3.7 nV/√Hz
THS414x
160 MHz, 450 V/
µs, 6.5 nV/√Hz
THS415x
180 MHz, 850 V/
µs, 9 nV/√Hz
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2000–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS4130IDGNRG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4130IDGNR NSC-THS4130IDGNR Datasheet
1Mb / 37P
   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
More results

Similar Description - THS4130IDGNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4130 TI-THS4130 Datasheet
569Kb / 27P
[Old version datasheet]   HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4131 NSC-THS4131 Datasheet
1Mb / 37P
   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4141CDGNR TI-THS4141CDGNR Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4140 NSC-THS4140 Datasheet
1Mb / 33P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4121IDGN TI1-THS4121IDGN Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4121CD TI-THS4121CD Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4140 TI-THS4140 Datasheet
523Kb / 24P
[Old version datasheet]   HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4120 TI-THS4120 Datasheet
504Kb / 23P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4121 NSC-THS4121 Datasheet
1Mb / 31P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS2630 TI-THS2630_V01 Datasheet
1Mb / 32P
[Old version datasheet]   THS2630 High-Speed, Low-Noise, Fully-Differential I/O Amplifier
JANUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com