Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK1201RCP Datasheet(PDF) 3 Page - Texas Instruments

Part # TLK1201RCP
Description  ETHERNET TRANSCEIVERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK1201RCP Datasheet(HTML) 3 Page - Texas Instruments

  TLK1201RCP Datasheet HTML 1Page - Texas Instruments TLK1201RCP Datasheet HTML 2Page - Texas Instruments TLK1201RCP Datasheet HTML 3Page - Texas Instruments TLK1201RCP Datasheet HTML 4Page - Texas Instruments TLK1201RCP Datasheet HTML 5Page - Texas Instruments TLK1201RCP Datasheet HTML 6Page - Texas Instruments TLK1201RCP Datasheet HTML 7Page - Texas Instruments TLK1201RCP Datasheet HTML 8Page - Texas Instruments TLK1201RCP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
TLK1201RCP, TLK1201IRCP
ETHERNET TRANSCEIVERS
SLLS506E − AUGUST 2001 − REVISED MAY 2007
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
block diagram
2:1
MUX
PRBS
Generator
10 Bit
Registers
TD(0−9)
PRBSEN
LOOPEN
Parallel to
Serial
Phase Generator
Clock
REFCLK
Control
Logic
MODESEL
ENABLE
TESTEN
Interpolator
and
Clock Extraction
PRBS
Verification
Serial to Parallel
and
Comma Detect
Clock
RBC1
RBC0
SYNC/PASS
RD(0−9)
SYNCEN
RBCMODE
JTAG
Control
Register
JTMS
JTRSTN
JTDI
TCK
JTDO
2:1
MUX
2:1
MUX
Clock
Data
TXP
TXN
RXP
RXN
LOS
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
SIGNAL
MODESEL
15
I
P/D
Mode select. This terminal selects between the 10-bit interface and a reduced 5-bit DDR interface. When
low the 10-bit interface (TBI) is selected. When pulled high, the 5-bit DDR mode is selected. The default
mode is the TBI.
LOS
26
O
Loss of signal. Indicates a loss of signal on the high-speed differential inputs RXP and RXN.
If magnitude of RXP−RXN > 150 mV, LOS = 1, valid input signal
If magnitude of RXP−RXN < 150 mV and > 50 mV, LOS is undefined
If magnitude of RXP−RXN < 50 mV, LOS = 0, loss of signal
RBCMODE
32
I
P/D
Receive clock mode select. When RBCMODE and MODESEL are low, half-rate clocks are output on
RBC0 and RBC1. When MODESEL is low and RBCMODE is high, a full baud-rate clock is output on
RBC0 and RBC1 is held low. When MODESEL is high, RBCMODE is ignored and a full baud-rate clock is
output on RBC0 and RBC1 is held low.
P/D = Internal pulldown


Similar Part No. - TLK1201RCP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1201RCP TI-TLK1201RCP Datasheet
279Kb / 19P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201RCP TI1-TLK1201RCP Datasheet
1Mb / 25P
[Old version datasheet]   ETHERNET TRANSCEIVERS
More results

Similar Description - TLK1201RCP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1211 TI1-TLK1211 Datasheet
412Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK2201A TI-TLK2201A Datasheet
348Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201 TI-TLK1201 Datasheet
279Kb / 19P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK2201B TI-TLK2201B Datasheet
340Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201ARCP TI-TLK1201ARCP Datasheet
272Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201A TI1-TLK1201A Datasheet
790Kb / 23P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK2211 TI-TLK2211 Datasheet
551Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK2201B TI1-TLK2201B_13 Datasheet
1Mb / 24P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201RCP TI1-TLK1201RCP Datasheet
1Mb / 25P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK2201 TI-TLK2201 Datasheet
263Kb / 19P
[Old version datasheet]   ETHERNET TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com