Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBF4391 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MMBF4391
Description  N-Channel Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBF4391 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MMBF4391 Datasheet HTML 1Page - Fairchild Semiconductor MMBF4391 Datasheet HTML 2Page - Fairchild Semiconductor MMBF4391 Datasheet HTML 3Page - Fairchild Semiconductor MMBF4391 Datasheet HTML 4Page - Fairchild Semiconductor MMBF4391 Datasheet HTML 5Page - Fairchild Semiconductor MMBF4391 Datasheet HTML 6Page - Fairchild Semiconductor MMBF4391 Datasheet HTML 7Page - Fairchild Semiconductor MMBF4391 Datasheet HTML 8Page - Fairchild Semiconductor MMBF4391 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
5
Electrical Characteristics
TA = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Max
Units
OFF CHARACTERISTICS
ON CHARACTERISTICS
IDSS
Zero-Gate Voltage Drain Current*
VDS = 20 V, VGS = 0
4391
4392
4393
50
25
5.0
150
75
30
mA
mA
mA
VDS(on)
Drain-Source On Voltage
ID = 12 mA, VGS = 0
4391
ID = 6.0 mA, VGS = 0
4392
ID = 3.0 mA, VGS = 0
4393
0.4
0.4
0.4
V
V
V
rDS(on)
Drain-Source On Resistance
ID = 1.0 mA, VGS = 0
4391
4392
4393
30
60
100
SMALL-SIGNAL CHARACTERISTICS
rds(on)
Drain-Source On Resistance
VDS = VGS = 0, f= 1.0 kHz
4391
4392
4393
30
60
100
Ciss
Input Capacitance
VDS = 20, VGS = 0, f = 1.0 MHz
14
pF
Crss
Reverse Transfer Capacitance
VGS = - 12 V, f = 1.0 MHz
4391
VGS = - 7.0 V, f = 1.0 MHz
4392
VGS = - 5.0 V, f = 1.0 MHz
4393
3.5
3.5
3.5
pF
pF
pF
SWITCHING CHARACTERISTICS
tr
Rise Time
ID(on) = 12 mA
4391
ID(on) = 6.0 mA
4392
ID(on) = 3.0 mA
4393
5.0
5.0
5.0
ns
ns
ns
tf
Fall Time
VGS(off) = 12 V
4391
VGS(off) = 6.0 V
4392
VGS(off) = 3.0 V
4393
15
20
30
ns
ns
ns
ton
Turn-On Time
ID(on) = 12 mA
4391
ID(on) = 6.0 mA
4392
ID(on) = 3.0 mA
4393
15
15
15
ns
ns
ns
toff
Turn-Off Time
VGS(off) = 12 V
4391
VGS(off) = 6.0 V
4392
VGS(off) = 3.0 V
4393
20
35
50
ns
ns
ns
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 1.0%
V(BR)GSS
Gate-Source Breakdown Voltage
IG = 1.0
µA, VDS = 0
- 30
V
IGSS
Gate Reverse Current
VGS = - 15 V, VDS = 0
VGS = - 15 V, VDS = 0, TA = 150
°C
- 1.0
- 0.2
nA
µA
VGS(off)
Gate-Source Cutoff Voltage
VDS = 20 V, ID = 1.0 nA
4391
4392
4393
- 4.0
- 2.0
- 0.5
- 10
- 5.0
- 3.0
V
V
V
VGS(f)
Gate-Source Forward Voltage
IG = 1.0 mA, VDS = 0
1.0
V
ID(off)
Drain Cutoff Leakage Current
VDS = 20 V, VGS = - 12 V
4391
VDS = 20 V, VGS = - 7.0 V
4392
VDS = 20 V, VGS = - 5.0 V
4393
VDS= 20 V, VGS= - 12 V,
TA = 150
°C
4391
VDS = 20 V, VGS = - 7.0 V,
TA = 150
°C
4392
VDS = 20 V, VGS = - 5.0 V,
TA = 150
°C
4393
0.1
0.1
0.1
0.2
0.2
0.2
nA
nA
nA
µA
µA
µA
N-Channel Switch
(continued)


Similar Part No. - MMBF4391

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBF4391L ONSEMI-MMBF4391L Datasheet
180Kb / 6P
   JFET Switching Transistors
October, 2016 ??Rev. 12
logo
Motorola, Inc
MMBF4391LT1 MOTOROLA-MMBF4391LT1 Datasheet
139Kb / 6P
   JFET Switching Transistors
logo
ON Semiconductor
MMBF4391LT1 ONSEMI-MMBF4391LT1 Datasheet
90Kb / 6P
   JFET Switching Transistors
September, 2004 ??Rev. 4
MMBF4391LT1 ONSEMI-MMBF4391LT1 Datasheet
82Kb / 6P
   JFET Switching Transistors N-Channel
January, 2006 ??Rev. 5
MMBF4391LT1G ONSEMI-MMBF4391LT1G Datasheet
90Kb / 6P
   JFET Switching Transistors
September, 2004 ??Rev. 4
More results

Similar Description - MMBF4391

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
J105 FAIRCHILD-J105_01 Datasheet
482Kb / 12P
   N-Channel Switch
PN4091 FAIRCHILD-PN4091 Datasheet
55Kb / 3P
   N-Channel Switch
PN5432 FAIRCHILD-PN5432 Datasheet
300Kb / 7P
   N-Channel Switch
U1898 FAIRCHILD-U1898 Datasheet
26Kb / 3P
   N-Channel Switch
MMBFJ110 FAIRCHILD-MMBFJ110_11 Datasheet
183Kb / 5P
   N-Channel Switch
J109D27Z FAIRCHILD-J109D27Z Datasheet
135Kb / 7P
   N-Channel Switch
logo
ON Semiconductor
J109 ONSEMI-J109 Datasheet
1Mb / 8P
   N-Channel Switch
October-2017, Rev. 3
logo
Fairchild Semiconductor
MMBF5434 FAIRCHILD-MMBF5434 Datasheet
73Kb / 4P
   N-Channel Switch
MMBFJ108 FAIRCHILD-MMBFJ108 Datasheet
169Kb / 7P
   N-Channel Switch
PF5103 FAIRCHILD-PF5103 Datasheet
151Kb / 6P
   N-Channel Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com