Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2542ID Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2542ID
Description  2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2542ID Datasheet(HTML) 4 Page - Texas Instruments

  TLV2542ID Datasheet HTML 1Page - Texas Instruments TLV2542ID Datasheet HTML 2Page - Texas Instruments TLV2542ID Datasheet HTML 3Page - Texas Instruments TLV2542ID Datasheet HTML 4Page - Texas Instruments TLV2542ID Datasheet HTML 5Page - Texas Instruments TLV2542ID Datasheet HTML 6Page - Texas Instruments TLV2542ID Datasheet HTML 7Page - Texas Instruments TLV2542ID Datasheet HTML 8Page - Texas Instruments TLV2542ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
TLV2541, TLV2542, TLV2545
2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS,
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
SLAS245E −MARCH 2000 − REVISED APRIL 2010
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
detailed description (continued)
GND/AIN(−)
ADC Code
AIN
Charge
Redistribution
DAC
Control
Logic
_
+
Figure 1. Simplified SAR Circuit
serial interface
OUTPUT DATA FORMAT
MSB
LSB
D15−D4
D3−D0
Conversion result (OD11−OD0)
Don’t care
The output data format is binary (unipolar straight binary).
binary
Zero-scale code = 000h, Vcode = GND
Full-scale code = FFFh, Vcode = VREF − 1 LSB
pseudo-differential inputs
The TLV2545 operates in pseudo-differential mode. The inverted input is available on pin 5. It can have a
maximum input ripple of ±0.2 V. This is normally used for ground noise rejection.
control and timing
start of the cycle
Each cycle may be started by either CS, FS, or a combination of both. The internal state machine requires one
SCLK high-to-low transition to determine the state of these control signals so internal blocks can be powered
up in an active cycle. Special care to SPI mode is necessary. Make sure there is at least one SCLK whenever
CS (pin 1) is high to ensure proper operation.
TLV2541
D Control via CS ( FS = 1 at the falling edge of CS)—The falling edge of CS is the start of the cycle. The MSB
should be read on the first falling SCLK edge after CS is low. Output data changes on the rising edge of
SCLK. This is typically used for a microcontroller with an SPI interface, although it can also be used for a
DSP. The microcontroller SPI interface should be programmed for CPOL = 0 (serial clock referenced to
ground) and CPHA = 1 (data is valid on the falling edge of the serial clock). At least one falling edge transition
on SCLK is needed whenever CS is brought high.
D Control via FS (CS is tied/held low)—The MSB is presented after the rising edge of FS. The falling edge
of FS is the start of the cycle. The MSB should be read on the first falling edge of SCLK after FS is low. This
is the typical configuration when the ADC is the only device on the DSP serial port.


Similar Part No. - TLV2542ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2542ID TI-TLV2542ID Datasheet
426Kb / 26P
[Old version datasheet]   2.7 V TO 5.5 V, LOW POWER, 12-BIT, 200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2542IDG4 TI1-TLV2542IDG4 Datasheet
1Mb / 33P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2542IDGK TI-TLV2542IDGK Datasheet
426Kb / 26P
[Old version datasheet]   2.7 V TO 5.5 V, LOW POWER, 12-BIT, 200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2542IDGK TI1-TLV2542IDGK Datasheet
1Mb / 33P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2542IDGKG4 TI1-TLV2542IDGKG4 Datasheet
1Mb / 33P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
More results

Similar Description - TLV2542ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2541IDR TI-TLV2541IDR Datasheet
1Mb / 30P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI1-TLV2541_14 Datasheet
1Mb / 33P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI-TLV2541 Datasheet
426Kb / 26P
[Old version datasheet]   2.7 V TO 5.5 V, LOW POWER, 12-BIT, 200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544Q TI1-TLV2544Q Datasheet
623Kb / 37P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV2544Q TI-TLV2544Q_07 Datasheet
863Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLC2551 TI-TLC2551 Datasheet
365Kb / 23P
[Old version datasheet]   5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544 TI-TLV2544 Datasheet
648Kb / 39P
[Old version datasheet]   2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2544 TI1-TLV2544_16 Datasheet
1Mb / 49P
[Old version datasheet]   2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2548-EP TI1-TLV2548-EP Datasheet
1Mb / 38P
[Old version datasheet]   3.0-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTOPOWER-DOWN
TLV5616 TI1-TLV5616_12 Datasheet
845Kb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com