Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2542ID Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2542ID
Description  2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2542ID Datasheet(HTML) 1 Page - Texas Instruments

  TLV2542ID Datasheet HTML 1Page - Texas Instruments TLV2542ID Datasheet HTML 2Page - Texas Instruments TLV2542ID Datasheet HTML 3Page - Texas Instruments TLV2542ID Datasheet HTML 4Page - Texas Instruments TLV2542ID Datasheet HTML 5Page - Texas Instruments TLV2542ID Datasheet HTML 6Page - Texas Instruments TLV2542ID Datasheet HTML 7Page - Texas Instruments TLV2542ID Datasheet HTML 8Page - Texas Instruments TLV2542ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
TLV2541, TLV2542, TLV2545
2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS,
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
SLAS245E −MARCH 2000 − REVISED APRIL 2010
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D Maximum Throughput . . . 140/200 KSPS
D Built-In Conversion Clock
D INL/DNL: ±1 LSB Max, SINAD: 72 dB,
SFDR: 85 dB, fi = 20 kHz
D SPI/DSP-Compatible Serial Interface
D Single Supply: 2.7 Vdc to 5.5 Vdc
D Rail-to-Rail Analog Input With 500 kHz BW
D Three Options Available:
− TLV2541: Single Channel Input
− TLV2542: Dual Channels With
Autosweep
− TLV2545: Single Channel With
Pseudo-Differential Input
D Low Power With Autopower Down
− Operating Current: 1 mA at 2.7 V, 1.5 mA
at 5 V
Autopower Down: 2 μA at 2.7 V, 5 μA
at 5 V
D Small 8-Pin MSOP and SOIC Packages
TOP VIEW
TLV2541
1
2
3
4
8
7
6
5
CS
VREF
GND
AIN
SDO
FS
VDD
SCLK
1
2
3
4
8
7
6
5
CS
VREF
GND
AIN0
SDO
SCLK
VDD
AIN1
1
2
3
4
8
7
6
5
CS
VREF
GND
AIN(+)
SDO
SCLK
VDD
AIN(−)
TOP VIEW
TLV2542
TOP VIEW
TLV2545
description
The TLV2541, TLV2542, and TLV2545 are a family of high performance, 12-bit, low power, miniature, CMOS
analog-to-digital converters (ADC). The TLV254x family operates from a single 2.7-V to 5.5-V supply. Devices
are available with single, dual, or single pseudo-differential inputs. Each device has a chip select (CS), serial
clock (SCLK), and serial data output (SDO) that provides a direct 3-wire interface to the serial port of most
popular host microprocessors (SPI interface). When interfaced with a TMS320t DSP, a frame sync signal (FS)
can be used to indicate the start of a serial data frame on CS for all devices or FS for the TLV2541.
TLV2541, TLV2542, and TLV2545 are designed to operate with very low power consumption. The power saving
feature is further enhanced with an autopower-down mode. This product family features a high-speed serial link
to modern host processors with SCLK up to 20 MHz. The maximum SCLK frequency is dependent upon the
mode of operation (see Table 1). The TLV254x family uses the built-in oscillator as the conversion clock,
providing a 3.5-μs conversion time.
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
8-MSOP
(DGK)
8-SOIC
(D)
TLV2541CDGK (AGZ)
0°C to 70°C
TLV2542CDGK (AHB)
0 C to 70 C
TLV2545CDGK (AHD)
TLV2541IDGK (AHA)
TLV2541ID
−40°C to 85°C
TLV2542IDGK (AHC)
TLV2542ID
40 C to 85 C
TLV2545IDGK (AHE)
TLV2545ID
Copyright © 2000 − 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TMS320 is a trademark of Texas Instruments.


Similar Part No. - TLV2542ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2542ID TI-TLV2542ID Datasheet
426Kb / 26P
[Old version datasheet]   2.7 V TO 5.5 V, LOW POWER, 12-BIT, 200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2542IDG4 TI1-TLV2542IDG4 Datasheet
1Mb / 33P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2542IDGK TI-TLV2542IDGK Datasheet
426Kb / 26P
[Old version datasheet]   2.7 V TO 5.5 V, LOW POWER, 12-BIT, 200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2542IDGK TI1-TLV2542IDGK Datasheet
1Mb / 33P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2542IDGKG4 TI1-TLV2542IDGKG4 Datasheet
1Mb / 33P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
More results

Similar Description - TLV2542ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2541IDR TI-TLV2541IDR Datasheet
1Mb / 30P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI1-TLV2541_14 Datasheet
1Mb / 33P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI-TLV2541 Datasheet
426Kb / 26P
[Old version datasheet]   2.7 V TO 5.5 V, LOW POWER, 12-BIT, 200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544Q TI1-TLV2544Q Datasheet
623Kb / 37P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV2544Q TI-TLV2544Q_07 Datasheet
863Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLC2551 TI-TLC2551 Datasheet
365Kb / 23P
[Old version datasheet]   5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544 TI-TLV2544 Datasheet
648Kb / 39P
[Old version datasheet]   2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2544 TI1-TLV2544_16 Datasheet
1Mb / 49P
[Old version datasheet]   2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2548-EP TI1-TLV2548-EP Datasheet
1Mb / 38P
[Old version datasheet]   3.0-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTOPOWER-DOWN
TLV5616 TI1-TLV5616_12 Datasheet
845Kb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com