Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2731CDBVTG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV2731CDBVTG4
Description  Advanced LinCMOS RAIL-TO-RAIL
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2731CDBVTG4 Datasheet(HTML) 5 Page - Texas Instruments

  TLV2731CDBVTG4 Datasheet HTML 1Page - Texas Instruments TLV2731CDBVTG4 Datasheet HTML 2Page - Texas Instruments TLV2731CDBVTG4 Datasheet HTML 3Page - Texas Instruments TLV2731CDBVTG4 Datasheet HTML 4Page - Texas Instruments TLV2731CDBVTG4 Datasheet HTML 5Page - Texas Instruments TLV2731CDBVTG4 Datasheet HTML 6Page - Texas Instruments TLV2731CDBVTG4 Datasheet HTML 7Page - Texas Instruments TLV2731CDBVTG4 Datasheet HTML 8Page - Texas Instruments TLV2731CDBVTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TLV2731, TLV2731Y
Advanced LinCMOS
 RAIL-TO-RAIL
LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
SLOS198A – AUGUST 1997 – REVISED MARCH 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLV2731C
TLV2731I
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
V
V
V
0.7
3
0.7
3
mV
αVIO
Temperature
coefficient of input
V
V
V
Full range
05
05
µV/°C
αVIO
coefficient of input
offset voltage
V
V
V
0.5
0.5
µV/°C
Input offset voltage
long-term drift
(see Note 4)
VDD
± = ±1.5 V,
VO = 0,
VIC = 0,
RS = 50 Ω
25
°C
0.003
0.003
µV/mo
IIO
Input offset current
25
°C
0.5
60
0.5
60
pA
IIO
Input offset current
Full range
150
150
pA
IIB
Input bias current
25
°C
1
60
1
60
pA
IIB
Input bias current
Full range
150
150
pA
–03
–03
25
°C
0 to 2
–0.3
to 2 2
0 to 2
–0.3
to 2 2
VICR
Common-mode input
RS =50 Ω
|VIO| ≤5mV
25 C
0 to 2
to 2.2
0 to 2
to 2.2
V
VICR
voltage range
RS = 50 Ω,
|VIO| ≤5 mV
0to
0to
V
voltage range
Full range
0 to
17
0 to
17
Full range
1.7
1.7
Hi h l
l
t
t
IOH = – 1 mA
25
°C
2.87
2.87
VOH
High-level output
voltage
IOH = 2mA
25
°C
2.74
2.74
V
voltage
IOH = – 2 mA
Full range
2.3
2.3
Lll
t
t
VIC = 1.5 V,
IOL = 50 µA
25
°C
10
10
VOL
Low-level output
voltage
VIC =1 5V
IOL = 500 µA
25
°C
100
100
mV
voltage
VIC = 1.5 V,
IOL = 500 µA
Full range
300
300
Large-signal
V1 5 V
R
600
Ω‡
25
°C
1
1.6
1
1.6
AVD
Large signal
differential voltage
VIC = 1.5 V,
VO =1Vto2V
RL = 600 Ω‡
Full range
0.3
0.3
V/mV
VD
amplification
VO = 1 V to 2 V
RL = 1 Mه
25
°C
250
250
rid
Differential input
resistance
25
°C
1012
1012
ric
Common-mode input
resistance
25
°C
1012
1012
cic
Common-mode input
capacitance
f = 10 kHz
25
°C
6
6
pF
zo
Closed-loop output
impedance
f = 1 MHz,
AV = 1
25
°C
156
156
CMRR
Common-mode
VIC = 0 to 1.7 V,
25
°C
60
70
60
70
dB
CMRR
rejection ratio
IC
,
VO = 1.5 V,
RS = 50 Ω
Full range
55
55
dB
kSVR
Supply voltage
rejection ratio
VDD = 2.7 V to 8 V,
25
°C
70
96
70
96
dB
kSVR
rejection ratio
(
∆VDD /∆VIO)
DD
,
VIC = VDD /2,
No load
Full range
70
70
dB
IDD
Supply current
VO =1 5V
No load
25
°C
750
1200
750
1200
µA
IDD
Supply current
VO = 1.5 V,
No load
Full range
1500
1500
µA
† Full range for the TLV2731C is 0
°C to 70°C. Full range for the TLV2731I is – 40°C to 85°C.
‡ Referenced to 1.5 V
NOTE 4: Typical values are based on the input offset voltage shift observed through 500 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.


Similar Part No. - TLV2731CDBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2731CDBV TI-TLV2731CDBV Datasheet
631Kb / 28P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2731CDBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A_07 Datasheet
678Kb / 34P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPWEATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272M-MIL TI1-TLC2272M-MIL Datasheet
1Mb / 36P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifier
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272AM-MIL TI1-TLC2272AM-MIL Datasheet
925Kb / 32P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifier
TLC2274AM-MIL TI1-TLC2274AM-MIL Datasheet
1Mb / 33P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com