Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV62130RGTT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62130RGTT
Description  4-17V 3A Step-Down Converter with DCS-Control
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62130RGTT Datasheet(HTML) 1 Page - Texas Instruments

  TLV62130RGTT Datasheet HTML 1Page - Texas Instruments TLV62130RGTT Datasheet HTML 2Page - Texas Instruments TLV62130RGTT Datasheet HTML 3Page - Texas Instruments TLV62130RGTT Datasheet HTML 4Page - Texas Instruments TLV62130RGTT Datasheet HTML 5Page - Texas Instruments TLV62130RGTT Datasheet HTML 6Page - Texas Instruments TLV62130RGTT Datasheet HTML 7Page - Texas Instruments TLV62130RGTT Datasheet HTML 8Page - Texas Instruments TLV62130RGTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
22uF
3.3V / 3A
10uF
(4 .. 17)V
3.3nF
TLV62130
750k
240k
PVIN
AVIN
EN
SS/TR
DEF
FSW
SW
VOS
PG
FB
AGND
PGND
100k
1 / 2.2 µH
TLV62130, TLV62130A
www.ti.com
SLVSB74B – FEBRUARY 2012 – REVISED JUNE 2013
4-17V 3A Step-Down Converter with DCS-ControlTM
Check for Samples: TLV62130, TLV62130A
1
FEATURES
DESCRIPTION
The TLV62130 is an easy to use synchronous step
2
DCS-Control ™Topology
down DC-DC converter optimized for applications
Input Voltage Range: 4 to 17V
with high power density. A high switching frequency
Up to 3A Output Current
of typically 2.5MHz allows the use of small inductors
and provides fast transient response as well as high
Adjustable Output Voltage from 0.9 to 5V
output voltage accuracy by utilization of the DCS-
Pin-Selectable Output Voltage (nominal, + 5%)
Control™ topology.
Programmable Soft Start and Tracking
With its wide operating input voltage range of 4V to
Seamless Power Save Mode Transition
17V, the devices are ideally suited for systems
Quiescent Current of 19µA (typ.)
powered from either a Li-Ion or other batteries as well
as from 12V intermediate power rails. It supports up
Selectable Operating Frequency
to 3A continuous output current at output voltages
Power Good Output
between 0.9V and 5V (with 100% duty cycle mode).
100% Duty Cycle Mode
The output voltage startup ramp is controlled by the
Short Circuit Protection
soft-start pin, which allows operation as either a
Over Temperature Protection
standalone power supply or in tracking configurations.
Power sequencing is also possible by configuring the
For Improved Feature Set, see TPS62130
Enable and open-drain Power Good pins.
Available in a 3 × 3 mm, QFN-16 Package
In Power Save Mode, the devices show quiescent
current of about 19
μA from VIN. Power Save Mode,
APPLICATIONS
entered automatically and seamlessly if load is small,
Standard 12V Rail Supplies
maintains high efficiency over the entire load range.
POL Supply from Single or Multiple Li-Ion
In Shutdown Mode, the device is turned off and
Battery
shutdown current consumption is less than 2
μA.
Embedded Systems
The device is packaged in a 16-pin QFN package
measuring 3 × 3 mm (RGT).
LDO replacement
Mobile PC's, Tablet, Modems, Cameras
spacing
Figure 1. Typical Application and Efficiency
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DCS-Control is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV62130RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62130RGTT TI1-TLV62130RGTT Datasheet
1Mb / 32P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
More results

Similar Description - TLV62130RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62130 TI-TLV62130_13 Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62130 TI1-TLV62130 Datasheet
1Mb / 32P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62150ARGTR TI-TLV62150ARGTR Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
TLV62150 TI1-TLV62150_14 Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
TLV62150 TI1-TLV62150 Datasheet
1Mb / 31P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control?
TPS62170 TI1-TPS62170 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TPS62090 TI1-TPS62090_14 Datasheet
1Mb / 29P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
TLV62090 TI1-TLV62090 Datasheet
1,017Kb / 23P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
TPS62090 TI1-TPS62090 Datasheet
1Mb / 26P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
TPS62090 TI-TPS62090_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6209x 3A High Efficient Synchronous Step Down Converter with DCS??Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com